công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD5339 bảng dữ liệu(PDF) 4 Page - Analog Devices |
|
AD5339 bảng dữ liệu(HTML) 4 Page - Analog Devices |
4 / 28 page AD5337/AD5338/AD5339 Rev. C | Page 4 of 28 A Grade1 B Grade1 Parameter2 Min Typ Max Min Typ Max Unit Conditions/Comments LOGIC INPUTS (A0)5 Input Current ±1 ±1 μA Input Low Voltage (VIL) 0.8 0.8 V VDD = 5 V ± 10% 0.6 0.6 V VDD = 3 V ± 10% 0.5 0.5 V VDD = 2.5 V Input High Voltage (VIH) 2.4 2.4 V VDD = 5 V ± 10% 2.1 2.1 V VDD = 3 V ± 10% 2.0 2.0 V VDD = 2.5 V Pin Capacitance 3 3 pF LOGIC INPUTS (SCL, SDA)5 Input High Voltage (VIH) 0.7 × VDD VDD + 0.3 0.7 × VDD VDD + 0.3 V SMBus compatible at VDD < 3.6 V Input Low Voltage (VIL) −0.3 +0.3 VDD –0.3 +0.3 VDD V SMBus compatible at VDD < 3.6 V Input Leakage Current (IIN) ±1 ±1 μA Input Hysteresis (VHYST) 0.05 × VDD 0.05 × VDD V Input Capacitance (CIN) 8 8 pF Glitch Rejection 50 50 ns Input filtering suppresses noise spikes of less than 50 ns LOGIC OUTPUT (SDA)5 Output Low Voltage (VOL) 0.4 0.4 V ISINK = 3 mA 0.6 0.6 V ISINK = 6 mA Three-State Leakage Current ±1 ±1 μA Three-State Output Capacitance 8 8 pF POWER REQUIREMENTS VDD 2.5 5.5 2.5 5.5 V IDD (Normal Mode)7 VIH = VDD and VIL = GND VDD = 4.5 V to 5.5 V 300 375 300 375 μA VDD = 2.5 V to 3.6 V 250 350 250 350 μA IDD (Power-Down Mode) VIH = VDD and VIL = GND VDD = 4.5 V to 5.5 V 0.2 1.0 0.2 1.0 μA IDD = 4 μA (max) during 0 readback on SDA VDD = 2.5 V to 3.6 V 0.08 1.00 0.08 1.00 μA IDD = 1.5 μA (max) during 0 readback on SDA 1 Temperature range for A Version and B Version: −40°C to +105°C; typical at 25°C. 2 See the Terminology section for explanations of the specific parameters. 3 DC specifications tested with the outputs unloaded. 4 Linearity is tested using a reduced code range: AD5337 (Code 8 to Code 248), AD5338, AD5338-1 (Code 28 to Code 995), AD5339 (Code 115 to Code 3981). 5 Guaranteed by design and characterization; not production tested. 6 For the amplifier output to reach its minimum voltage, offset error must be negative; to reach its maximum voltage, VREF = VDD and offset plus gain error must be positive. 7 IDD specification is valid for all DAC codes. Interface inactive. All DACs active and excluding load currents. |
Số phần tương tự - AD5339_15 |
|
Mô tả tương tự - AD5339_15 |