công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P-8630 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers |
|
P-8630 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 1 page www.stancor.com Step-Down Auto Transformers 230 to 115 Volts ELECTROCUTION HAZARD Disconnect electric power to system at main fuse or circuit breaker box before servicing. Failure to do so could result in death or serious injury. FIRE HAZARD Do not exceed transformer ratings. Higher voltage may damage control and could cause personal injury or property damage. WARNING ! NOTES: 1. All dimensions in inches, unless otherwise specified. 2. All dimensions ±.062, unless otherwise specified. 3. Plug cord 5 1/2 feet long min. 4. Receptacle cord 8 inches long min. PART NO. 37-6200C Replaces 37-6200B 0837 INPUT: OUTPUT: INSULATION RATING: TEMPERATURE RISE: DIELECTRIC STRENGTH: 230VAC, 50/60Hz 115 VAC (See Output Amp rating & VA Capacity in table below) Class A (105˚C) 65˚C Max. rise over 40˚C Max. ambient 1500 VRMS RECEPTACLE NEMA 5-15R GND. GND. 2 1' D MAX. H MAX. MD INPUT PLUG NEMA 6-15P 1 3 MW W MAX. MS ±.031 (4 PLACES) 230V 115V COM COM INPUT LINE CORD GROUND OUTPUT LINE CORD GROUND 3 2 1 1' VIN CORD & PLUG SET VOUT CORD & RECEPTACLE SET SCHEMATIC DIAGRAM STANCOR Output V.A. Dimensions - Inches Wt. Part No. Amps Cap. H W D MW MD MS Lbs. P-6287 0.35 40 3.19 2.56 2.75 2.00 1.75 .203 X .687 2.20 GSD-75 0.65 75 3.19 2.56 2.88 2.00 1.75 .203 X .687 3.00 P-8630 0.74 85 3.19 2.56 2.88 2.00 1.75 .203 X .687 2.50 GSD-100 0.87 100 3.19 2.56 3.25 2.00 2.06 .203 X .687 3.70 P-8631 1.10 125 3.19 2.56 3.13 2.00 2.06 .203 X .687 3.00 GSD-150 1.30 150 3.94 3.19 3.25 2.50 2.22 .203 X .750 4.40 P-8632 1.74 200 3.94 3.19 3.25 2.50 2.25 .203 X .750 4.20 GSD-250 2.20 250 3.94 3.19 3.63 2.50 2.22 .203 X .750 5.80 GSD-300 2.60 300 3.94 3.19 3.63 2.50 2.22 .203 X .750 5.80 GSD-350 3.00 350 3.94 3.19 4.31 2.50 2.72 .203 X .750 7.30 P-8634 3.50 400 3.94 3.19 4.25 2.50 2.72 .203 X .750 7.00 GSD-500 4.30 500 4.69 3.81 4.44 3.00 3.19 .203 X .500 10.6 GSD-750 6.50 750 4.69 3.81 5.38 3.00 3.94 .203 X .750 14.4 GSD-1000 8.70 1000 4.69 3.81 6.06 3.00 4.69 .203 X .750 17.0 GSD-1500 13.0 1500 5.44 4.44 6.00 3.50 4.00 .203 X .750 20.0 |
Số phần tương tự - P-8630 |
|
Mô tả tương tự - P-8630 |