công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7429FCT53ATEB bảng dữ liệu(PDF) 6 Page - Integrated Device Technology

tên linh kiện 7429FCT53ATEB
Giải thích chi tiết về linh kiện  FAST CMOS OCTAL REGISTERED TRANSCEIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

7429FCT53ATEB bảng dữ liệu(HTML) 6 Page - Integrated Device Technology

  7429FCT53ATEB Datasheet HTML 1Page - Integrated Device Technology 7429FCT53ATEB Datasheet HTML 2Page - Integrated Device Technology 7429FCT53ATEB Datasheet HTML 3Page - Integrated Device Technology 7429FCT53ATEB Datasheet HTML 4Page - Integrated Device Technology 7429FCT53ATEB Datasheet HTML 5Page - Integrated Device Technology 7429FCT53ATEB Datasheet HTML 6Page - Integrated Device Technology 7429FCT53ATEB Datasheet HTML 7Page - Integrated Device Technology 7429FCT53ATEB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IDT29FCT52AT/BT/CT/DT, IDT29FCT/2052AT/BT/CT, IDT29FCT53AT/BT/CT
FAST CMOS OCTAL REGISTERED TRANSCEIVERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.1
6
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
29FCT52AT/53AT
29FCT2052AT
29FCT52BT/53BT
29FCT2052BT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
CPA, CPB to An, Bn
CL = 50pF
RL = 500
2.0
10.0
2.0
11.0
2.0
7.5
2.0
8.0
ns
tPZH
tPZL
Output Enable Time
OEA or OEB to An, Bn
1.5
10.5
1.5
13.0
1.5
8.0
1.5
8.5
ns
tPHZ
tPLZ
Output Disable Time
OEA or OEB to An, Bn
1.5
10.0
1.5
10.0
1.5
7.5
1.5
8.0
ns
tSU
Set-up Time, HIGH or LOW
An, Bn to CPA, CPB
2.5
2.5
2.5
2.5
ns
tH
Hold Time, HIGH or LOW
An, Bn to CPA, CPB
2.0
2.0
1.5
1.5
ns
tSU
Set-up Time, HIGH or LOW
CEA, CEB to CPA, CPB
3.0
3.0
3.0
3.0
ns
tH
Hold Time, HIGH or LOW
CEA, CEB to CPA, CPB
2.0
2.0
2.0
2.0
ns
tW
Clock Pulse Width HIGH or
LOW(3)
3.0
3.0
3.0
3.0
ns
2629 tbl 10
NOTES:
2629 tbl 11
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not tested.
29FCT52CT/53CT
29FCT2052CT
29FCT52DT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
CPA, CPB to An, Bn
CL = 50pF
RL = 500
2.0
6.3
2.0
7.3
2.0
4.5
ns
tPZH
tPZL
Output Enable Time
OEA or OEB to An, Bn
1.5
7.0
1.5
8.0
1.5
5.6
ns
tPHZ
tPLZ
Output Disable Time
OEA or OEB to An, Bn
1.5
6.5
1.5
7.5
1.5
4.3
ns
tSU
Set-up Time, HIGH or LOW
An, Bn to CPA, CPB
2.5
2.5
1.5
ns
tH
Hold Time, HIGH or LOW
An, Bn to CPA, CPB
1.5
1.5
1.0
ns
tSU
Set-up Time, HIGH or LOW
CEA, CEB to CPA, CPB
3.0
3.0
2.0
ns
tH
Hold Time, HIGH or LOW
CEA, CEB to CPA, CPB
2.0
2.0
1.0
ns
tW
Clock Pulse Width HIGH or
LOW(3)
3.0
3.0
3.0
ns


Số phần tương tự - 7429FCT53ATEB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
7429FCT520ATD IDT-7429FCT520ATD Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
7429FCT520ATDB IDT-7429FCT520ATDB Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
7429FCT520ATE IDT-7429FCT520ATE Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
7429FCT520ATEB IDT-7429FCT520ATEB Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
7429FCT520ATL IDT-7429FCT520ATL Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
More results

Mô tả tương tự - 7429FCT53ATEB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pericom Semiconductor C...
PI74FCT646T PERICOM-PI74FCT646T Datasheet
84Kb / 7P
   Fast CMOS Octal Registered Transceivers
logo
Integrated Device Techn...
IDT29FCT52A IDT-IDT29FCT52A Datasheet
62Kb / 7P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com