công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD5304 bảng dữ liệu(PDF) 1 Page - Analog Devices |
|
AD5304 bảng dữ liệu(HTML) 1 Page - Analog Devices |
1 / 24 page 2.5 V to 5.5 V, 500 μA, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages Data Sheet AD5304/AD5314/AD5324 Rev. H Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2011 Analog Devices, Inc. All rights reserved. FEATURES AD5304: 4 buffered 8-Bit DACs in 10-lead MSOP and 10-lead LFCSP A, W Version: ±1 LSB INL, B Version: ±0.625 LSB INL AD5314: 4 buffered 10-Bit DACs in 10-lead MSOP and 10-lead LFCSP A, W Version: ±4 LSB INL, B Version: ±2.5 LSB INL AD5324: 4 buffered 12-Bit DACs in 10-lead MSOP and 10-lead LFCSP A, W Version: ±16 LSB INL, B Version: ±10 LSB INL Low power operation: 500 μA @ 3 V, 600 μA @ 5 V 2.5 V to 5.5 V power supply Guaranteed monotonic by design over all codes Power-down to 80 nA @ 3 V, 200 nA @ 5 V Double-buffered input logic Output range: 0 V to VREF Power-on reset to 0 V Simultaneous update of outputs (LDAC function) Low power-, SPI®-, QSPI™-, MICROWIRE™-, and DSP- compatible 3-wire serial interface On-chip, rail-to-rail output buffer amplifiers Temperature range −40°C to +105°C Qualified for automotive applications APPLICATIONS Portable battery-powered instruments Digital gain and offset adjustment Programmable voltage and current sources Programmable attenuators Industrial process controls GENERAL DESCRIPTION The AD5304/AD5314/AD53241 are quad 8-, 10-, and 12-bit buffered voltage output DACs in 10-lead MSOP and 10-lead LFCSP packages that operate from a single 2.5 V to 5.5 V supply, consuming 500 μA at 3 V. Their on-chip output amplifiers allow rail-to-rail output swing to be achieved with a slew rate of 0.7 V/μs. A 3-wire serial interface is used; it operates at clock rates up to 30 MHz and is compatible with standard SPI, QSPI, MICROWIRE, and DSP interface standards. The references for the four DACs are derived from one reference pin. The outputs of all DACs can be updated simultaneously using the software LDAC function. The parts incorporate a power-on reset circuit, and ensure that the DAC outputs power up to 0 V and remains there until a valid write takes place to the device. The parts contain a power-down feature that reduces the current consumption of the device to 200 nA @ 5 V (80 nA @ 3 V). The low power consumption of these parts in normal operation makes them ideally suited to portable battery-operated equipment. The power consumption is 3 mW at 5 V, 1.5 mW at 3 V, reducing to 1 μW in power-down mode. 1 Protected by U.S. Patent No. 5,969,657. FUNCTIONAL BLOCK DIAGRAM INPUT REGISTER DAC REGISTER STRING DAC A VOUTA BUFFER INPUT REGISTER DAC REGISTER STRING DAC B VOUTB BUFFER AD5304/AD5314/AD5324 INPUT REGISTER DAC REGISTER STRING DAC C VOUTC BUFFER INPUT REGISTER DAC REGISTER STRING DAC D VOUTD BUFFER REFIN VDD GND POWER-DOWN LOGIC POWER-ON RESET LDAC SCLK SYNC DIN Figure 1. |
Số phần tương tự - AD5304_15 |
|
Mô tả tương tự - AD5304_15 |