công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7429FCT52CTQ bảng dữ liệu(PDF) 1 Page - Integrated Device Technology

tên linh kiện 7429FCT52CTQ
Giải thích chi tiết về linh kiện  FAST CMOS OCTAL REGISTERED TRANSCEIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

7429FCT52CTQ bảng dữ liệu(HTML) 1 Page - Integrated Device Technology

  7429FCT52CTQ Datasheet HTML 1Page - Integrated Device Technology 7429FCT52CTQ Datasheet HTML 2Page - Integrated Device Technology 7429FCT52CTQ Datasheet HTML 3Page - Integrated Device Technology 7429FCT52CTQ Datasheet HTML 4Page - Integrated Device Technology 7429FCT52CTQ Datasheet HTML 5Page - Integrated Device Technology 7429FCT52CTQ Datasheet HTML 6Page - Integrated Device Technology 7429FCT52CTQ Datasheet HTML 7Page - Integrated Device Technology 7429FCT52CTQ Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated Device Technology, Inc.
FAST CMOS
OCTAL REGISTERED
TRANSCEIVERS
IDT29FCT52AT/BT/CT/DT
IDT29FCT2052AT/BT/CT
IDT29FCT53AT/BT/CT
1
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• Common features:
Low input and output leakage
≤1µA (max.)
CMOS power levels
True TTL input and output compatibility
– VOH = 3.3V (typ.)
– VOL = 0.3V (typ.)
Meets or exceeds JEDEC standard 18 specifications
Product available in Radiation Tolerant and Radiation
Enhanced versions
Military product compliant to MIL-STD-883, Class B
and DESC listed (dual marked)
Available in DIP, SOIC, SSOP, QSOP, CERPACK
and LCC packages
• Features for 29FCT52/29FCT53T:
A, B, C and D speed grades
High drive outputs (-15mA IOH, 64mA IOL)
Power off disable outputs permit “live insertion”
• Features for 29FCT2052T:
A, B and C speed grades
Resistor outputs
(-15mA IOH, 12mA IOL Com.)
(-12mA IOH, 12mA IOL Mil.)
Reduced system switching noise
DESCRIPTION:
The IDT29FCT52AT/BT/CT/DT and IDT29FCT53AT/BT/
CT are 8-bit registered transceivers built using an advanced
dual metal CMOS technology. Two 8-bit back-to-back regis-
ters store data flowing in both directions between two bidirec-
tional buses. Separate clock, clock enable and 3-state output
enable signals are provided for each register. Both A outputs
and B outputs are guaranteed to sink 64mA.
The IDT29FCT52AT/BT/CT/DT and IDT29FCT2052AT/BT/
CT are non-inverting options of the IDT29FCT53AT/BT/CT.
The IDT29FCT2052AT/BT/CT has balanced drive outputs
with current limiting resistors. This offers low ground bounce,
minimal undershoot and controlled output fall times-reducing
the need for external series terminating resistors.
The
IDT29FCT2052T part is a plug-in replacement for
IDT29FCT52T part.
FUNCTIONAL BLOCK DIAGRAM
(1)
CPA
A0
2629 drw 01
CEA
A1
A2
A3
A4
A5
A6
A7
B0
OEB
B1
B2
B3
B4
B5
B6
B7
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
D0
D1
D2
D3
D4
D5
D6
D7
CE CP
A
Reg.
D0
D1
D2
D3
D4
D5
D6
D7
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7 CE CP
B
Reg.
OEA
CPB
CEB
NOTE:
1. IDT29FCT52T/IDT29FCT2052T function is shown. IDT29FCT53T is
the inverting option.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
JUNE 1995
©1995 Integrated Device Technology, Inc.
6.1
DSC-4224/5


Số phần tương tự - 7429FCT52CTQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
7429FCT520ATD IDT-7429FCT520ATD Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
7429FCT520ATDB IDT-7429FCT520ATDB Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
7429FCT520ATE IDT-7429FCT520ATE Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
7429FCT520ATEB IDT-7429FCT520ATEB Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
7429FCT520ATL IDT-7429FCT520ATL Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
More results

Mô tả tương tự - 7429FCT52CTQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pericom Semiconductor C...
PI74FCT646T PERICOM-PI74FCT646T Datasheet
84Kb / 7P
   Fast CMOS Octal Registered Transceivers
logo
Integrated Device Techn...
IDT29FCT52A IDT-IDT29FCT52A Datasheet
62Kb / 7P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com