công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5162 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện AD5162
Giải thích chi tiết về linh kiện  Dual, 256-Position, SPI Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5162 bảng dữ liệu(HTML) 3 Page - Analog Devices

  AD5162_15 Datasheet HTML 1Page - Analog Devices AD5162_15 Datasheet HTML 2Page - Analog Devices AD5162_15 Datasheet HTML 3Page - Analog Devices AD5162_15 Datasheet HTML 4Page - Analog Devices AD5162_15 Datasheet HTML 5Page - Analog Devices AD5162_15 Datasheet HTML 6Page - Analog Devices AD5162_15 Datasheet HTML 7Page - Analog Devices AD5162_15 Datasheet HTML 8Page - Analog Devices AD5162_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD5162
Rev. C | Page 3 of 20
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS: 2.5 kΩ VERSION
VDD = 5 V ± 10%, or 3 V ± 10%; VA = VDD; VB = 0 V; −40°C < TA < +125°C; unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS—RHEOSTAT MODE
Resistor Differential Nonlinearity2
R-DNL
R
WB, VA = no connect
−2
±0.1
+2
LSB
Resistor Integral Nonlinearity2
R-INL
R
WB, VA = no connect
−14
±2
+14
LSB
Nominal Resistor Tolerance3
∆R
AB
T
A = 25°C
−20
+55
%
Resistance Temperature Coefficient
(∆R
AB/RAB )/∆T
V
AB = VDD, wiper = no connect
35
ppm/°C
Wiper Resistance
R
WB
Code = 0x00, V
DD = 5 V
160
200
DC CHARACTERISTICS—POTENTIOMETER
DIVIDER MODE4
Differential Nonlinearity5
DNL
−1.5
±0.1
+1.5
LSB
Integral Nonlinearity5
INL
−2
±0.6
+2
LSB
Voltage Divider Temperature
Coefficient
(∆V
W/VW)/∆T
Code = 0x80
15
ppm/°C
Full-Scale Error
V
WFSE
Code = 0xFF
−14
−5.5
0
LSB
Zero-Scale Error
V
WZSE
Code = 0x00
0
4.5
12
LSB
RESISTOR TERMINALS
Voltage Range6
V
A, VB, VW
GND
V
DD
V
Capacitance A, B7
C
A, CB
f = 1 MHz, measured to GND,
code = 0x80
45
pF
Capacitance W7
C
W
f = 1 MHz, measured to GND,
code = 0x80
60
pF
Common-Mode Leakage
I
CM
V
A = VB = VDD/2
1
nA
DIGITAL INPUTS AND OUTPUTS
Input Logic High
V
IH
V
DD = 5 V
2.4
V
Input Logic Low
V
IL
V
DD = 5 V
0.8
V
Input Logic High
V
IH
V
DD = 3 V
2.1
V
Input Logic Low
V
IL
V
DD = 3 V
0.6
V
Input Current
I
IL
V
IN = 0 V or 5 V
±1
µA
Input Capacitance7
C
IL
5
pF
POWER SUPPLIES
Power Supply Range
V
DD RANGE
2.7
5.5
V
Supply Current
I
DD
V
IH = 5 V or VIL = 0 V
3.5
6
µA
Power Dissipation8
P
DISS
V
IH = 5 V or VIL = 0 V, VDD = 5 V
30
µW
Power Supply Sensitivity
PSS
V
DD = 5 V ± 10%, code = midscale
±0.02
±0.08
%/%
DYNAMIC CHARACTERISTICS9
Bandwidth, −3 dB
BW
Code = 0x80
4.8
MHz
Total Harmonic Distortion
THD
W
V
A = 1 V rms, VB = 0 V, f = 1 kHz
0.1
%
V
W Settling Time
t
S
V
A = 5 V, VB = 0 V, ±1 LSB error band
1
µs
Resistor Noise Voltage Density
e
N_WB
R
WB = 1.25 kΩ, RS = 0
3.2
nV/√Hz
1 Typical specifications represent average readings at 25°C and V
DD = 5 V.
2 Resistor position nonlinearity error, R-INL, is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from the ideal between successive tap positions. Parts are guaranteed monotonic.
3 V
A = VDD, VB = 0 V, wiper (VW) = no connect.
4 Specifications apply to all VRs.
5 INL and DNL are measured at V
W with the RDAC configured as a potentiometer divider similar to a voltage output DAC. VA = VDD and VB = 0 V.
DNL specification limits of ±1 LSB maximum are guaranteed monotonic operating conditions.
6 Resistor Terminal A, Resistor Terminal B, and Resistor Terminal W have no limitations on polarity with respect to each other.
7 Guaranteed by design, but not subject to production test.
8 P
DISS is calculated from (IDD × VDD). CMOS logic level inputs result in minimum power dissipation.
9 All dynamic characteristics use V
DD = 5 V.


Số phần tương tự - AD5162_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5162BRM10 AD-AD5162BRM10 Datasheet
960Kb / 20P
   Dual 256-Position SPI Digital Potentiometer
REV. A
AD5162BRM10 AD-AD5162BRM10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRM10-RL7 AD-AD5162BRM10-RL7 Datasheet
960Kb / 20P
   Dual 256-Position SPI Digital Potentiometer
REV. A
AD5162BRM100 AD-AD5162BRM100 Datasheet
960Kb / 20P
   Dual 256-Position SPI Digital Potentiometer
REV. A
AD5162BRM100 AD-AD5162BRM100 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
More results

Mô tả tương tự - AD5162_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162 Datasheet
960Kb / 20P
   Dual 256-Position SPI Digital Potentiometer
REV. A
AD5162BRMZ10-RL7 AD-AD5162BRMZ10-RL7 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5160BRJ100 AD-AD5160BRJ100 Datasheet
485Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5172 ONSEMI-CAT5172 Datasheet
179Kb / 10P
   256-Position SPI Compatible Digital Potentiometer
May, 2009 ??Rev. 0
logo
Analog Devices
AD5160 AD-AD5160 Datasheet
847Kb / 16P
   256-Position SPI Compatible Digital Potentiometer
REV. 0
AD5160BRJ50 AD-AD5160BRJ50 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com