công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5064 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD5064
Giải thích chi tiết về linh kiện  Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5064 bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD5064_15 Datasheet HTML 1Page - Analog Devices AD5064_15 Datasheet HTML 2Page - Analog Devices AD5064_15 Datasheet HTML 3Page - Analog Devices AD5064_15 Datasheet HTML 4Page - Analog Devices AD5064_15 Datasheet HTML 5Page - Analog Devices AD5064_15 Datasheet HTML 6Page - Analog Devices AD5064_15 Datasheet HTML 7Page - Analog Devices AD5064_15 Datasheet HTML 8Page - Analog Devices AD5064_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,
SPI Interface, 4.5 V to 5.5 V in TSSOP
Data Sheet
AD5024/AD5044/AD5064
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low power quad 12-/14-/16-bit DAC, ±1 LSB INL
Pin compatible and performance upgrade to AD5666
Individual and common voltage reference pin options
Rail-to-rail operation
4.5 V to 5.5 V power supply
Power-on reset to zero scale or midscale
3 power-down functions and per-channel power-down
Hardware LDAC with software LDAC override function
CLR function to programmable code
SDO daisy-chaining option
14-/16-lead TSSOP
Internal reference buffer and internal output amplifier
APPLICATIONS
Process control
Data acquisition systems
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators
FUNCTIONAL BLOCK DIAGRAMS
INTERFACE
LOGIC AND
SHIFT
REGISTER
INPUT
REGISTER
DIN
SDO
LDAC
GND
VDD
LDAC
VREFIN
SYNC
SCLK
AD5064-1
CLR
VOUTA
VOUTB
VOUTC
VOUTD
DAC
REGISTER
DAC A
BUFFER
INPUT
REGISTER
DAC
REGISTER
DAC B
BUFFER
INPUT
REGISTER
DAC
REGISTER
DAC C
BUFFER
INPUT
REGISTER
DAC
REGISTER
DAC D
BUFFER
POR
POWER-DOWN
LOGIC
POWER-ON
RESET
Figure 1. AD5064-1 Functional Equivalent and Pin Compatible with AD5666
INTERFACE
LOGIC AND
SHIFT
REGISTER
INPUT
REGISTER
DIN
LDAC
GND
VDD
LDAC
VREFA
SYNC
SCLK
AD5024/
AD5044/
AD5064
CLR
VOUTA
VOUTB
VOUTC
VOUTD
DAC
REGISTER
DAC A
BUFFER
INPUT
REGISTER
DAC
REGISTER
DAC B
BUFFER
INPUT
REGISTER
DAC
REGISTER
DAC C
BUFFER
INPUT
REGISTER
DAC
REGISTER
DAC D
BUFFER
VREFB
VREFC VREFD
POR
POWER-DOWN
LOGIC
POWER-ON
RESET
Figure 2. AD5024/AD5044/AD5064 with Individual Reference Pins
GENERAL DESCRIPTION
The AD5024/AD5044/AD5064/AD5064-1 are low power, quad
12-/14-/16-bit buffered voltage output nanoDAC® converters
that offer relative accuracy specifications of 1 LSB INL and 1 LSB
DNL with the AD5024/AD5044/AD5064 individual reference
pin and the AD5064-1 common reference pin options. The
AD5024/AD5044/AD5064/AD5064-1 can operate from a single
4.5 V to 5.5 V supply. The AD5024/AD5044/AD5064/AD5064-1
also offer a differential accuracy specification of ±1 LSB. The
parts use a versatile 3-wire, low power Schmitt trigger serial
interface that operates at clock rates up to 50 MHz and is compati-
ble with standard SPI, QSPI™, MICROWIRE™, and DSP interface
standards. Integrated reference buffers and output amplifiers are
also provided on-chip. The AD5024/AD5044/AD5064/AD5064-1
incorporate a power-on reset circuit that ensures the DAC
output powers up to zero scale or midscale and remains there
until a valid write takes place to the device. The AD5024/AD5044/
AD5064/AD5064-1 contain a power-down feature that reduces
the current consumption of the device to typically 400 nA at 5 V
and provides software selectable output loads while in power-
down mode. Total unadjusted error for the parts is <2 mV.
PRODUCT HIGHLIGHTS
1. Quad channel available in 14-/16-lead TSSOP packages.
2. 16-bit accurate, 1 LSB INL.
3. High speed serial interface with clock speeds up to 50 MHz.
4. Reset to known output voltage (zero scale or midscale).
Table 1. Related Devices
Part No.
Description
AD5666
Quad,16-bit buffered DAC,
16 LSB INL, TSSOP
AD5025/AD5045/AD5065
Dual, 16-bit buffered DACs,
1 LSB INL, TSSOP
AD5062, AD5063
16-bit nanoDAC, 1 LSB INL, SOT-23,
MSOP
AD5061
16-bit nanoDAC, 4 LSB INL, SOT-23
AD5040/AD5060
14-/16-bit nanoDAC, 1 LSB INL,
SOT-23


Số phần tương tự - AD5064_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD50641 AD-AD50641 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5064ARUZ-1 AD-AD5064ARUZ-1 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5064ARUZ-1 AD-AD5064ARUZ-1 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
AD5064ARUZ-1REEL7 AD-AD5064ARUZ-1REEL7 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5064ARUZ-1REEL7 AD-AD5064ARUZ-1REEL7 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
More results

Mô tả tương tự - AD5064_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5064BRUZ-1 AD-AD5064BRUZ-1 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5044 AD-AD5044_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
REV. 0
AD5025 AD-AD5025_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5025 AD-AD5025_08 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5065 AD-AD5065_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5045 AD-AD5045_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066BRUZ AD-AD5066BRUZ Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com