công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1991 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD1991
Giải thích chi tiết về linh kiện  Class D/1-Bit Audio Power Output Stage
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1991 bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD1991_15 Datasheet HTML 1Page - Analog Devices AD1991_15 Datasheet HTML 2Page - Analog Devices AD1991_15 Datasheet HTML 3Page - Analog Devices AD1991_15 Datasheet HTML 4Page - Analog Devices AD1991_15 Datasheet HTML 5Page - Analog Devices AD1991_15 Datasheet HTML 6Page - Analog Devices AD1991_15 Datasheet HTML 7Page - Analog Devices AD1991_15 Datasheet HTML 8Page - Analog Devices AD1991_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD1991
Class D/1-Bit Audio Power Output Stage
FUNCTIONAL BLOCK DIAGRAMS
2-Channel Mode
INA
INB
LEFT
INPUT
LEVEL SHIFTER
AND
SWITCH CONTROL
H-BRIDGE
AGND DGND
AVDD DVDD
PVDD
TEST
CONTROL
PGND
A1
A2
B1
B2
C1
C2
D1
D2
OUTA
3
OUTB
3
OUTC
3
OUTD
3
INC
IND
RIGHT
INPUT
CLK
RST/PDN
MUTE
CURRENT OVERLOAD
THERMAL SHUTDOWN
THERMAL WARNING
DATA LOSS
2
14
4
6
THERMAL PROTECTION
SHORT-CIRCUIT PROTECTION
MUTE CONTROL
n
4-Channel Mode
INA
INB
LEVEL SHIFTER
AND
SWITCH CONTROL
H-BRIDGE
AGND DGND
AVDD DVDD
PVDD
TEST
CONTROL
PGND
A1
A2
B1
B2
C1
C2
D1
D2
INC
IND
CLK
RST/PDN
MUTE
CURRENT OVERLOAD
THERMAL SHUTDOWN
THERMAL WARNING
DATA LOSS
2
4
14
6
THERMAL PROTECTION
SHORT-CIRCUIT PROTECTION
MUTE CONTROL
n
OUTA
3
LOAD
REQUIRING
DC VOLTAGE
SUPPLY
OUTD
3
LOAD
REQUIRING
DC VOLTAGE
SUPPLY
OUTB
3
OUTC
3
FEATURES
Class D/1-Bit Audio Power Output Stage
5 V Analog and Digital Supply Voltages
Power Stage Power Supply 8 V to 20 V
Output Power @ 0.1% THD + N
Stereo Mode
2
20 W @ 4
@ 14.4 V
2
20 W @ 8
@ 20 V
Mono Mode
1
40 W @ 4
@ 20 V
RON < 320 m
(per Transistor)
Efficiency > 85% @ Full Power/8
Clickless Mute Function
Turn-On and Turn-Off Pop Suppression
Short-Circuit Protection
Overtemperature Protection
Data Loss Protection
2-Channel BTL Outputs or
4-Channel Single-Ended Outputs
52-Lead Exposed Pad TQFP Package
Low Cost DMOS Process
APPLICATIONS
PC Audio Systems
Minicomponents
Automotive Amplifiers
Home Theater Systems
Televisions
GENERAL DESCRIPTION
The AD1991 is a 2-channel BTL or 4-channel single-ended
class D audio power output stage. The part is configured during
reset to be in either 2-channel mode or 4-channel mode.
To protect the IC as well as the connected speakers, the AD1991
provides turn-on and turn-off pop suppression, short-circuit
protection, and overtemperature shutdown. To control the IC,
a power-down/reset input and a mute pin are available.
The output stage can be operated over a power supply range
from 8 V to 20 V.
In 2-channel mode, Transistors A1, B2, C1, and D2 are turned
on by a Logic 1 on inputs INA and INC, and Transistors A2,
B1, C2, and D1 are turned on by a Logic 0 on inputs INA and
INC. In 4-channel mode, Transistors A1, B1, C1, and D1 are
turned on by a Logic 1 on the four inputs, and Transistors A2,
B2, C2, and D2 are turned on by a Logic 0 on the four inputs
(see the Functional Block Diagrams).


Số phần tương tự - AD1991_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1991ASV AD-AD1991ASV Datasheet
194Kb / 11P
   Class D/1-Bit Audio Power Output Stage
REV. 0
AD1991ASVRL AD-AD1991ASVRL Datasheet
194Kb / 11P
   Class D/1-Bit Audio Power Output Stage
REV. 0
More results

Mô tả tương tự - AD1991_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1991 AD-AD1991 Datasheet
194Kb / 11P
   Class D/1-Bit Audio Power Output Stage
REV. 0
ADAU1513 AD-ADAU1513 Datasheet
472Kb / 16P
   Class-D Audio Power Stage
REV. 0
ADAU1513 AD-ADAU1513_15 Datasheet
1Mb / 16P
   Class-D Audio Power Stage
REV. 0
logo
Texas Instruments
TPA2025D1 TI1-TPA2025D1_14 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2080D1 TI1-TPA2080D1_16 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2015D1 TI1-TPA2015D1 Datasheet
1Mb / 33P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2013D1 TI1-TPA2013D1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
logo
Princeton Technology Co...
PT2001 PTC-PT2001 Datasheet
250Kb / 4P
   2.2W횞2 Class-D Audio Power Amp. 2.2W횞2 Class-D Audio Power Amp. with Headphone Output
logo
List of Unclassifed Man...
LC551 ETC1-LC551 Datasheet
66Kb / 3P
   High Power Class B Output Stage
GS551 ETC1-GS551 Datasheet
96Kb / 4P
   High Power, Class B Output Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com