công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1988A bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện AD1988A
Giải thích chi tiết về linh kiện  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1988A bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button AD1988A_15 Datasheet HTML 5Page - Analog Devices AD1988A_15 Datasheet HTML 6Page - Analog Devices AD1988A_15 Datasheet HTML 7Page - Analog Devices AD1988A_15 Datasheet HTML 8Page - Analog Devices AD1988A_15 Datasheet HTML 9Page - Analog Devices AD1988A_15 Datasheet HTML 10Page - Analog Devices AD1988A_15 Datasheet HTML 11Page - Analog Devices AD1988A_15 Datasheet HTML 12Page - Analog Devices AD1988A_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD1988A/AD1988B
Rev. 0 | Page 9 of 20
Mnemonic
Pin
Number
I/O
Description
PORT-C_L, PORT-C_R
23, 24
I/O
Rear Panel Line-In/Surround Back Output. Analog input/output.
Input: line level input, supports microphones with MIC Bias and boost amplifiers.
Output: line level output only.
AVDD
25, 38
I
Analog Supply Voltage. 3.3 V only. Caution: Do not apply 5.0 V to this pin. AVDD supplies should be
well regulated and filtered because supply noise degrades audio performance.
AVSS
26, 42
I
Analog Supply Return (Ground). AVSS should be connected to DVSS using a conductive trace
under, or close to, the AD1988A/AD1988B.
VREF_FILT
27
O
Voltage Reference Filter. This pin must be connected to filter capacitors: 1.0 μF and 0.1 μF
connected in parallel between Pin 27 and AVSS (Pin 26).
MIC_BIAS-B
28
O
Switchable Microphone Bias for PORT-B. Capable of:
High-Z, 0 V, 1.65 V, 3.78 V, and 3.95 V (with 5.0 V on Pin 33).
High-Z, 0 V, 1.65 V, 2.86 V, and 3.10 V (with 3.3 V on Pin 33).
MIC_BIAS-C
29
O
Switchable Microphone Bias for PORT-C. This pin has the same function as MIC_BIAS-B.
MIC_BIAS-F
30
O
Switchable Microphone Bias for PORT-F. This pin has the same function as MIC_BIAS-B.
MIC_BIAS-E
31
O
Switchable Microphone Bias for PORT-E. This pin has the same function as MIC_BIAS-B.
MIC_BIAS-D
32
O
Switchable Microphone Bias for PORT-D. This pin has the same function as MIC_BIAS-B.
MIC_BIAS_FILT
33
I
Filter for Microphone Bias Boost Circuitry. Connect this pin to 5.0 V via a low-pass filter. When
connected in this way, the AD1988A/AD1988B are each capable of providing 3.95 V as a
microphone bias to all of the MIC_BIAS pins. If 5 V is not available, connect this pin to 3.3 V (AVDD)
via a low-pass filter. The AD1988A/AD1988B produce a MIC_BIAS voltage relative to the AVDD
supply (typically 3.1 V @ AVDD = 3.3 V).
SENSE_B/SRC_A
34
I/O
Jack Sense E to Jack Sense H Input/Sense A Drive.
PORT-D_L, PORT-D_R
35, 36
I/O
Left and Right Rear Panel Headphone (Front Line Out)/Stereo MIC In. Analog input/output.
Input: line level input, supports microphones with MIC_BIAS and boost amplifiers.
Output: line level output, capable of driving headphone load and power.
MIC_BIAS-A
37
O
Switchable Microphone Bias for PORT-A. This pin has the same function as MIC_BIAS-B.
PORT-A_L, PORT-A_R
39, 41
I/O
Left and Right Front Panel Headphone Output/Stereo MIC In. Analog input/output.
Input: line level input, supports microphones with MIC_BIAS and boost amplifiers.
Output: line level output, capable of driving headphone load and power.
MONO_OUT
40
O
Monaural Output to Internal Speaker or Telephony Subsystem. Line level output only.
PORT-G_L, PORT-G_R
43, 44
Left and Right Rear Panel C/LFE Output/Line Input.
Input: line level input.
Output: line level output.
PORT-H_L, PORT-H_R
45, 46
Left and Right Rear Panel Surround Center/Side Output/Line Input. Analog input/output.
Input: line level input.
Output: line level output.
S/PDIF_IN/GPIO_1
47
I/O
S/PDIF_IN/GPIO Pin. S/PDIF_IN supports S/PDIF input. When enabled, GPIO_1 can be used as a
GPIO pin.
S/PDIF_OUT
48
O
S/PDIF_OUT. Supports S/PDIF output.


Số phần tương tự - AD1988A_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1988AJCPZ AD-AD1988AJCPZ Datasheet
1Mb / 20P
   High Definition Audio SoundMAX짰 Codec
REV. 0
AD1988AJCPZ-RL AD-AD1988AJCPZ-RL Datasheet
1Mb / 20P
   High Definition Audio SoundMAX짰 Codec
REV. 0
AD1988AJSTZ AD-AD1988AJSTZ Datasheet
1Mb / 20P
   High Definition Audio SoundMAX짰 Codec
REV. 0
AD1988AJSTZ-RL AD-AD1988AJSTZ-RL Datasheet
1Mb / 20P
   High Definition Audio SoundMAX짰 Codec
REV. 0
More results

Mô tả tương tự - AD1988A_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com