công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1988A bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD1988A
Giải thích chi tiết về linh kiện  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1988A bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD1988A_15 Datasheet HTML 1Page - Analog Devices AD1988A_15 Datasheet HTML 2Page - Analog Devices AD1988A_15 Datasheet HTML 3Page - Analog Devices AD1988A_15 Datasheet HTML 4Page - Analog Devices AD1988A_15 Datasheet HTML 5Page - Analog Devices AD1988A_15 Datasheet HTML 6Page - Analog Devices AD1988A_15 Datasheet HTML 7Page - Analog Devices AD1988A_15 Datasheet HTML 8Page - Analog Devices AD1988A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD1988A/AD1988B
Rev. 0 | Page 4 of 20
SPECIFICATIONS
TEST CONDITIONS
Test Conditions for the AD1988A and AD1988B are as follows, unless otherwise noted.
Analog Input/Output Conditions
Temperature at 25°C
Digital supply (DVDD) at 3.3 V ±10%
Analog supply (AVDD) at 3.3 V ±5%
MIC_BIAS_FILT at 5.0 V ±5%
Sample rate (FS) at 48 kHz
Input signal at 1008 Hz
Analog output pass band at 20 Hz to 20 kHz
DAC Conditions
Calibrated
Output −3 dB relative to full scale
10 kΩ output load: line out tests
32 Ω output load: headphone tests
ADC Conditions
Calibrated
0 db PGA gain
Input −3.0 dB relative to full scale
Table 1.
Typ
Parameter
Conditions/Comments
Min
AD1988A/
AD1988B Max
Unit
DIGITAL DECIMATION AND INTERPOLATION FILTERS1
fS 8 kHz ~ 192 kHz
Pass Band
0
0.40 fS Hz
Pass-Band Ripple
±0.005 dB
Stop Band
0.60 fS
Hz
Stop Band Rejection
−100
dB
Group Delay
20
1/fS
Group Delay Variation over Pass Band
0
μs
ANALOG-TO-DIGITAL CONVERTERS
Resolution1
24
Bits
Gain Error
Full-scale span relative to nominal input
voltage
±10
%
Interchannel Gain Mismatch
Difference of gain errors
±0.2
±0.5
dB
ADC Offset Error
±5
mV
ADC Crosstalk1
Line Inputs
Input L, Ground R, Read R;
Input R, Ground L, Read L
−85
dB
LINE_IN to Other
−100
−80
dB
DIGITAL-TO-ANALOG CONVERTERS
Resolution1
24
Bits
Gain Error
Full-scale span relative to nominal input
voltage
±10
%
Interchannel Gain Mismatch
Difference of gain errors
±0.2
±0.5
dB
Total Out-of-Band Energy 1
To 100 kHz
−85
dB
DAC Crosstalk1
Input L, Zero R, Read R;
Input R, Zero L, Read L
−95
dB
DAC VOLUMES—PROGRAMMABLE GAIN ATTENUATOR
Step Size
DAC_0, DAC_1, DAC_2, DAC_3, DAC_4
+1.5
dB
Output Gain/Attenuation Range
−58.5
0
dB
ADC VOLUMES—PROGRAMMABLE GAIN
AMPLIFIER/ATTENUATOR
Step Size
ADCSEL_0, ADCSEL_1, ADCSEL_2
+1.5
dB
PGA Gain/Attenuation Range
−58.5
+22.5
dB
ANALOG MIXER—PROGRAMMABLE GAIN
AMPLIFIER/ATTENUATOR
Signal-to-Noise Ratio (SNR)1, 2
Input to output (including CD in)
95/96
Step Size
All mixer inputs
+1.5
dB
Input Gain/Attenuation Range
All mixer inputs
−34.5
+12.0
dB


Số phần tương tự - AD1988A_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1988AJCPZ AD-AD1988AJCPZ Datasheet
1Mb / 20P
   High Definition Audio SoundMAX짰 Codec
REV. 0
AD1988AJCPZ-RL AD-AD1988AJCPZ-RL Datasheet
1Mb / 20P
   High Definition Audio SoundMAX짰 Codec
REV. 0
AD1988AJSTZ AD-AD1988AJSTZ Datasheet
1Mb / 20P
   High Definition Audio SoundMAX짰 Codec
REV. 0
AD1988AJSTZ-RL AD-AD1988AJSTZ-RL Datasheet
1Mb / 20P
   High Definition Audio SoundMAX짰 Codec
REV. 0
More results

Mô tả tương tự - AD1988A_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com