công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1981A bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD1981A
Giải thích chi tiết về linh kiện  AC 97 SoundMAX Codec
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1981A bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD1981A_15 Datasheet HTML 1Page - Analog Devices AD1981A_15 Datasheet HTML 2Page - Analog Devices AD1981A_15 Datasheet HTML 3Page - Analog Devices AD1981A_15 Datasheet HTML 4Page - Analog Devices AD1981A_15 Datasheet HTML 5Page - Analog Devices AD1981A_15 Datasheet HTML 6Page - Analog Devices AD1981A_15 Datasheet HTML 7Page - Analog Devices AD1981A_15 Datasheet HTML 8Page - Analog Devices AD1981A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
REV. 0
AD1981A
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD1981A features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
*
AD1981AJST
0
°C to 70°C
48-Lead LQFP
ST-48
*ST = Thin Quad Flatpack
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C unless otherwise noted.)
Power Supplies
Digital (DVDD) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +3.6 V
Analog (AVDD) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6.0 V
Input Current (except Supply Pins) . . . . . . . . . . . . . . .
±10 mA
Signals Pins
Digital Input Voltage . . . . . . . . . . . . . –0.3 V to DVDD +0.3 V
Analog Input Voltage . . . . . . . . . . . . –0.3 V to AVDD +0.3 V
Ambient Temperature Range (Operating) . . . . . . . 0
°C to 70°C
Ambient Temperature Rating (TQFP Package)
TAMB = TCASE – ( PD
CA )
TCASE = Case Temperature in
°C
PD = Power Dissipation in W
JA Thermal Resistance (Junction-to-Ambient) . . . 76.2
°C/W
JC Thermal Resistance (Junction-to-Case) . . . . . . .
17
°C/W
JA Thermal Resistance (Case-to-Ambient) . . . . .
52.2
°C/W
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
*Stresses greater than those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.


Số phần tương tự - AD1981A_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1981AJST AD-AD1981AJST Datasheet
183Kb / 24P
   AC ??7 SoundMAX Codec
REV. 0
More results

Mô tả tương tự - AD1981A_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
   AC 97 SoundMAX Codec
REV. 0
AD1981BBSTZ AD-AD1981BBSTZ Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com