công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1893 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện AD1893
Giải thích chi tiết về linh kiện  Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1893 bảng dữ liệu(HTML) 3 Page - Analog Devices

  AD1893_15 Datasheet HTML 1Page - Analog Devices AD1893_15 Datasheet HTML 2Page - Analog Devices AD1893_15 Datasheet HTML 3Page - Analog Devices AD1893_15 Datasheet HTML 4Page - Analog Devices AD1893_15 Datasheet HTML 5Page - Analog Devices AD1893_15 Datasheet HTML 6Page - Analog Devices AD1893_15 Datasheet HTML 7Page - Analog Devices AD1893_15 Datasheet HTML 8Page - Analog Devices AD1893_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD1893
DIGITAL FILTER CHARACTERISTICS
1
Min
Max
Units
Passband Ripple (0 kHz to 20 kHz)
0.01
dB
Transition Band
2
4.1
kHz
Stopband Attenuation
110
dB
Group Delay (LR_I = 50 kHz)
700
3000
µs
POWER
(FSIN = 48 kHz, FSOUT = 44.1 kHz)
Min
Typ
Max
Units
Supplies
Voltage, VDD
2.7
5.5
V
Operational Current, IDD (VDD = +5.0 V)
30
40
mA
Operational Current, IDD (VDD = +3.0 V)
1
15
20
mA
Power-Down Current, IDD (VDD = +5.0 V)
1.5
2.5
mA
Power-Down Current, IDD (VDD = +3.0 V)
1
0.5
1.0
mA
Dissipation
1
Operation (VDD = +5.0 V)
150
200
mW
Operation (VDD = +3.0 V)
45
60
mW
Power-Down (VDD = +5.0 V)
7.5
12.5
mW
Power-Down (VDD = +3.0 V)
1.5
3.0
mW
TEMPERATURE RANGE
Min
Max
Units
Specifications Guaranteed
0
+70
°C
Operational Guaranteed
–40
+85
°C
Storage
–60
+100
°C
ABSOLUTE MAXIMUM RATINGS
3
Min
Max
Units
VDD to GND
–0.3
7.0
V
DC Input Voltage
–0.3
VDD + 0.3
V
Latch-Up Trigger Current
–1000
+1000
mA
Soldering
+300
°C
10
sec
NOTES
1Guaranteed, Not Tested
2Valid only when F
SOUT ≥ FSIN (i.e., upsampling), FSIN = 44.1 kHz.
3Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of
the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Specifications subject to change without notice.
ORDERING GUIDE
Model
Temperature Range
Package Descriptions
Package Options
AD1893JN
0
°C to +70°C
Plastic DIP
N-28
AD1893JST
0
°C to +70°C
LQFP
ST-44
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1893 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
REV. A
–3–
WARNING!
ESD SENSITIVE DEVICE


Số phần tương tự - AD1893_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1893JN AD-AD1893JN Datasheet
216Kb / 20P
   Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
REV. A
AD1893JST AD-AD1893JST Datasheet
216Kb / 20P
   Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
REV. A
More results

Mô tả tương tự - AD1893_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1893 AD-AD1893 Datasheet
216Kb / 20P
   Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
REV. A
AD1890 AD-AD1890 Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891 AD-AD1891_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1895 AD-AD1895 Datasheet
1Mb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1896 AD-AD1896 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com