công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1884 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD1884
Giải thích chi tiết về linh kiện  High Defintion Audio SoundMAX Codec
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1884 bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD1884_15 Datasheet HTML 1Page - Analog Devices AD1884_15 Datasheet HTML 2Page - Analog Devices AD1884_15 Datasheet HTML 3Page - Analog Devices AD1884_15 Datasheet HTML 4Page - Analog Devices AD1884_15 Datasheet HTML 5Page - Analog Devices AD1884_15 Datasheet HTML 6Page - Analog Devices AD1884_15 Datasheet HTML 7Page - Analog Devices AD1884_15 Datasheet HTML 8Page - Analog Devices AD1884_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD1884
Parameter
Min
Typ
Max
Unit
DIGITAL TO ANALOG CONVERTERS
Resolution
Gain Error1 (Full Scale Span Relative to Nominal Input Voltage)
Interchannel Gain Mismatch (Difference of Gain Errors)
Total Audible Out-of-Band Energy1 (Measured from 0.6 × fS to 20 kHz)
DAC Crosstalk1 (Input L, Zero R, Measure R_OUT; Input R, Zero L, Measure L_OUT)
24
–85
–95
±10
±0.5
Bits
%
dB
dB
dB
DAC VOLUMES
Step Size (DAC-0, DAC-1)
Output Gain/Attenuation Range
Mute Attenuation of 0 dB Fundamental1
–58.5
1.5
–80
0
dB
dB
dB
ADC VOLUMES
Step Size (ADCSEL-0, ADCSEL-1)
PGA Gain/Attenuation Range
–58.5
1.5
+22.5
dB
dB
ANALOG MIXER
Signal-to-Noise Ratio Input to Output – Ports B, C, or F, to Port D Output
Step Size: All Mixer Inputs
Input Gain/Attenuation Range: All Mixer Inputs
–34.5
90
–1.5
+12.0
dB
dB
dB
ANALOG LINE LEVEL OUTPUTS
Full-Scale Output Voltage: Line Out Drive Enabled
Ports A, D, E, F, and Mono Out
Output Impedance
1
External Load Impedance1
Output Capacitance
1
External Load Capacitance
1.0
2.83
10
190
15
1000
V rms
3
V p-p
Ω
k
Ω
pF
pF
ANALOG HP DRIVE OUTPUTS
Full-Scale Output Voltage: Line Out Drive Enabled
Ports A and D (when HP Drive is Enabled)
Output Impedance1
External Load Impedance
1
Output Capacitance1
External Load Capacitance
1
1.0
2.83
32
15
0.5
1000
V rms
V p-p
Ω
Ω
pF
pF
ANALOG INPUTS
Input Voltages—Port B, C, or E
Mic Boost = 0 dB
Input Voltages—Microphone Boost Amplifier, Ports B, C, or E
Mic Boost = +10 dB
Mic Boost = +20 dB
Mic Boost = +30 dB
Input Impedance
PCBEEP
Ports B, C, E (Mic Boost = 0 dB)
Port F
Input Capacitance
1
1
2.83
0.316
0.894
0.1
0.283
0.032
0.089
23
150
45
5
7.5
V rms
V p-p
V rms
V p-p
V rms
V p-p
V rms
V p-p
k
Ω
k
Ω
k
Ω
pF
Rev. 0
|
Page 5 of 16
|
January 2007


Số phần tương tự - AD1884_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884AJCPZ AD-AD1884AJCPZ Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884AJCPZ-RL AD-AD1884AJCPZ-RL Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884JCPZ AD-AD1884JCPZ Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884JCPZ-RL AD-AD1884JCPZ-RL Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
More results

Mô tả tương tự - AD1884_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com