công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1871 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện AD1871
Giải thích chi tiết về linh kiện  Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1871 bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button AD1871_15 Datasheet HTML 4Page - Analog Devices AD1871_15 Datasheet HTML 5Page - Analog Devices AD1871_15 Datasheet HTML 6Page - Analog Devices AD1871_15 Datasheet HTML 7Page - Analog Devices AD1871_15 Datasheet HTML 8Page - Analog Devices AD1871_15 Datasheet HTML 9Page - Analog Devices AD1871_15 Datasheet HTML 10Page - Analog Devices AD1871_15 Datasheet HTML 11Page - Analog Devices AD1871_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD1871
–8–
REV. 0
CONTROL INTERFACE (SPI) TIMING
Mnemonic
Description
Min
Typ
Max
Unit
Comment
tCCH
CCLK High Width
40
ns
tCCL
CCLK Low Width
40
ns
tCCP
CCLK Period
80
ns
tCDS
CDATA Setup Time
10
ns
To CCLK Rising
tCDH
CDATA Hold Time
10
ns
From CCLK Rising
tCLS
CLATCH Setup Time
10
ns
To CCLK Rising
tCLH
CLATCH Hold Time
10
ns
From CCLK Rising
tCOE
COUT Enable
15
ns
From CLATCH Falling
tCOD
COUT Delay
20
ns
From CCLK Falling
tCOTS
COUT Three-State
25
ns
From CLATCH Rising
tCCH
tCCL
CCLK
CLATCH
CIN
COUT
D15
D14
D12
D11
D10
D07
D06
D04
D03
D02
D01
D00
D13
D09
D08
D08
D07
D06
D05
D04
D03
D02
D01
D00
D09
D05
tCHD
tCSU
tCCL
tCLH
Figure 7. Control Interface Timing
DIGITAL I/O
Parameter
Min
Typ
Max
Unit
Input Voltage High (VIH)
2.4
V
Input Voltage Low (VIL)
0.8
V
Input Leakage (IIH @ VIH = 5 V)
10
mA
Input Leakage (IIL @ VIL = 0 V)
10
mA
Output Voltage High (VOH @ IOH = –2 mA)
ODVDD – 0.4 V
V
Output Voltage Low (VOL @ IOL = +2 mA)
0.4
V
Input Capacitance
15
pF
POWER
Parameter
Min
Typ
Max
Unit
Supplies
Voltage, AVDD, and DVDD
4.5
5
5.5
V
Voltage, ODVDD
2.7
5.5
V
Analog Current
40
45
mA
Analog Current—Power-Down (MCLK Running)
4.0
6.0
mA
Digital Current, DVDD
18
22
mA
Digital Current, ODVDD
0.5
1.0
mA
Digital Current—Power-Down (MCLK Running) DVDD
*
0.8
2.0
mA
Digital Current—Power-Down (MCLK Running) ODVDD
*
1.0
15.0
mA
Power Supply Rejection
1 kHz 300 mV p-p Signal at Analog Supply Pins
–86
dB
20 kHz 300 mV p-p Signal at Analog Supply Pins
–77
dB
*RESET held low.
TEMPERATURE RANGE
Parameter
Min
Typ
Max
Unit
Specifications Guaranteed
25
∞C
Functionality Guaranteed
–40
+105
∞C
Storage
–65
+150
∞C
Specifications subject to change without notice.


Số phần tương tự - AD1871_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1871YRS AD-AD1871YRS Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
AD1871YRS AD-AD1871YRS Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871YRS-REEL AD-AD1871YRS-REEL Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
AD1871YRS-REEL AD-AD1871YRS-REEL Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871YRSZ AD-AD1871YRSZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
More results

Mô tả tương tự - AD1871_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871YRSZ AD-AD1871YRSZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS Datasheet
97Kb / 20P
   96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
UDA1361TS PHILIPS-UDA1361TS_15 Datasheet
143Kb / 18P
   96 kHz sampling 24-bit stereo audio ADC
2002 Nov 25
logo
Analog Devices
AD1855 AD-AD1855 Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1854 AD-AD1854 Datasheet
390Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1855 AD-AD1855_15 Datasheet
234Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com