công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1862 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD1862
Giải thích chi tiết về linh kiện  Ultralow Noise 20-Bit Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1862 bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD1862_15 Datasheet HTML 1Page - Analog Devices AD1862_15 Datasheet HTML 2Page - Analog Devices AD1862_15 Datasheet HTML 3Page - Analog Devices AD1862_15 Datasheet HTML 4Page - Analog Devices AD1862_15 Datasheet HTML 5Page - Analog Devices AD1862_15 Datasheet HTML 6Page - Analog Devices AD1862_15 Datasheet HTML 7Page - Analog Devices AD1862_15 Datasheet HTML 8Page - Analog Devices AD1862_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD1862
–4–
REV. A
ABSOLUTE MAXIMUM RATINGS*
VL to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to +13.2 V
–VL to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –VS to 0 V
VS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to +13.2 V
–VS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . –13.2 to 0 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 to +0.3 V
Digital Inputs to DGND . . . . . . . . . . . . . . . . . . . . . –0.3 to VL
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300
°C, 10 sec
Storage Temperature . . . . . . . . . . . . . . . . . . –60
°C to +100°C
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1862 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
PIN CONFIGURATION
PIN DESIGNATIONS
Pin
Function
Description
11–VS
Bias Capacitor
12–VS
Analog Negative Supply
13
TRIM
Trim Pot Connection
14+VL
Positive Logic Supply
15
CLK
External Clock Input
16
LE
Latch Enable Input
17
D
Data Input
18–VL
Negative Logic Supply
19
DGND
Digital Ground
10
RF
Feedback Resistor
11
IOUT
Output Current
12
AGND
Analog Ground
13
NR1
Reference Capacitor
14
ADJ
Midscale Adjust
15
NR2
Bias Capacitor
16
+VS
Positive Analog Supply
ORDERING GUIDE
Operating
Temperature
Package
Model
Range
THD+N @ FS
SNR
Option*
AD1862N
–25
°C to +70°C –92 dB, 0.0025% 110 dB
N-16
AD1862N-J
–25
°C to +70°C –96 dB, 0.0016% 113 dB
N-16
*N = Plastic DIP.
AD1862
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
–V
S
TRIM
+V
L
CLK
LE
DATA
NR2
ADJ
NR1
AGND
IOUT
R
F
DGND
–V
S
–V
L
+V
S
OBSOLETE


Số phần tương tự - AD1862_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1862N AD-AD1862N Datasheet
183Kb / 12P
   Ultralow Noise 20-Bit Audio DAC
REV. A
AD1862N-J AD-AD1862N-J Datasheet
183Kb / 12P
   Ultralow Noise 20-Bit Audio DAC
REV. A
More results

Mô tả tương tự - AD1862_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1862 AD-AD1862 Datasheet
183Kb / 12P
   Ultralow Noise 20-Bit Audio DAC
REV. A
logo
Asahi Kasei Microsystem...
AK7712A-VT AKM-AK7712A-VT Datasheet
968Kb / 87P
   Built-in 20-bit ADC/DAC Sophisticated Audio DSP
logo
Linear Technology
LT1115 LINER-LT1115_15 Datasheet
252Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
logo
Linear Integrated Syste...
LT1115 LINEAR-LT1115_1 Datasheet
246Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
logo
ESS Technology,Inc
ES9018 ESS-ES9018 Datasheet
276Kb / 2P
   32-bit Hyperstream??Audio DAC
ES9018 ESS-ES9018_V01 Datasheet
75Kb / 2P
   Reference 32-bit Audio DAC
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
logo
Analog Devices
AD1856 AD-AD1856 Datasheet
870Kb / 8P
   16-BIT PCM Audio DAC
REV. B
logo
ESS Technology,Inc
ES9018S ESS-ES9018S Datasheet
1Mb / 54P
   Reference 32-bit Audio DAC
August 9, 2021
logo
NXP Semiconductors
SAA7350 NXP-SAA7350 Datasheet
532Kb / 19P
   20-bit input bistrean conversion DAC for digital audio systems
November 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com