công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1861 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD1861
Giải thích chi tiết về linh kiện  16-Bit/18-Bit, 16FS PCM Audio DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1861 bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD1861_15 Datasheet HTML 1Page - Analog Devices AD1861_15 Datasheet HTML 2Page - Analog Devices AD1861_15 Datasheet HTML 3Page - Analog Devices AD1861_15 Datasheet HTML 4Page - Analog Devices AD1861_15 Datasheet HTML 5Page - Analog Devices AD1861_15 Datasheet HTML 6Page - Analog Devices AD1861_15 Datasheet HTML 7Page - Analog Devices AD1861_15 Datasheet HTML 8Page - Analog Devices AD1861_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD1851/AD1861
REV. A
–4–
ABSOLUTE MAXIMUM RATINGS*
VL to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to 6.50 V
VS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to 6.50 V
–VS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . –6.50 V to 0 V
Digital Inputs to DGND . . . . . . . . . . . . . . . . . . . –0.3 V to VL
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±0.3 V
Short Circuit . . . . . . . . . . . . . . . . . Indefinite Short to Ground
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300
°C, 10 sec
Storage Temperature . . . . . . . . . . . . . . . . . . –60
°C to +100°C
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PIN DESCRIPTIONS
1–VS
Analog Negative Power Supply
2
DGND
Logic Ground
3VL
Logic Positive Power Supply
4
NC
No Connection
5
CLK
Clock Input
6
LE
Latch Enable Input
7
DATA
Serial Data Input
8
NC
No Internal Connection*
9VOUT
Voltage Output
10
RF
Feedback Resistor
11
SJ
Summing Junction
12
AGND
Analog Ground
13
IOUT
Current Output
14
MSB ADJ
MSB Adjustment Terminal
15
TRIM
MSB Trimming Potentiometer Terminal
16
VS
Analog Positive Power Supply
*Pin 8 has no internal connection; -VL from AD1856 or AD1860 socket can be
safely applied.
ORDERING GUIDE
Package
Model
Resolution
THD + N
Option*
AD1851N
16 Bits
0.008%
N-16
AD1851N-J
16 Bits
0.004%
N-16
AD1851R
16 Bits
0.008%
R-16
AD1851R-J
16 Bits
0.004%
R-16
AD1861N
18 Bits
0.008%
N-16
AD1861N-J
18 Bits
0.004%
N-16
AD1861R
18 Bits
0.008%
R-16
AD1861R-J
18 Bits
0.004%
R-16
*N = Plastic DIP Package; R = Small Outline (SOIC) Package.
CAUTION
ESD (electrostatic discharge) sensitive device. The digital control inputs are diode protected;
however, permanent damage may occur on unconnected devices subject to high energy electro-
static fields. Unused devices must be stored in conductive foam or shunts. The protective foam
should be discharged to the destination socket before devices are inserted .
WARNING!
ESD SENSITIVE DEVICE
Typical Performance
175
150
125
100
75
50
25
2
4
6
8
10
12
14
CLOCK FREQUENCY – MHz
Power Dissipation vs. Clock Frequency
10
1
0.1
0.01
0.001
–30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE –
°C
–60dB
–20dB
0dB
THD vs. Temperature


Số phần tương tự - AD1861_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1861N AD-AD1861N Datasheet
197Kb / 12P
   16-Bit/18-Bit, 16 X Fs PCM Audio DACs
REV. A
AD1861N AD-AD1861N Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1861N AD-AD1861N Datasheet
127Kb / 12P
   16-Bit/18-Bit, 16x3 FS PCM Audio DACs
REV. A
AD1861N-J AD-AD1861N-J Datasheet
197Kb / 12P
   16-Bit/18-Bit, 16 X Fs PCM Audio DACs
REV. A
AD1861N-J AD-AD1861N-J Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
More results

Mô tả tương tự - AD1861_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1851 AD-AD1851_15 Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 FS PCM Audio DACs
REV. A
AD1851RZ AD-AD1851RZ Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1851RZ-REEL7 AD-AD1851RZ-REEL7 Datasheet
127Kb / 12P
   16-Bit/18-Bit, 16x3 FS PCM Audio DACs
REV. A
AD1851RZ-J AD-AD1851RZ-J Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1851 AD-AD1851 Datasheet
197Kb / 12P
   16-Bit/18-Bit, 16 X Fs PCM Audio DACs
REV. A
AD1865 AD-AD1865_15 Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16FS Audio DAC
REV. 0
AD1856 AD-AD1856 Datasheet
870Kb / 8P
   16-BIT PCM Audio DAC
REV. B
logo
Sipex Corporation
HS7516 SIPEX-HS7516 Datasheet
127Kb / 8P
   16-Bit Multiplying DACs
logo
Linear Technology
LTC1666 LINER-LTC1666_15 Datasheet
887Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1667 LINER-LTC1667_15 Datasheet
887Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com