công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1859 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện AD1859
Giải thích chi tiết về linh kiện  Stereo, Single-Supply 18-Bit Integrated DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1859 bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button AD1859_15 Datasheet HTML 4Page - Analog Devices AD1859_15 Datasheet HTML 5Page - Analog Devices AD1859_15 Datasheet HTML 6Page - Analog Devices AD1859_15 Datasheet HTML 7Page - Analog Devices AD1859_15 Datasheet HTML 8Page - Analog Devices AD1859_15 Datasheet HTML 9Page - Analog Devices AD1859_15 Datasheet HTML 10Page - Analog Devices AD1859_15 Datasheet HTML 11Page - Analog Devices AD1859_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. A
–8–
AD1859
Option for Analog De-emphasis Processing
The AD1859 includes three pins for implementing an external
analog 50/15
µs (or possibly the CCITT J. 17) de-emphasis fre-
quency response characteristic. A control pin DEEMP (Pin 2)
enables de-emphasis when it is asserted HI. Two analog out-
puts, EMPL (Pin 3) and EMPR (Pin 26) are used to switch the
required analog components into the output stage of the AD1859.
An analog implementation of de-emphasis is superior to a digital
implementation in several ways. It is generally lower noise, since
digital de-emphasis is usually created using recursive IIR filters,
which inject limit cycle noise. Also the digital de-emphasis is be-
ing applied in front of the primary analog noise generation source,
the DAC modulator, and its high frequency noise contributions
are not attenuated. An analog de-emphasis circuit is down-
stream from the relatively “noisy” DAC modulator and thus pro-
vides a more effective noise reduction role (which was the original
intent of the emphasis/de-emphasis scheme). A final key advan-
tage of analog de-emphasis is that it is sample rate invariant, so
that users can fully exploit the sample rate range of the AD1859
and simultaneously use de-emphasis. Digital implementations gen-
erally only support fixed, standard sample rates.
Digital Phase Locked Loop
The digital PLL is adaptive, and locks to the applied sample rate
(on the LRCLK Pin 13) in 100 ms to 200 ms. The digital PLL
is initially in “fast” mode, with a wide lock capture bandwidth.
The phase detector automatically switches the loop filter into
“slow” mode as phase lock is gradually obtained. The loop
bandwidth is 15 Hz in slow mode. Since the loop filter is first
order, the digital PLL will reject jitter on the left/right clock
above 15 Hz, with an attenuation of 6 dB per octave. The jitter
rejection frequency response is shown in Figure 1.
–60
–42
–54
15
–48
0
–24
–36
–30
–18
–12
–6
0
15360
7680
3840
1920
960
480
240
120
60
30
Hz ABOVE OR BELOW THE SAMPLE FREQUENCY
Figure 1. Digital PLL Jitter Rejection
OPERATING FEATURES
Serial Data Input Port
The AD1859 uses the frequency of the left/right input clock to
determine the input sample rate. LRCLK must run continu-
ously and transition twice per stereo sample period (except in
the left-justified DSP serial port style mode, when it transitions
four times per stereo sample period). The bit clock (BCLK) is
edge sensitive and may be used in a gated or burst mode (i.e., a
stream of pulses during data transmission followed by periods of
inactivity). The bit clock is only used to write the audio data
into the serial input port. It is important that the left/right clock
is “clean” with monotonic rising and falling edge transitions and
no excessive overshoot or undershoot which could cause false
clock triggering of the AD1859.
The AD1859’s flexible serial data input port accepts data in
twos-complement, MSB-first format. The left channel data
field always precedes the right channel data field. The input
data consists of either 16 or 18 bits, as established by the 18/16
input control (Pin 8). All digital inputs are specified to TTL
logic levels. The input data port is configured by control pins.
Serial Input Port Modes
The AD1859 uses two multiplexed input pins to control the
mode configuration of the input data port. IDPM0 and IDPM1
program the input data port mode as follows:
IDPM1
IDPM0
Serial Input Port Mode
LO
LO
Right-Justified (See Figure 2)
LO
HI
I
2S-Justified (See Figure 3)
HI
LO
Left-Justified (See Figure 4)
HI
HI
Left-Justified DSP Serial Port Style
(See Figure 5)
Figure 2 shows the right-justified mode. LRCLK is HI for the
left channel, and LO for the right channel. Data is valid on the
rising edge of BCLK. The MSB is delayed 14-bit clock periods
(in 18-bit input mode) or 16-bit clock periods (in 16-bit input
mode) from an LRCLK transition, so that when there are 64
BCLK periods per LRCLK period, the LSB of the data will be
right-justified to the next LRCLK transition.
MSB-1
MSB-2
LSB+2
LSB+1
LSB
MSB
MSB-1
MSB-2
LSB
LSB+2
LSB+1
LSB
LEFT CHANNEL
RIGHT CHANNEL
MSB
BCLK
INPUT
SDATA
INPUT
LRCLK
INPUT
Figure 2. Right-Justified Mode


Số phần tương tự - AD1859_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1859JR AD-AD1859JR Datasheet
302Kb / 16P
   Stereo, Single-Supply 18-Bit Integrated DAC
REV. A
AD1859JRS AD-AD1859JRS Datasheet
302Kb / 16P
   Stereo, Single-Supply 18-Bit Integrated DAC
REV. A
More results

Mô tả tương tự - AD1859_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1859 AD-AD1859 Datasheet
302Kb / 16P
   Stereo, Single-Supply 18-Bit Integrated DAC
REV. A
AD1868 AD-AD1868 Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1857 AD-AD1857 Datasheet
263Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857 AD-AD1857_15 Datasheet
266Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857JRSZ AD-AD1857JRSZ Datasheet
177Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1858 AD-AD1858_15 Datasheet
266Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1877 AD-AD1877_15 Datasheet
240Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870 AD-AD1870 Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com