công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1858 bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện AD1858
Giải thích chi tiết về linh kiện  Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1858 bảng dữ liệu(HTML) 2 Page - Analog Devices

  AD1858_15 Datasheet HTML 1Page - Analog Devices AD1858_15 Datasheet HTML 2Page - Analog Devices AD1858_15 Datasheet HTML 3Page - Analog Devices AD1858_15 Datasheet HTML 4Page - Analog Devices AD1858_15 Datasheet HTML 5Page - Analog Devices AD1858_15 Datasheet HTML 6Page - Analog Devices AD1858_15 Datasheet HTML 7Page - Analog Devices AD1858_15 Datasheet HTML 8Page - Analog Devices AD1858_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TEST CONDITIONS UNLESS OTHERWISE NOTED
Supply Voltages (AVDD, DVDD)
+5.0 V
Ambient Temperature
25
°C
Input Clock (FMCLK)
11.2896 MHz (256
× F
S Mode)
Input Signal
1.0013 kHz
–0.5 dB Full Scale
Input Sample Rate
44.1 kHz
Measurement Bandwidth
20 Hz to 20 kHz
AD1857 Input Data Wordwidth
18 Bits
AD1858 Input Data Wordwidth
16 Bits
Load Capacitance
100 pF
Load Impedance
47 k
Input Voltage HI (VIH)
2.4 V
Input Voltage LO (VIL)
0.8 V
I
2S-Justified Mode (Ref. Figure 7) for AD1857, Right-Justified Mode (Ref. Figure 8) for AD1858.
Performance of the right and left channels are identical (exclusive of the Interchannel Gain Mismatch and Interchannel Phase Deviation specifications).
Values in bold typeface are tested, all others are guaranteed, not tested.
ANALOG PERFORMANCE
Min
Typ
Max
Units
AD1857 Resolution
18
Bits
AD1858 Resolution
16
Bits
Dynamic Range (20 Hz to 20 kHz, –60 dB Input)
No A-Weight Filter
91
dB
With A-Weight Filter
94
dB
Total Harmonic Distortion + Noise
–90
–85
dB
0.003
0.006
%
Analog Outputs
Single-Ended Output Range (
± Full Scale)
2.8
3.0
3.2
V p-p
Output Impedance at Each Output Pin
<200
Output Capacitance at Each Output Pin
20
pF
Out-of-Band Energy (0.5
× F
S to 100 kHz)
–72.5
dB
CMOUT
2.1
2.25
2.4
V
DC Accuracy
Gain Error
±3.0
7.5
%
Interchannel Gain Mismatch
0.01
0.2
dB
Gain Drift
150
300
ppm/
°C
Interchannel Crosstalk (EIAJ method)
–120
–100
dB
Interchannel Phase Deviation
±0.1
Degrees
Mute Attenuation
–100
–90
dB
De-emphasis Gain Error
±0.1
dB
DIGITAL I/O
Min
Max
Units
Input Voltage HI (VIH)
2.4
V
Input Voltage LO (VIL)
0.8
V
Input Leakage (IIH @ VIH = 2.4 V)
10
µA
Input Leakage (IIL @ VIL = 0.8 V)
10
µA
Input Capacitance
20
pF
REV. 0
–2–
AD1857/AD1858–SPECIFICATIONS


Số phần tương tự - AD1858_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1858JRS AD-AD1858JRS Datasheet
263Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1858JRS AD-AD1858JRS Datasheet
177Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1858JRSRL AD-AD1858JRSRL Datasheet
263Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1858JRSRL AD-AD1858JRSRL Datasheet
177Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
More results

Mô tả tương tự - AD1858_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1857 AD-AD1857 Datasheet
263Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857 AD-AD1857_15 Datasheet
266Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857JRSZ AD-AD1857JRSZ Datasheet
177Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535_06 Datasheet
128Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
logo
Texas Instruments
TLC320AD75C TI-TLC320AD75C Datasheet
211Kb / 43P
[Old version datasheet]   20-Bit Sigma-Delta Stereo ADA Circuit
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535 Datasheet
160Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
logo
Texas Instruments
TLC320AD75 TI1-TLC320AD75 Datasheet
224Kb / 43P
[Old version datasheet]   20-Bit Sigma-Delta Stereo ADA Circuit
logo
STMicroelectronics
TDA7535013TR STMICROELECTRONICS-TDA7535013TR Datasheet
157Kb / 12P
   Delta/sigma cascade 20 bit stereo DAC
logo
Cirrus Logic
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
   16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
Motorola, Inc
MC145073 MOTOROLA-MC145073 Datasheet
228Kb / 16P
   Dual 16-Bit Stereo Audio Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com