công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KSD1616A bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện KSD1616A
Giải thích chi tiết về linh kiện  Audio Frequency Power Amplifier Medium Speed Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD1616A bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  KSD1616A Datasheet HTML 1Page - Fairchild Semiconductor KSD1616A Datasheet HTML 2Page - Fairchild Semiconductor KSD1616A Datasheet HTML 3Page - Fairchild Semiconductor KSD1616A Datasheet HTML 4Page - Fairchild Semiconductor KSD1616A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KSD1616/1616A Rev. 1.0.0
1
November 2007
KSD1616/1616A
Audio Frequency Power Amplifier & Medium Speed Switching
• Complement to KSB1116/1116A
1. Emitter 2. Collector 3. Base
TO-92
1
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Symbol
Parameter
Ratings
Units
VCBO
Collector-Base Voltage
: KSD1616
: KSD1616A
60
120
V
V
VCEO
Collector-Emitter Voltage
: KSD1616
: KSD1616A
50
60
V
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current (DC)
1
A
ICP
* Collector Current (Pulse)
2
A
PC
Collector Power Dissipation
0.75
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
* PW
≤10ms, Duty Cycle < 50%
Electrical Characteristics T
a=25°C unless otherwise noted
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB=60V, IE=0
100
nA
IEBO
Emitter Cut-off Current
VEB=6V, IC=0
100
nA
hFE1
hFE2
DC Current Gain
: KSD1616
: KSD1616A
VCE=2V, IC=100mA
VCE=2V, IC=1A
135
135
81
600
400
VBE (on)
* Base-Emitter On Voltage
VCE=2V, IC=50mA
600
640
700
mV
VCE (sat)
* Collector-Emitter Saturation Voltage
IC=1A, IB=50mA
0.15
0.3
V
VBE (sat)
* Base-Emitter Saturation Voltage
IC=1A, IB=50mA
0.9
1.2
V
Cob
Output Capacitance
VCE=10V, IE=0, f=1MHz
19
pF
fT
Current Gain Bandwidth Product
VCE=2V, IC=100mA
100
160
MHz
tON
Turn On Time
VCC=10V, IC=100mA
IB1= -IB2=10mA
VBE (off) = -2~-3V
0.07
μs
tSTG
Storage Time
0.95
μs
tF
Fall Time
0.07
μs
* Pulse Test: PW<350
μs, Duty Cycle≤2% Pulsed


Số phần tương tự - KSD1616A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Samsung semiconductor
KSD1616A SAMSUNG-KSD1616A Datasheet
115Kb / 3P
   NPN (AUDIO FREQUENCY POWER AMPLIFIER MIDIUM SPEED SWITCHING)
logo
Fairchild Semiconductor
KSD1616A FAIRCHILD-KSD1616A Datasheet
54Kb / 5P
   Audio Frequency Power Amplifier & Medium Speed Switching
logo
First Components Intern...
KSD1616A FCI-KSD1616A Datasheet
185Kb / 3P
   NPN Expitaxial Silicon Transistors
logo
Foshan Blue Rocket Elec...
KSD1616A FOSHAN-KSD1616A Datasheet
814Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
Micro Commercial Compon...
KSD1616A-G MCC-KSD1616A-G Datasheet
233Kb / 2P
   NPN Silicon Epitaxial Transistors
More results

Mô tả tương tự - KSD1616A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
KSB1116S FAIRCHILD-KSB1116S Datasheet
52Kb / 5P
   Audio Frequency Power Amplifier Medium Speed Switching
KSD1616 FAIRCHILD-KSD1616 Datasheet
54Kb / 5P
   Audio Frequency Power Amplifier & Medium Speed Switching
KSB1116AYTA FAIRCHILD-KSB1116AYTA Datasheet
57Kb / 5P
   Audio Frequency Power Amplifier & Medium Speed Switching
logo
List of Unclassifed Man...
2SB1116A ETC-2SB1116A Datasheet
143Kb / 3P
   AUDIO FREQUENCY POWER AMPLIFIER MEDIUM SPEED SWITCHING
logo
Fairchild Semiconductor
KSB1116 FAIRCHILD-KSB1116 Datasheet
52Kb / 5P
   Audio Frequency Power Amplifier & Medium Speed Switching
KSD1616AGTA FAIRCHILD-KSD1616AGTA Datasheet
248Kb / 5P
   Audio Frequency Power Amplifier & Medium Speed Switching
logo
NEC
2SC2654 NEC-2SC2654 Datasheet
274Kb / 4P
   Audio Frequency Power Amplifier, Medium Speed Switching
logo
List of Unclassifed Man...
2SD381 ETC-2SD381 Datasheet
45Kb / 1P
   Audio Frequency Power Amplifier,Low Speed Switching
logo
Toshiba Semiconductor
2SA1359 TOSHIBA-2SA1359_07 Datasheet
130Kb / 4P
   Audio Frequency Power Amplifier Low-Speed Switching
logo
First Silicon Co., Ltd
FTD882 FS-FTD882 Datasheet
120Kb / 2P
   AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com