công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1843 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện AD1843
Giải thích chi tiết về linh kiện  Serial-Port 16-Bit SoundComm Codec
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1843 bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button AD1843_15 Datasheet HTML 4Page - Analog Devices AD1843_15 Datasheet HTML 5Page - Analog Devices AD1843_15 Datasheet HTML 6Page - Analog Devices AD1843_15 Datasheet HTML 7Page - Analog Devices AD1843_15 Datasheet HTML 8Page - Analog Devices AD1843_15 Datasheet HTML 9Page - Analog Devices AD1843_15 Datasheet HTML 10Page - Analog Devices AD1843_15 Datasheet HTML 11Page - Analog Devices AD1843_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
REV. 0
–8–
AD1843
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
100
76
AD1843
TOP VIEW
(Not to Scale)
GNDD
XCTL1
NC
XCTL0
SYNC3
SYNC2
SYNC1
NC
GNDD
VDD
RESET
PWRDWN
NC
VDD
PDMNFT
NC
GNDA
HPOUTL
HPOUTC
HPOUTR
VCC
SUML
SUMR
NC
VCC
NC
VDD
VCC
NC
NC
NC
NC
SDO
SDFS
GNDD
TSI
TSO
GNDD
VDD
CS
BM
AUX3R
AUX3L
AUX2R
AUX2L
AUX1R
AUX1L
MICL
MICR
MIN
NC = NO CONNECT
Serial Interface (Continued)
Pin Name
PQFP
TQFP
I/O
Description
CS
9
11
I
Chip Select. When CS is set HI, the serial interface I/O pins will be in their normal
active states. When CS is reset LO, SCLK, SDFS, and SDO are three-
stated; SCLK, SDFS and SDI inputs are ignored; and TSO drives out the logic
level received on TSI.
TSO
6
7
O
Time Slot Output. TSO is asserted HI by the AD1843 simultaneously with the LSB
of the last time slot used by the AD1843. It is used to daisy-chain multiple AD1843s
on a common TDM serial bus. If the power-down (PWRDWN) pin is asserted or if
the chip select pin (CS) is deasserted, TSO is set to the logic level on the TSI pin,
allowing powered-down or unselected AD1843s on a daisy-chain to be skipped.
TSI
5
6
I
Time Slot Input. Asserting TSI HI indicates to the AD1843 that it should use
the next six time slots beginning on the next SCLK period. It also enables TSO
to be asserted at the end of these six time slots. TSI is ignored (but should be tied
LO) when the AD1843 is the bus master since the bus master uses the first time
slots in a TDM frame.
XCTL[1:0]
59, 58
72, 74
I/O
External Control. These signals reflect the status of bits (Data 8 and 9) in Control
Register Address 28 of the AD1843. They may be used for signaling or controlling
external logic.
PIN CONFIGURATIONS
100-Lead TQFP


Số phần tương tự - AD1843_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1843JS AD-AD1843JS Datasheet
848Kb / 64P
   Serial-Port 16-Bit SoundComm Codec
REV. 0
AD1843JST AD-AD1843JST Datasheet
848Kb / 64P
   Serial-Port 16-Bit SoundComm Codec
REV. 0
More results

Mô tả tương tự - AD1843_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1843 AD-AD1843 Datasheet
848Kb / 64P
   Serial-Port 16-Bit SoundComm Codec
REV. 0
AD1849KPZ AD-AD1849KPZ Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort짰 Stereo Codec
REV. A
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K Datasheet
320Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com