công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS2964 bảng dữ liệu(PDF) 10 Page - Gennum Corporation

tên linh kiện GS2964
Giải thích chi tiết về linh kiện  SMPTE 424M, SMPTE 292M and SMPTE 259M compliant
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2964 bảng dữ liệu(HTML) 10 Page - Gennum Corporation

Back Button GS2964 Datasheet HTML 6Page - Gennum Corporation GS2964 Datasheet HTML 7Page - Gennum Corporation GS2964 Datasheet HTML 8Page - Gennum Corporation GS2964 Datasheet HTML 9Page - Gennum Corporation GS2964 Datasheet HTML 10Page - Gennum Corporation GS2964 Datasheet HTML 11Page - Gennum Corporation GS2964 Datasheet HTML 12Page - Gennum Corporation GS2964 Datasheet HTML 13Page - Gennum Corporation GS2964 Datasheet HTML 14Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
GS2964 Adaptive Cable Equalizer
Data Sheet
51913 - 3
March 2010
10 of 17
4. Detailed Description
The GS2964 is a high-speed BiCMOS IC designed to equalize serial digital signals.
The GS2964 can equalize 3Gb/s, HD and SD serial digital signals, and will typically
equalize 100m of Belden 1694A cable at 2.97Gb/s, 140m at 1.485Gb/s and 180m at
270Mb/s.The GS2964 is powered from a single +3.3V power supply and consumes
approximately 215mW of power.
4.1 Serial Digital Inputs
The Serial Data Signal may be connected to the input pins (SDI/SDI) in either a
differential or single ended configuration. AC coupling of the inputs is recommended, as
the SDI and SDI inputs are internally biased at approximately 1.8V.
4.2 Cable Equalization
The input signal passes through a variable gain equalizing stage whose frequency
response closely matches the inverse of the cable loss characteristic. In addition, the
variation of the frequency response with control voltage imitates the variation of the
inverse cable loss characteristic with cable length.
The edge energy of the equalized signal is monitored by a detector circuit which
produces an error signal corresponding to the difference between the desired edge
energy and the actual edge energy. This error signal is integrated by both an internal and
an external AGC filter capacitor providing a steady control voltage for the gain stage. As
the frequency response of the gain stage is automatically varied by the application of
negative feedback, the edge energy of the equalized signal is kept at a constant level
which is representative of the original edge energy at the transmitter. The equalized
signal is also DC restored, effectively restoring the logic threshold of the equalized signal
to its correct level independent of shifts due to AC coupling.
4.3 Serial Digital Outputs
The digital output signals have a nominal voltage of 800mVpp differential, or 400mVpp
single-ended when terminated with 50Ω as shown in Figure 4-1.


Số phần tương tự - GS2964

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
More results

Mô tả tương tự - GS2964

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
CLC034 NSC-CLC034 Datasheet
461Kb / 6P
   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0034 TI1-LMH0034_14 Datasheet
705Kb / 15P
[Old version datasheet]   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0044 NSC-LMH0044_07 Datasheet
224Kb / 8P
   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0044 TI1-LMH0044 Datasheet
742Kb / 14P
[Old version datasheet]   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034_07 Datasheet
267Kb / 8P
   SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 NSC-LMH0044 Datasheet
506Kb / 7P
   SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 NSC-LMH0044_09 Datasheet
254Kb / 8P
   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0044 TI1-LMH0044_14 Datasheet
743Kb / 15P
[Old version datasheet]   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0044 NSC-LMH0044_08 Datasheet
226Kb / 8P
   SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0034 NSC-LMH0034_09 Datasheet
296Kb / 8P
   SMPTE 292M / 259M Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com