công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1836 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD1836
Giải thích chi tiết về linh kiện  Multichannel 96 kHz Codec
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1836 bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button AD1836_15 Datasheet HTML 2Page - Analog Devices AD1836_15 Datasheet HTML 3Page - Analog Devices AD1836_15 Datasheet HTML 4Page - Analog Devices AD1836_15 Datasheet HTML 5Page - Analog Devices AD1836_15 Datasheet HTML 6Page - Analog Devices AD1836_15 Datasheet HTML 7Page - Analog Devices AD1836_15 Datasheet HTML 8Page - Analog Devices AD1836_15 Datasheet HTML 9Page - Analog Devices AD1836_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrC
AD1836
–6–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD1836 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
Parameter
Min
Max
Unit
Power Supplies
Analog (AVDD)
–0.3
6.0
V
Digital (DVDD)
–0.3
6.0
V
Input Current
±20
mA
(Except Supply Pins)
Analog Input Voltage
–0.3
AVDD + 0.3
V
(Signal Pins)
Digital Input Voltage
–0.3
DVDD + 0.3
V
(Signal Pins)
Ambient Temperature
–40
+85
°C
(Operating)
ESD Tolerance
1
kV
(Human Body Model, Method 3015.2, MIL-STD-883B)
*Stresses greater than those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Model
Temperature
Package
Package
Range
Description
Option
AD1836AS
–40 to +85
°C
52-Lead MQFP
S-52
PIN CONFIGURATION
52-Lead MQFP
52 51 50 49 48
43 42 41 40
47 46 45 44
14 15 16 17 18 19 20 21 22 23 24 25 26
1
2
3
4
5
6
7
8
9
10
11
13
12
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
39
38
37
36
35
34
33
32
31
30
29
28
27
AD1836
DVDD
CDATA
PD/RST
OUTLP3
OUTLN3
OUTLP2
OUTLN2
OUTLP1
OUTLN1
AVDD
AGND
FILTD
FILTR
DGND
DSDATA1
DBCLK
DLRCLK
OUTRP3
OUTRN3
OUTRP2
OUTRN2
OUTRP1
OUTRN1
AGND
AGND
CAPR2


Số phần tương tự - AD1836_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1836A AD-AD1836A Datasheet
878Kb / 18P
   Multichannel 96 kHz Codec
AD1836A AD-AD1836A Datasheet
2Mb / 24P
   Multichannel 96 kHz Codec
REV. 0
AD1836A AD-AD1836A Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836AAS AD-AD1836AAS Datasheet
2Mb / 24P
   Multichannel 96 kHz Codec
REV. 0
AD1836AASRL AD-AD1836AASRL Datasheet
2Mb / 24P
   Multichannel 96 kHz Codec
REV. 0
More results

Mô tả tương tự - AD1836_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1836A AD-AD1836A_15 Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836AASZ AD-AD1836AASZ Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836A AD-AD1836A Datasheet
2Mb / 24P
   Multichannel 96 kHz Codec
REV. 0
AD1836 AD-AD1836 Datasheet
878Kb / 18P
   Multichannel 96 kHz Codec
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
logo
Texas Instruments
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
PCM3060 TI1-PCM3060_15 Datasheet
1Mb / 49P
[Old version datasheet]   96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Cirrus Logic
CS4228 CIRRUS-CS4228 Datasheet
487Kb / 30P
   24-Bit, 96 kHz Surround Sound Codec?
CS4228A CIRRUS-CS4228A Datasheet
518Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com