công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SL1003A350 bảng dữ liệu(PDF) 1 Page - Littelfuse |
|
SL1003A350 bảng dữ liệu(HTML) 1 Page - Littelfuse |
1 / 5 page ©2009 Littelfuse, Inc. Gas Discharge Tube (GDT) Products 40 Revised: November 10, 2009 Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information. Customer should verify actual device performance in their specific applications. SL1003A Series SL1003A Series Description Features • RoHS compliant • Low insertion loss • Surface mountable • 5kA surge capability tested with 8/20/μs pulse as defined by IEC 61000-4-5 • GHz working frequency • Excellent response to fast rising transients • Can be used to meet Telcordia GR1089 without series resistance • 10/700 6kV capability, as per ITU-Tk.21, enhanced test level • 2000 Amp 2/10μs surge rating Applications • Broadband equipment • ADSL equipment • XDSL equipment • Satellite and CATV equipment • General telecom equipment AGENCY AGENCY FILE NUMBER ® E128662 Agency Approvals ® SL1003A Series Revised: November 10, 2009 The SL1003A series has been especially developed for Broadband equipment. Special design features provide high levels of protection against fast rising transients in the 100V/μs to 1kV/μs range usually caused by lightning disturbances. These devices have ultra low capacitance 1.5pF and present insignificant signal losses up to 1.5GHz. These devices are extremely robust and are able to divert a 5000A pulse without destruction. For AC Power Cross of long duration, over-current protection is recommended. 3 Electrode GDT Graphical Symbol |
Số phần tương tự - SL1003A350 |
|
Mô tả tương tự - SL1003A350 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |