công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1671 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện AD1671
Giải thích chi tiết về linh kiện  Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1671 bảng dữ liệu(HTML) 3 Page - Analog Devices

  AD1671_15 Datasheet HTML 1Page - Analog Devices AD1671_15 Datasheet HTML 2Page - Analog Devices AD1671_15 Datasheet HTML 3Page - Analog Devices AD1671_15 Datasheet HTML 4Page - Analog Devices AD1671_15 Datasheet HTML 5Page - Analog Devices AD1671_15 Datasheet HTML 6Page - Analog Devices AD1671_15 Datasheet HTML 7Page - Analog Devices AD1671_15 Datasheet HTML 8Page - Analog Devices AD1671_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD1671
(TMIN to TMAX with VCC = +5 V
5%, VLOGIC = +5 V
10%, VEE = –5 V
5%, fSAMPLE = 1 MSPS,
flNPUT = 1OO kHz, unless otherwise noted)
1
AC SPECIFICATIONS
AD1671J/A/S
AD1671K
Parameter
Min
Typ
Max
Min
Typ
Max
Units
SIGNAL-TO-NOISE PLUS DISTORTION RATIO
(S/N + D)
–0.5 dB Input
68
70
68
71
dB
–20 dB Input
50
51
dB
EFFECTIVE NUMBER OF BITS (ENOB)
11.2
11.2
Bits
TOTAL HARMONIC DISTORTION (THD)
–80
–75
–83
–75
dB
PEAK SPURIOUS OR PEAK HARMONIC COMPONENT
–80
–77
–81
–77
dB
SMALL SIGNAL BANDWIDTH
12
12
MHz
FULL POWER BANDWIDTH
2
2
MHz
INTERMODULATION DISTORTION (IMD)
2
2nd Order Products
–80
–75
–80
–75
dB
3rd Order Products
–85
–75
–85
–75
dB
NOTES
1f
IN amplitude = –0.5 dB (9.44 V p-p) bipolar mode full scale unless otherwise indicated. All measurements referred to a 0 dB ( ± 5 V) input signal, unless otherwise
indicated.
2f
A = 99 kHz, fB = 100 kHz with fSAMPLE = 1 MSPS.
Specifications subject to change without notice.
SWITCHING SPECIFICATIONS
Parameters
Symbol
Min
Typ
Max
Units
Conversion Time
tC
800
ns
Sample Rate
FS
1.25
MSPS
ENCODE Pulse Width High (Figure 1a)
tENC
20
50
ns
ENCODE Pulse Width Low (Figure 1b)
tENCL
20
ns
DAV Pulse Width
tDAV
150
300
ns
ENCODE Falling Edge Delay
tF
0ns
Start New Conversion Delay
tR
0ns
Data and OTR Delay from DAV Falling Edge
tDD
1
20
75
ns
Data and OTR Valid before DAV Rising Edge
tSS
2
20
75
ns
NOTES
1t
DD is measured from when the falling edge of DAV crosses 0.8 V to when the output crosses 0.4 V or 2.4 V with a 25 pF load capacitor on each output pin.
2t
SS is measured from when the outputs cross 0.4 V or 2.4 V to when the rising edge of DAV crosses 2.4 V with a 25 pF load capacitor on each output pin.
Specifications subject to change without notice.
(For all grades TMIN to TMAX with VCC = +5 V
5%, VLO61C = +5 V
10%,
VEE = –5 V
5%; VIL = 0.8 V, VIH = 2.0 V, VOL = 0.4 V and VOH = 2.4 V)
ENCODE
DAV
DATA 0 (PREVIOUS)
DATA 1
C
t
DAV
t
DD
t
SS
t
t
F
t
R
t
ENCL
BIT 1–12
MSB, OTR
Figure 1b. Encode Pulse LOW
ENCODE
DAV
DATA 0 (PREVIOUS)
DATA 1
ENC
t
C
t
DAV
t
DD
t
SS
t
R
t
BIT 1–12
MSB, OTR
Figure 1a. Encode Pulse HIGH
REV. B
–3–


Số phần tương tự - AD1671_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1671 AD-AD1671_17 Datasheet
201Kb / 7P
   12-Bit A/D Converter
More results

Mô tả tương tự - AD1671_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1671 AD-AD1671 Datasheet
397Kb / 16P
   Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
REV. B
AD9241 AD-AD9241 Datasheet
495Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9241ASZ AD-AD9241ASZ Datasheet
497Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9241 AD-AD9241_17 Datasheet
530Kb / 25P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
AD9241 AD-AD9241_15 Datasheet
497Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com