công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1380 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD1380
Giải thích chi tiết về linh kiện  Low Cost 16-Bit Sampling ADC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1380 bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD1380_15 Datasheet HTML 1Page - Analog Devices AD1380_15 Datasheet HTML 2Page - Analog Devices AD1380_15 Datasheet HTML 3Page - Analog Devices AD1380_15 Datasheet HTML 4Page - Analog Devices AD1380_15 Datasheet HTML 5Page - Analog Devices AD1380_15 Datasheet HTML 6Page - Analog Devices AD1380_15 Datasheet HTML 7Page - Analog Devices AD1380_15 Datasheet HTML 8Page - Analog Devices AD1380_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Low Cost
16-Bit Sampling ADC
AD1380
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FUNCTIONAL BLOCK DIAGRAM
FEATURES
NC = NO CONNECT
32
S/H
OUT
6
+10V
SPAN
7
+20V
SPAN
26
CLOCK
OUT
28
START
CONVERT
4
BIPOLAR
5
COMPARATOR
IN
3
GAIN
ADJ
31
S/H IN
29
+5V
30
DIGITAL
COMMON
2
+15V
8
ANALOG
COMMON
1
–15V
23
10
24
MSB
9
LSB
25
NC
27
BUSY
BIT 2
BIT 15
TIMING CIRCUITRY
ADC
REF
SAMPLE
AND
HOLD
AD1380
Complete sampling 16-bit ADC with reference and clock
50 kHz throughput
±1/2 LSB nonlinearity
Low noise SHA: 300 μV p-p
32-lead hermetic DIP
Parallel output
Low power: 900 μW
APPLICATIONS
Medical and analytical instrumentation
Signal processing
Data acquisition systems
Professional audio
Automatic test equipment (ATE)
Figure 1.
Telecommunications
GENERAL DESCRIPTION
The AD1380 is a complete, low cost 16-bit analog-to-digital
converter, including internal reference, clock and sample/hold
amplifier. Internal thin-film-on-silicon scaling resistors allow
analog input ranges of ±2.5 V, ±5 V, ±10 V, 0 V to +5 V and
0 V to +10 V.
Important performance characteristics of the AD1380 include
maximum linearity error of ±0.003% of FSR (AD1380KD) and
maximum 16-bit conversion time of 14 μs. Transfer
characteristics of the AD1380 (gain, offset and linearity) are
specified for the combined ADC/sample-and-hold amplifier
(SHA), so total performance is guaranteed as a system. The
AD1380 provides data in parallel with corresponding clock and
status outputs. All digital inputs and outputs are TTL or 5 V
CMOS-compatible.
The serial output function is no longer available after date
code 0120.


Số phần tương tự - AD1380_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1380JD AD-AD1380JD Datasheet
240Kb / 8P
   Low Cost 16-Bit Sampling ADC
REV. B
AD1380KD AD-AD1380KD Datasheet
240Kb / 8P
   Low Cost 16-Bit Sampling ADC
REV. B
More results

Mô tả tương tự - AD1380_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1380 AD-AD1380 Datasheet
240Kb / 8P
   Low Cost 16-Bit Sampling ADC
REV. B
logo
Linear Technology
LTC1605ACG LINER-LTC1605ACG Datasheet
339Kb / 16P
   16-Bit, 100ksps, Sampling ADC
LTC1605 LINER-LTC1605 Datasheet
490Kb / 16P
   16-Bit, 100ksps, Sampling ADC
LTC1605 LINER-LTC1605_15 Datasheet
339Kb / 16P
   16-Bit, 100ksps, Sampling ADC
logo
Analog Devices
AD1876 AD-AD1876 Datasheet
190Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676_15 Datasheet
391Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676_17 Datasheet
421Kb / 17P
   16-Bit 100 kSPS Sampling ADC
AD1876 AD-AD1876_15 Datasheet
158Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677_15 Datasheet
430Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676 Datasheet
388Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com