công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1376 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD1376
Giải thích chi tiết về linh kiện  Complete, High Speed 16-Bit A/D Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1376 bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD1376_15 Datasheet HTML 1Page - Analog Devices AD1376_15 Datasheet HTML 2Page - Analog Devices AD1376_15 Datasheet HTML 3Page - Analog Devices AD1376_15 Datasheet HTML 4Page - Analog Devices AD1376_15 Datasheet HTML 5Page - Analog Devices AD1376_15 Datasheet HTML 6Page - Analog Devices AD1376_15 Datasheet HTML 7Page - Analog Devices AD1376_15 Datasheet HTML 8Page - Analog Devices AD1376_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Complete, High Speed
16-Bit A/D Converters
AD1376/AD1377
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.481.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Complete 16-bit converters with reference and clock
±0.003% maximum nonlinearity
No missing codes to 14 bits over temperature
Fast conversion
17 µs to 16 bits (AD1376)
10 µs to 16 bits (AD1377)
Short cycle capability
Adjustable clock rate
Parallel outputs
Low power
645 mW typical (AD1376)
585 mW typical (AD1377)
Industry-standard pinout
GENERAL DESCRIPTION
The AD1376/AD1377 are high resolution, 16-bit analog-to-
digital converters with internal reference, clock, and laser-
trimmed thin-film applications resistors. The AD1376/AD1377
are excellent for use in high resolution applications requiring
moderate speed and high accuracy or stability over commercial
temperature ranges (0°C to 70°C). They are packaged in
compact 32-lead, ceramic seam-sealed (hermetic), dual in-line
packages (DIP). Thin-film scaling resistors provide bipolar
input ranges of ±2.5 V, ±5 V, and ±10 V and unipolar input
ranges of 0 V to +5 V, 0 V to +10 V, and 0 V to +20 V.
Digital output data is provided in parallel form with
corresponding clock and status outputs. All digital inputs and
outputs are TTL-compatible.
For the AD1376, the serial output function is no longer
available after date code 0111. For the AD1377, the serial output
function is no longer available after date code 0210. The option
of applying an external clock on the CONVERT START pin to
slow down the internally set conversion time is no longer
supported for either part.
PRODUCT HIGHLIGHTS
1.
The AD1376/AD1377 provide 16-bit resolution with a
maximum linearity error of ±0.003% (1/2 LSB14) at 25°C.
2.
The AD1376 conversion time is 14 µs (typical) short cycled
to 14 bits, and 16 µs to 16 bits.
3.
The AD1377 conversion time is 8 µs (typical) short cycled
to 14 bits, and 9 µs to 16 bits.
4.
Two binary codes are available on the digital output. They
are CSB (complementary straight binary) for unipolar input
voltage ranges and COB (complementary offset binary) for
bipolar input ranges. Complementary twos complement
(CTC) coding may be obtained by inverting Pin 1 (MSB).
5.
The AD1376/AD1377 include internal reference and clock
with external clock rate adjust pin, and parallel digital outputs.
FUNCTIONAL BLOCK DIAGRAM
(MSB) BIT 1 1
BIT 2 2
BIT 3 3
BIT 4 4
BIT 5 5
BIT 6 6
BIT 7 7
BIT 8 8
BIT 9 9
BIT 10 10
BIT 11 11
BIT 12 12
(LSB FOR 13 BITS) BIT 13 13
(LSB FOR 14 BITS) BIT 14 14
BIT 15 15
BIT 16 16
SHORT CYCLE
32
CONVERT START
31
+5V DC SUPPLY VL
30
GAIN ADJUST
29
+15V DC SUPPLY VCC
28
COMPARATOR IN
27
BIPOLAR OFFSET
26
+10V
25
+20V
24
CLK RATE CTRL
23
ANALOG COMMON
22
–15V DC SUPPLY VEE
21
CLOCK OUT
20
DIGITAL COMMON
19
STATUS
18
NC
17
16-BIT SAR
CLOCK
REFERENCE
COMPARATOR
7.5k
3.75k
Ω 3.75kΩ
AD1376/AD1377
Figure 1.


Số phần tương tự - AD1376_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1376JD AD-AD1376JD Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
AD1376JD AD-AD1376JD Datasheet
174Kb / 8P
   Complete, High Speed 16-Bit A/D Converters
REV. B
AD1376KD AD-AD1376KD Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
AD1376KD AD-AD1376KD Datasheet
174Kb / 8P
   Complete, High Speed 16-Bit A/D Converters
REV. B
More results

Mô tả tương tự - AD1376_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1376 AD-AD1376 Datasheet
174Kb / 8P
   Complete, High Speed 16-Bit A/D Converters
REV. B
AD1377 AD-AD1377_15 Datasheet
403Kb / 12P
   Complete, High Speed 16-Bit A/D Converters
REV. D
ADADC71 AD-ADADC71 Datasheet
647Kb / 8P
   Complete, High Resolution 16-Bit A/D Converters
REV. A
AD1316 AD-AD1316 Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
ADADC85 AD-ADADC85_15 Datasheet
1Mb / 12P
   Fast, Complete 12-Bit A/D Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com