công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD871 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD871
Giải thích chi tiết về linh kiện  Complete 12-Bit 5 MSPS Monolithic A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD871 bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD871_15 Datasheet HTML 1Page - Analog Devices AD871_15 Datasheet HTML 2Page - Analog Devices AD871_15 Datasheet HTML 3Page - Analog Devices AD871_15 Datasheet HTML 4Page - Analog Devices AD871_15 Datasheet HTML 5Page - Analog Devices AD871_15 Datasheet HTML 6Page - Analog Devices AD871_15 Datasheet HTML 7Page - Analog Devices AD871_15 Datasheet HTML 8Page - Analog Devices AD871_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD871
REV. A
–4–
SWITCHING SPECIFICATIONS
(TMIN to TMAX with AVDD = +5 V, DVDD = +5 V, DRVDD = +5 V, AVSS = –5 V; VIL = 0.8 V,
VIH = 2.0 V, VOL = 0.4 V and VOH = 2.4 V)
Parameter
Symbol
J, S Grades
Units
Clock Period
l
tC
200
ns min
CLOCK Pulsewidth High
tCH
95
ns min
CLOCK Pulsewidth Low
tCL
95
ns min
Clock Duty Cycle
2
40
% min (50% typ)
60
% max
Output Delay
tOD
10
ns min (20 ns typ)
Pipeline Delay (Latency)
3
Clock Cycles
Data Access Time (LCC Package Only)
3
tDD
50
ns typ (100 pF Load)
Output Float Delay (LCC Package Only)
3
tHL
50
ns typ (10 pF Load)
NOTES
1Conversion rate is operational down to 10 kHz without degradation in specified performance.
2For clock periods of 200 ns or greater, see Clock Input section.
3See section on Three-State Outputs for timing diagrams and application information.
Specifications subject to change without notice.
N+1
N
tCH
tCL
tOD
DATA
N
DATA
N+1
CLOCK
BIT 2–12
MSB, OTR
N
N+1
VIN
tC
Figure 1. Timing Diagram
ABSOLUTE MAXIMUM RATINGS
1
Parameter
With Respect to
Min
Max
Units
AVDD
AGND
–0.5
+6.5
Volts
AVSS
AGND
–6.5
+0.5
Volts
DVDD, DRVDD
DGND, DRGND
–0.5
+6.5
Volts
DRVDD
2
DVDD
–6.5
+6.5
Volts
DRGND
2
DGND
–0.3
+0.3
Volts
AGND
DGND
–1.0
+1.0
Volts
AVDD
DVDD
–6.5
+6.5
Volts
Clock Input, OEN
DGND
–0.5
DVDD + 0.5
Volts
Digital Outputs
DGND
–0.5
DVDD + 0.3
Volts
VINA, VINB REF IN
AGND
–6.5
+6.5
Volts
REF IN
AGND
AVSS
AVDD
Volts
Junction Temperature
+150
°C
Storage Temperature
–65
+150
°C
Lead Temperature (10 sec)
+300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum
ratings for extended periods may affect device reliability.
2LCC Package Only.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD871 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Số phần tương tự - AD871_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD871JD AD-AD871JD Datasheet
378Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD871JE AD-AD871JE Datasheet
378Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD871SD AD-AD871SD Datasheet
378Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
logo
List of Unclassifed Man...
AD871SD ETC2-AD871SD Datasheet
54Kb / 12P
   MICROCIRCUIT, LINEAR, A/D CONVERTER, 12-BIT, 5 MSPS, MONOLITHIC SILICON
AD871SD883B ETC2-AD871SD883B Datasheet
54Kb / 12P
   MICROCIRCUIT, LINEAR, A/D CONVERTER, 12-BIT, 5 MSPS, MONOLITHIC SILICON
More results

Mô tả tương tự - AD871_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD871 AD-AD871 Datasheet
378Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
AD9224ARSZ AD-AD9224ARSZ Datasheet
316Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A Datasheet
330Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225 Datasheet
321Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. A
AD1672 AD-AD1672 Datasheet
465Kb / 20P
   Complete 12-Bit, 3 MSPS Monolithic A/D Converter
REV. 0
AD9225 AD-AD9225_15 Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com