công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11920-E bảng dữ liệu(PDF) 9 Page - ON Semiconductor

tên linh kiện LB11920-E
Giải thích chi tiết về linh kiện  Three-Phase Brushless Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11920-E bảng dữ liệu(HTML) 9 Page - ON Semiconductor

Back Button LB11920-E Datasheet HTML 2Page - ON Semiconductor LB11920-E Datasheet HTML 3Page - ON Semiconductor LB11920-E Datasheet HTML 4Page - ON Semiconductor LB11920-E Datasheet HTML 5Page - ON Semiconductor LB11920-E Datasheet HTML 6Page - ON Semiconductor LB11920-E Datasheet HTML 7Page - ON Semiconductor LB11920-E Datasheet HTML 8Page - ON Semiconductor LB11920-E Datasheet HTML 9Page - ON Semiconductor LB11920-E Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LB11920
No.7229-9/10
5. Forward/backward changeover
The motor rotation can be changed over with the F/R pin. Following cautions should be observed when F/R changeover
is to be made while the motor is running :
• The circuit incorporates a measure against the through current at a time of changeover. However it is necessary to take
an appropriate measure to prevent the voltage from exceeding the rated voltage (35V) because of rising of the VM
voltage at changeover (instantaneous return of the motor current to the power supply). When this is a problem,
increase the capacitance of a capacitor between VM and GND.
• When the motor current after changeover is the current limit or more, the lower Tr is turned OFF. But the upper Tr
enters the short-brake condition, and the current determined from the motor counter-electromotive voltage and coil
resistance flows. It is necessary to prevent this current from exceeding the rated current (3.5A). (F/R changeover at
high rotation speed is dangerous.)
6. Brake operation
Brake operation is made through setting of the BR pin to the “L” level. This operation consists of a short-brake
operation in which all of lower outputs are turned OFF while all of upper outputs are turned ON. While the brake is
operating, current limiting and motor lock protection circuits are not operative. Apply brake only when the current
during operation does not exceed the rated current (3.5A).
The circuit incorporates a measure against the through current at a time of changeover. However it is necessary to take
an appropriate measure to prevent the voltage from exceeding the rated voltage (35V) because of rising of the VM
voltage at changeover (instantaneous return of the motor current to the power supply). When this is a problem, increase
the capacitance of a capacitor between VM and GND.
7. Motor lock protection circuit
A motor lock protection circuit is incorporated for protection of IC and motor when the motor is locked.
The lower output Tr is turned OFF when the Hall input signal is not switched for a certain period in the motor drive
condition.
The time is set by means of a capacity of a capacitor connected to the CSD pin.
Time setting of about 3.5sec is possible for the capacitance of 10
μF. (Variance ±30%)
Set time (s)
≈ 0.35 × C (μF)
Due care must be taken on any leakage current in the capacitor used because it may adversely affect error of the set time,
etc.
To cancel the motor lock protection condition, one of following steps must be taken :
• Stop mode
• Maintaining the output duty 0% condition through input of PWMIN or TOC for more than the period of tPWM
× 8.
(tPWM : IC internal PWM oscillation period)
• Power must be applied again (in the stop condition).
Connect the CSD pin to GND when the motor lock protection circuit is not to be used.
The motor lock protection active period at restart becomes shorter than the setting when the stop time to cancel motor
lock protection is shorter because the charge of capacitor cannot be fully discharged. Therefore, it is necessary to
provide a certain allowance to the stop period while referring to the following formula as a guideline.
Stop time (ms)
≥ 15 × C (μF)
8. Circuit for low-voltage protection
This circuit detects the voltage applied to the VCC pin. When this voltage drops below the operation voltage (see the
electric characteristics), the lower side output is turned OFF. To prevent repetition of output ON/OFF near the
protection activation voltage, the hysteresis is provided. Accordingly, the output is not recovered unless the voltage
rises by about 0.5V above the activation voltage.
9. HP output
For the HP output, the composite signal of three phases of Hall element signal is output. This is an open collector output.
This can be used for the motor rotation detection signal, etc.


Số phần tương tự - LB11920-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11920 SANYO-LB11920 Datasheet
103Kb / 10P
   Three-Phase Brushless Motor Driver for Office Equipment Applications
LB11920 SANYO-LB11920 Datasheet
159Kb / 10P
   For OA Products Three-Phase Brushless Motor Driver
LB11920 SANYO-LB11920_08 Datasheet
159Kb / 10P
   For OA Products Three-Phase Brushless Motor Driver
More results

Mô tả tương tự - LB11920-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com