công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GMA1505 bảng dữ liệu(PDF) 2 Page - Guilin Strong Micro-Electronics Co., Ltd. |
|
GMA1505 bảng dữ liệu(HTML) 2 Page - Guilin Strong Micro-Electronics Co., Ltd. |
2 / 2 page 桂 林 斯 壯 微 電 子 有 限 責 任 公 司 Guilin Strong Micro-Electronics Co.,Ltd. GMA1505 ■ ELECTRICAL CHARACTERISTICS 電特性 (TA=25℃ unless otherwise noted 如無特殊說明,溫度爲 25℃) Characteristic 特性參數 Symbol 符號 Test Condition 測試條件 Min 最小值 Typ 典型值 Max 最大值 Unit 單位 Collector Cutoff Current 集電極截止電流 ICBO VCB=-35V, IE=0 — — -0.1 μ A Emitter Cutoff Current 發射極截止電流 IEBO VEB=-5V, IC=0 — — -0.1 μ A Collector-Base Breakdown Voltage 集電極 -基極擊穿電壓 V(BR)CBO IC=-100μA -35 — — V Collector-Emitter Breakdown Voltage 集電極 -發射極擊穿電壓 V(BR)CEO IC=-1.0mA -30 — — V Emitter-Base Breakdown Votlage 發射極 -基極擊穿電壓 V(BR)EBO IE=-100μA -5 — — V DC Current Gain 直流電流增益 HFE1 VCE=-1V, IC=-100mA 70 — 400 — DC Current Gain 直流電流增益 HFE2 VCE=-6V, IC=-400mA 25(O) 40(Y) — — — Collector-Emitter Saturation Voltage 集電極 -發射極飽和壓降 VCE(sat) IC=-100mA, IB=-10mA — -0.1 -0.25 V Base-Emitter Saturation Voltage 基極 -發射極飽和壓降 VBE(sat) IC=-100mA, IB=-10mA — — -1.0 V Base-Emitter Saturation 基極 -發射極電壓 VBE VCE=-1V, IC=-100mA — -0.8 -1.0 V Transition Frequency 特徵頻率 fT VCE=-6V, IC=-20mA — 200 — MHz Collector Output Capacitance 輸出電容 Cob VCB=-6V,IE=0, f=1MHz — 13 — pF |
Số phần tương tự - GMA1505 |
|
Mô tả tương tự - GMA1505 |