công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OP07DP bảng dữ liệu(PDF) 4 Page - Tiger Electronic Co.,Ltd |
|
OP07DP bảng dữ liệu(HTML) 4 Page - Tiger Electronic Co.,Ltd |
4 / 5 page OP07 CP / DP , CDR / DDR operating characteristics, VCC ± = ±15 V, TA = 25°C PARAMETER TEST CONDITIONS† OP07C OP07D UNIT MIN TYP MAX MIN TYP MAX Vn Equivalent input noise voltage f = 10 Hz 10.5 10.5 nV/Hz f = 100 Hz 10.2 10.3 f = 1 kHz 9.8 9.8 VN(PP) Peak-to-peak equivalent input noise voltage f = 0.1 Hz to 10 Hz 0.38 0.38 V In Equivalent input noise current f = 10 Hz 0.35 0.35 pA/Hz f = 100 Hz 0.15 0.15 f = 1 kHz 0.13 0.13 IN(PP) Peak-to-peak equivalent input noise current f = 0.1 Hz to 10 Hz 15 15 pA SR Slew rate RL ε 2 k 0.3 0.3 V/ s † All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise noted. electrical characteristics, VCC ± = ±15 V, TA = 25°C (unless otherwise noted) PARAMETER TEST CONDITIONS† OP07Y UNIT MIN TYP MAX VIO Input offset voltage RS = 50 60 150 V Long-term drift of input offset voltage See Note 6 0.5 V/mo Offset adjustment range RS = 20 k , See Figure 1 ±4 mV IIO Input offset current 0.8 6 nA IIB Input bias current ±2 ±12 nA VICR Common-mode input voltage range ±13 ± 14 V VOM Peak output voltage RL δ 10 k ±12 ± 13 V RL δ 2 k ± 11.5 ± 12.8 RL δ 1 k ±12 AVD Large-signal differential voltage amplification VCC ± = ± 3 V, VO = ± 0.5 V, RL δ 500 k 400 VO = ± 10 V, RL = 2 k 120 400 B1 Unity-gain bandwidth 0.4 0.6 MHz ri Input resistance 7 31 M CMRR Common-mode input resistance VIC = ± 13 V, RS = 50 94 110 dB kSVS Supply-voltage rejection ratio ( VCC/ VIO) VCC ± = ± 3 V to ± 18 V, RS = 50 7 32 V/V PD Power dissipation VO = 0, No load 80 150 M VCC ± = ± 3 V, VO = 0, No load 4 8 |
Số phần tương tự - OP07DP |
|
Mô tả tương tự - OP07DP |