công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD768 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện AD768
Giải thích chi tiết về linh kiện  16-Bit, 30 MSPS D/A Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD768 bảng dữ liệu(HTML) 3 Page - Analog Devices

  AD768_15 Datasheet HTML 1Page - Analog Devices AD768_15 Datasheet HTML 2Page - Analog Devices AD768_15 Datasheet HTML 3Page - Analog Devices AD768_15 Datasheet HTML 4Page - Analog Devices AD768_15 Datasheet HTML 5Page - Analog Devices AD768_15 Datasheet HTML 6Page - Analog Devices AD768_15 Datasheet HTML 7Page - Analog Devices AD768_15 Datasheet HTML 8Page - Analog Devices AD768_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Parameter
Min
Typ
Max
Units
POWER SUPPLY
Positive Voltage Range
4.75
5
5.25
V
Negative Voltage Range
–5.25
–5
–4.75
V
Positive Supply Current
30
40
mA
Negative Supply Current
63
73
mA
Nominal Power Dissipation
465
600
mW
Power Supply Rejection Ratio (PSRR)
–0.2
+0.2
% of FSR/V
OPERATING RANGE
–40
+85
°C
NOTES
1Measured at IOUTA, driving a virtual ground.
2Nominal FS output current is 4
× the current at IREFIN. Therefore, nominal FS current is 20 mA when IREFIN = 5 mA.
3Output current is defined as total current available for IREFIN and any external load.
4Reference bandwidth is a function of external cap at NR pin. Refer to compensation section of data sheet for details.
5Excludes internal reference drift.
6Includes internal reference drift.
7Measured as unbuffered voltage output (1 V range) with FS current into 50
Ω load at IOUTB.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
*
Parameter
with Respect to
Min
Max
Units
Positive Supply Voltage (VDD)
DCOM, REFCOM, LADCOM –0.5
+6.0
V
Negative Supply Voltage (VEE)
DCOM, REFCOM, LADCOM –6.0
+0.5
V
Analog-to-Other Grounds (REFCOM) DCOM, LADCOM
–0.5
+0.5
V
Digital-to-Other Grounds (DCOM)
LADCOM, REFCOM
–0.5
+0.5
V
Reference Output (REFOUT)
REFCOM
VDD + 0.5 V
Reference Input Current (IREFIN)
+7.5
mA
Digital Inputs (DB0–DB15, CLOCK)
DCOM
–0.5
VDD + 0.5 V
Analog Outputs (IOUTA, IOUTB)
LADCOM
–2.0
+5.0
V
Maximum Junction Temperature
+150
°C
Storage Temperature
–65
+150
°C
Lead Temperature
+300
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating for extended periods may affect device
reliability.
AD768
REV. B
ORDERING GUIDE
Package
Model
Package Description
Option
AD768AR
28-Pin 300 mil SOIC
R-28
AD768ACHIPS
Die
AD768-EB
AD768 Evaluation Board
–3–
tH
tS
tLPW
tPD
tST
0.025%
0.025%
DB0–DB15
CLOCK
IOUTA
OR
IOUTB
Timing Diagram
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD768 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.


Số phần tương tự - AD768_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD76851 AD-AD76851 Datasheet
644Kb / 24P
   14-Bit, 500 kSPS PulSAR ADC in MSOP
REV. A
AD76851 AD-AD76851 Datasheet
472Kb / 28P
   18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
AD76861 AD-AD76861 Datasheet
644Kb / 24P
   14-Bit, 500 kSPS PulSAR ADC in MSOP
REV. A
AD76861 AD-AD76861 Datasheet
472Kb / 28P
   18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
AD76871 AD-AD76871 Datasheet
644Kb / 24P
   14-Bit, 500 kSPS PulSAR ADC in MSOP
REV. A
More results

Mô tả tương tự - AD768_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD768ARZ AD-AD768ARZ Datasheet
252Kb / 20P
   16-Bit, 30 MSPS D/A Converter
REV. B
AD768 AD-AD768 Datasheet
334Kb / 20P
   16-Bit, 30 MSPS D/A Converter
REV. B
AD10677 AD-AD10677_15 Datasheet
625Kb / 20P
   16-Bit, 65 MSPS A/D Converter
Rev. D
AD9726 AD-AD9726 Datasheet
613Kb / 24P
   16-Bit, 600 MSPS D/A Converter
REV. A
AD10678 AD-AD10678 Datasheet
673Kb / 10P
   16-Bit, 80 MSPS A/D Converter
REV. A
AD10677 AD-AD10677 Datasheet
643Kb / 10P
   16-Bit, 65 MSPS A/D Converter
REV. B
AD10678 AD-AD10678_15 Datasheet
677Kb / 20P
   16-Bit, 80 MSPS A/D Converter
REV. C
logo
Intersil Corporation
HI-5701883 INTERSIL-HI-5701883 Datasheet
61Kb / 8P
   6-Bit, 30 MSPS Flash A/D Converter
logo
Cadeka Microcircuits LL...
SPT7853 CADEKA-SPT7853 Datasheet
175Kb / 10P
   TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
logo
Fairchild Semiconductor
SPT7853 FAIRCHILD-SPT7853 Datasheet
70Kb / 10P
   TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com