công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD684 bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện AD684
Giải thích chi tiết về linh kiện  Four-Channel Sample-and-Hold Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD684 bảng dữ liệu(HTML) 7 Page - Analog Devices

  AD684_15 Datasheet HTML 1Page - Analog Devices AD684_15 Datasheet HTML 2Page - Analog Devices AD684_15 Datasheet HTML 3Page - Analog Devices AD684_15 Datasheet HTML 4Page - Analog Devices AD684_15 Datasheet HTML 5Page - Analog Devices AD684_15 Datasheet HTML 6Page - Analog Devices AD684_15 Datasheet HTML 7Page - Analog Devices AD684_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD684
REV. A
–7–
The AD684 does not provide separate analog and digital ground
leads as is the case with most A-to-D converters. The common
pin is the single ground terminal for the device. It is the refer-
ence point for the sampled input voltage and the held output
voltage and also the digital ground return path. The common
pin should be connected to the reference (analog) ground of the
A-to-D converter with a separate ground lead. Since the analog
and digital grounds in the 684 are connected internally, the
common pin should also be connected to the digital ground,
which is usually tied to analog common at the A-to-D converter.
Figure 4 illustrates the recommended decoupling and grounding
practice.
NOISE CHARACTERISTICS
Designers of data conversion circuits must also consider the
effect of noise sources on the accuracy for the data acquisition
system. A sample-and-hold amplifier that precedes the A-to-D
converter introduces some noise and represents another source
of uncertainty in the conversion process. The noise from the
AD684 is specified as the total output noise, which includes
both the sampled wideband noise of the SHA in addition to the
band limited output noise. The total output noise is the rms
sum of the sampled dc uncertainty and the hold mode noise. A
plot of the total output noise vs. the equivalent input bandwidth
of the converter being used is given in Figure 5.
Figure 5. RMS Noise vs. Input Bandwidth of ADC
DRIVING THE ANALOG INPUTS
For best performance, it is important to drive the AD684 analog
inputs from a low impedance signal source. This enhances the
sampling accuracy by minimizing the analog and digital
crosstalk. Signals which come from higher impedance sources
(e.g., over 5k ohms) will have a relatively higher level of
crosstalk. For applications where signals have high source
impedance, an operational amplifier buffer in front of the
AD684 is required. The AD713 (precision quad BiFET op
amp) is recommended for these applications.
HIGH FREQUENCY SAMPLING
Aperture jitter and distortion are the primary factors which limit
frequency domain performance of a sample-and-hold amplifier.
Aperture jitter modulates the phase of the hold command and
produces an effective noise on the sampled analog input. The
magnitude of the jitter induced noise is directly related to the
frequency of the input signal.
A graph showing the magnitude of the jitter induced error vs.
frequency of the input signal is given in Figure 6.
The accuracy in sampling high frequency signals is also con-
strained by the distortion and noise created by the sample-and-
hold. The level of distortion increases with frequency and
reduces the “effective number of bits” of the conversion.
Measurements of Figures 7 and 8 were made using a 14-bit
A-to-D converter with VIN = 10 V p-p and a sample frequency
of 100 kSPS.
Figure 6. Error Magnitude vs. Frequency
Figure 7. Total Harmonic Distortion vs. Frequency
Figure 8. Signal/(Noise and Distortion) vs. Frequency


Số phần tương tự - AD684_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD684AQ AD-AD684AQ Datasheet
362Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
AD684JQ AD-AD684JQ Datasheet
362Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
AD684SQ AD-AD684SQ Datasheet
362Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
More results

Mô tả tương tự - AD684_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
5962-9201301MEA AD-5962-9201301MEA Datasheet
265Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
AD684 AD-AD684 Datasheet
362Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
logo
Maxim Integrated Produc...
MAX5166 MAXIM-MAX5166 Datasheet
185Kb / 12P
   32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs
Rev 0; 8/99
logo
NXP Semiconductors
NE5537 PHILIPS-NE5537 Datasheet
103Kb / 8P
   Sample-and-hold amplifier
August 31, 1994
logo
Linear Technology
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
   Precision Sample and Hold Amplifier?
logo
Intersil Corporation
HA5351 INTERSIL-HA5351_07 Datasheet
176Kb / 7P
   64ns Sample and Hold Amplifier
HA5351IBZ INTERSIL-HA5351IBZ Datasheet
206Kb / 7P
   64ns Sample and Hold Amplifier
April 25, 2013
logo
Linear Technology
LF198A LINER-LF198A Datasheet
1Mb / 16P
   Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
   Precision Sample and Hold Amplifier
logo
Renesas Technology Corp
HA5351 RENESAS-HA5351 Datasheet
421Kb / 7P
   64ns Sample and Hold Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com