công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD678 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD678
Giải thích chi tiết về linh kiện  12-Bit 200 kSPS Complete Sampling ADC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD678 bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD678_15 Datasheet HTML 1Page - Analog Devices AD678_15 Datasheet HTML 2Page - Analog Devices AD678_15 Datasheet HTML 3Page - Analog Devices AD678_15 Datasheet HTML 4Page - Analog Devices AD678_15 Datasheet HTML 5Page - Analog Devices AD678_15 Datasheet HTML 6Page - Analog Devices AD678_15 Datasheet HTML 7Page - Analog Devices AD678_15 Datasheet HTML 8Page - Analog Devices AD678_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FUNCTIONAL BLOCK DIAGRAM
AD678
CS
SC OE EOCEN SYNC 12/8 EOC
DB11
DB2
DB1
(R/
L)
DB0
(HBE)
VCC
VEE
VDD
DGND
OUTPUT
REGISTER
4-BIT FLASH
A/D
CONVERTER
CONTROL LOGIC
CONVERSION
LOGIC
SAMPLE/
HOLD
GAIN
STAGE
12-BIT D/A
CONVERTER
VOLTAGE
REF.
12
12
4
REFOUT
REFIN
BIPOFF
AIN
AGND
a
12-Bit 200 kSPS
Complete Sampling ADC
AD678
FEATURES
AC and DC Characterized and Specified
(K, B and T Grades)
200k Conversions per Second
1 MHz Full Power Bandwidth
500 kHz Full Linear Bandwidth
72 dB S/N+D (K, B, T Grades)
Twos Complement Data Format (Bipolar Mode)
Straight Binary Data Format (Unipolar Mode)
10 M
Input Impedance
8-Bit or 16-Bit Bus Interface
On-Board Reference and Clock
10 V Unipolar or Bipolar Input Range
Commercial, Industrial and Military Temperature
Range Grades
MIL-STD-883 Compliant Versions Available
PRODUCT DESCRIPTION
The AD678 is a complete, multipurpose 12-bit monolithic
analog-to-digital converter, consisting of a sample-hold ampli-
fier (SHA), a microprocessor compatible bus interface, a voltage
reference and clock generation circuitry.
The AD678 is specified for ac (or “dynamic”) parameters such
as S/N+D ratio, THD and IMD which are important in signal
processing applications. In addition, the AD678K, B and T
grades are fully specified for dc parameters which are important
in measurement applications.
The AD678 offers a choice of digital interface formats; the 12
data bits can be accessed by a 16-bit bus in a single read opera-
tion or by an 8-bit bus in two read operations (8+4), with right
or left justification. Data format is straight binary for unipolar
mode and twos complement binary for bipolar mode. The input
has a full-scale range of 10 V with a full power bandwidth of
1 MHz and a full linear bandwidth of 500 kHz. High input im-
pedance (10 M
Ω) allows direct connection to unbuffered
sources without signal degradation.
This product is fabricated on Analog Devices’ BiMOS process,
combining low power CMOS logic with high precision, low
noise bipolar circuits; laser-trimmed thin-film resistors provide
high accuracy. The converter utilizes a recursive subranging
algorithm which includes error correction and flash converter
circuitry to achieve high speed and resolution.
The AD678 operates from +5 V and
±12 V supplies and dissipates
560 mW (typ). The AD678 is available in 28-lead plastic DIP,
ceramic DIP, and 44-lead J-leaded ceramic surface mount packages.
Screening to MIL-STD-883C Class B is also available.
PRODUCT HIGHLIGHTS
1. COMPLETE INTEGRATION: The AD678 minimizes ex-
ternal component requirements by combining a high speed
sample-hold amplifier (SHA), ADC, 5 V reference, clock and
digital interface on a single chip. This provides a fully speci-
fied sampling A/D function unattainable with discrete designs.
2. SPECIFICATIONS: The AD678K, B and T grades provide
fully specified and tested ac and dc parameters. The AD678J,
A and S grades are specified and tested for ac parameters; dc
accuracy specifications are shown as typicals. DC specifica-
tions (such as INL, gain and offset) are important in control
and measurement applications. AC specifications (such as
S/N+D ratio, THD and IMD) are of value in signal process-
ing applications.
3. EASE OF USE: The pinout is designed for easy board lay-
out, and the choice of single or two read cycle output pro-
vides compatibility with 16- or 8-bit buses. Factory trimming
eliminates the need for calibration modes or external trim-
ming to achieve rated performance.
4. RELIABILITY: The AD678 utilizes Analog Devices’ mono-
lithic BiMOS technology. This ensures long-term reliability
compared to multichip and hybrid designs.
5. UPGRADE PATH: The AD678 provides the same pinout as
the 14-bit, 128 kSPS AD679 ADC.
6. The AD678 is available in versions compliant with MIL-
STD-883. Refer to the Analog Devices Military Products
Databook or current AD678/883B data sheet for detailed
specifications.
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000


Số phần tương tự - AD678_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD678AD AD-AD678AD Datasheet
311Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
AD678AJ AD-AD678AJ Datasheet
311Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
AD678BD AD-AD678BD Datasheet
311Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
AD678BJ AD-AD678BJ Datasheet
311Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
AD678JD AD-AD678JD Datasheet
311Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
More results

Mô tả tương tự - AD678_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD678 AD-AD678 Datasheet
311Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
AD779 AD-AD779 Datasheet
220Kb / 12P
   14-Bit 128 kSPS Complete Sampling ADC
REV. B
AD679 AD-AD679_04 Datasheet
161Kb / 16P
   14-Bit 128 kSPS Complete Sampling ADC
REV. D
AD679JNZ AD-AD679JNZ Datasheet
161Kb / 16P
   14-Bit 128 kSPS Complete Sampling ADC
REV. D
AD679 AD-AD679_15 Datasheet
161Kb / 16P
   14-Bit 128 kSPS Complete Sampling ADC
REV. D
AD1679 AD-AD1679_15 Datasheet
4Mb / 12P
   14 BIT 100 KSPS COMPLETE SAMPLING ADC
AD679 AD-AD679 Datasheet
360Kb / 12P
   14-Bit 128 kSPS Complete Sampling ADC
REV. C
AD7862 AD-AD7862 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-2 AD-AD7862ARSZ-2 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com