công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD669 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD669
Giải thích chi tiết về linh kiện  Monolithic 16-Bit DACPORT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD669 bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button AD669_15 Datasheet HTML 2Page - Analog Devices AD669_15 Datasheet HTML 3Page - Analog Devices AD669_15 Datasheet HTML 4Page - Analog Devices AD669_15 Datasheet HTML 5Page - Analog Devices AD669_15 Datasheet HTML 6Page - Analog Devices AD669_15 Datasheet HTML 7Page - Analog Devices AD669_15 Datasheet HTML 8Page - Analog Devices AD669_15 Datasheet HTML 9Page - Analog Devices AD669_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD669
REV. A
–6–
If it is desired to adjust the gain and offset errors to zero, this
can be accomplished using the circuit shown in Figure 3b. The
adjustment procedure is as follows:
STEP1 . . . ZERO ADJUST
Turn all bits OFF and adjust zero trimmer, R4, until the output
reads 0.000000 volts (1 LSB = 153
µV).
STEP 2 . . . GAIN ADJUST
Turn all bits ON and adjust gain trimmer, R1, until the output
is 9.999847 volts. (Full scale is adjusted to 1 LSB less than the
nominal full scale of 10.000000 volts).
OUTPUT
GND
LDAC
DB15
(MSB)
(LSB)
DB0
CS
L1
16-BIT LATCH
10k
AMP
AD669
22
7
6
5
23
27
28
10V REF
2
1
4
3
10k
10.05k
16-BIT LATCH
16-BIT DAC
26
25
24
R2
50
R3
16k
R4
10k
+15V
–15V
R1
100
–V
EE
+V
CC
+V
LL
Figure 3b. 0 V to +10 V Unipolar Voltage Output with
Gain and Offset Adjustment
BIPOLAR CONFIGURATION
The circuit shown in Figure 4a will provide a bipolar output
voltage from –10.000000 V to +9.999694 V with positive full
scale occurring with all bits ON. As in the unipolar mode, resis-
tors R1 and R2 may be eliminated altogether to provide AD669
bipolar operation without any external components. Eliminating
these resistors will increase the gain error by 0.50% of FSR in
the bipolar mode.
R1
50
OUTPUT
GND
LDAC
DB15
(MSB)
(LSB)
DB0
CS
L1
16-BIT LATCH
10k
AMP
AD669
22
7
6
5
23
27
10V REF
2
14
3
26
24
10k
10.05k
16-BIT LATCH
16-BIT DAC
25
28
R2
50
–VEE
+VCC
+VLL
Figure 4a.
±10 V Bipolar Voltage Output
Gain offset and bipolar zero errors can be adjusted to zero using
the circuit shown in Figure 4b as follows:
STEP I . . . OFFSET ADJUST
Turn OFF all bits. Adjust trimmer R2 to give –10.000000 volts
output.
STEP II . . . GAIN ADJUST
Turn all bits ON and adjust R1 to give a reading of +9.999694
volts.
STEP III . . . BIPOLAR ZERO ADJUST
(Optional) In applications where an accurate zero output is re-
quired, set the MSB ON, all other bits OFF, and readjust R2
for zero volts output.
100
R1
OUTPUT
GND
LDAC
DB15
(MSB)
(LSB)
DB0
CS
L1
16-BIT LATCH
10k
AMP
AD669
22
7
6
5
23
27
10V REF
2
1
4
3
26
24
10k
10.05k
16-BIT LATCH
16-BIT DAC
25
28
100
R2
–VEE
+VCC
+VLL
Figure 4b.
±10 V Bipolar Voltage Output with Gain and
Offset Adjustment
It should be noted that using external resistors will introduce a
small temperature drift component beyond that inherent in the
AD669. The internal resistors are trimmed to ratio-match and
temperature-track other resistors on chip, even though their ab-
solute tolerances are
±20% and absolute temperature coeffi-
cients are approximately –50 ppm/
°C. In the case that external
resistors are used, the temperature coefficient mismatch be-
tween internal and external resistors, multiplied by the sensitiv-
ity of the circuit to variations in the external resistor value, will
be the resultant additional temperature drift.
INTERNAL/EXTERNAL REFERENCE USE
The AD669 has an internal low noise buried Zener diode refer-
ence which is trimmed for absolute accuracy and temperature
coefficient. This reference is buffered and optimized for use in a
high speed DAC and will give long-term stability equal or supe-
rior to the best discrete Zener diode references. The perfor-
mance of the AD669 is specified with the internal reference
driving the DAC since all trimming and testing (especially for
gain and bipolar offset) is done in this configuration.
The internal reference has sufficient buffering to drive external
circuitry in addition to the reference currents required for the
DAC (typically 1 mA to REF IN and 1 mA to BIPOLAR OFF-
SET). A minimum of 2 mA is available for driving external
loads. The AD669 reference output should be buffered with an
external op amp if it is required to supply more than 4 mA total
current. The reference is tested and guaranteed to
±0.2% max
error. The temperature coefficient is comparable to that of the
gain TC for a particular grade.
If an external reference is used (10.000 V, for example), addi-
tional trim range should be provided, since the internal refer-
ence has a tolerance of
±20 mV, and the AD669 gain and
bipolar offset are both trimmed with the internal reference. The
optional gain and offset trim resistors in Figures 5 and 6 provide
enough adjustment range to null these errors.
It is also possible to use external references other than 10 volts
with slightly degraded linearity specifications. The recom-
mended range of reference voltages is +5 V to +10.24 V, which


Số phần tương tự - AD669_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD669/883B AD-AD669/883B Datasheet
460Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669883B AD-AD669883B Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669883B AD-AD669883B Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669883B AD-AD669883B Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669AN AD-AD669AN Datasheet
460Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
More results

Mô tả tương tự - AD669_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD669BRZ AD-AD669BRZ Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669SQ AD-AD669SQ Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669 AD-AD669 Datasheet
460Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669ANZ AD-AD669ANZ Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669ARZ AD-AD669ARZ Datasheet
426Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD660 AD-AD660_08 Datasheet
337Kb / 20P
   Monolithic 16-Bit Serial/Byte DACPORT
REV. B
AD660 AD-AD660 Datasheet
426Kb / 12P
   Monolithic 16-Bit Serial/Byte DACPORT
REV. A
AD660 AD-AD660_17 Datasheet
351Kb / 21P
   Monolithic 16-Bit Serial/Byte DACPORT
AD75089 AD-AD75089 Datasheet
387Kb / 8P
   MONOLITHIC OCTAL 12-BIT DACPORT
REV. 0
AD766 AD-AD766_15 Datasheet
313Kb / 8P
   16-Bit DSP DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com