công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD628 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD628
Giải thích chi tiết về linh kiện  High Common-Mode Voltage, Programmable Gain Difference Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD628 bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD628_15 Datasheet HTML 1Page - Analog Devices AD628_15 Datasheet HTML 2Page - Analog Devices AD628_15 Datasheet HTML 3Page - Analog Devices AD628_15 Datasheet HTML 4Page - Analog Devices AD628_15 Datasheet HTML 5Page - Analog Devices AD628_15 Datasheet HTML 6Page - Analog Devices AD628_15 Datasheet HTML 7Page - Analog Devices AD628_15 Datasheet HTML 8Page - Analog Devices AD628_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AD628
Rev. G | Page 4 of 20
AD628AR
AD628ARM
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT AMPLIFIER
Gain Equation
G = (1 + REXT1/REXT2)
V/V
Nonlinearity
G = +1, VOUT = ±10 V
0.5
0.5
ppm
Offset Voltage
RTI of output amp
−0.15
+0.15
−0.15
+0.15
mV
vs. Temperature
0.6
0.6
μV/°C
Output Voltage Swing
RL = 10 kΩ
−14.2
+14.1
−14.2
+14.1
V
RL = 2 kΩ
−13.8
+13.6
−13.8
+13.6
V
Bias Current
1.5
3
1.5
3
nA
Offset Current
0.2
0.5
0.2
0.5
nA
CMRR
VCM = ±13 V
130
130
dB
Open-Loop Gain
VOUT = ±13 V
130
130
dB
POWER SUPPLY
Operating Range
±2.25
±18
±2.25
±18
V
Quiescent Current
1.6
1.6
mA
TEMPERATURE RANGE
−40
+85
−40
+85
°C
1 To use a lower gain, see the Ga
section.
in Adjustment
2 The addition of the difference amplifier and output amplifier offset voltage does not exceed this specification.
3 Error due to common mode as seen at the output:
]
[
10
)
(0.1)(
20
75
Gain
Amplifier
Output
VCM
OUT
×
=
V
.
4 Error due to common mode as seen at the output of A1:
=
20
75
10
)
(0.1)( CM
OUT
V
A1
V
.


Số phần tương tự - AD628_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD628-EVAL AD-AD628-EVAL Datasheet
247Kb / 20P
   High Common-Mode Voltage Programmable Gain Difference Amplifier
REV. C
AD628-EVAL AD-AD628-EVAL Datasheet
453Kb / 20P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. F
AD628-EVAL AD-AD628-EVAL Datasheet
486Kb / 20P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
AD628AR AD-AD628AR Datasheet
247Kb / 20P
   High Common-Mode Voltage Programmable Gain Difference Amplifier
REV. C
AD628AR AD-AD628AR Datasheet
453Kb / 20P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. F
More results

Mô tả tương tự - AD628_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD628 AD-AD628 Datasheet
247Kb / 20P
   High Common-Mode Voltage Programmable Gain Difference Amplifier
REV. C
AD628 AD-AD628_06 Datasheet
453Kb / 20P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. F
AD628 AD-AD628_07 Datasheet
486Kb / 20P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
logo
Texas Instruments
INA146 TI1-INA146 Datasheet
332Kb / 15P
[Old version datasheet]   High-Voltage, Programmable Gain DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA146 BURR-BROWN-INA146 Datasheet
129Kb / 11P
   High-Voltage, Programmable Gain DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
REV. C
AD629 AD-AD629_07 Datasheet
540Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com