công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74F153SCX bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện 74F153SCX
Giải thích chi tiết về linh kiện  Dual 4-Input Multiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F153SCX bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  74F153SCX Datasheet HTML 1Page - Fairchild Semiconductor 74F153SCX Datasheet HTML 2Page - Fairchild Semiconductor 74F153SCX Datasheet HTML 3Page - Fairchild Semiconductor 74F153SCX Datasheet HTML 4Page - Fairchild Semiconductor 74F153SCX Datasheet HTML 5Page - Fairchild Semiconductor 74F153SCX Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Truth Table
H
= HIGH Voltage Level
L
= LOW
X
= Immaterial
Functional Description
The F153 is a dual 4-input multiplexer. It can select two bits
of data from up to four sources under the control of the
common Select inputs (S0, S1). The two 4-input multiplexer
circuits have individual active LOW Enables (Ea, Eb) which
can be used to strobe the outputs independently. When the
Enables (Ea, Eb) are HIGH, the corresponding outputs (Za,
Zb) are forced LOW. The F153 is the logic implementation
of a 2-pole, 4-position switch, where the position of the
switch is determined by the logic levels supplied to the two
Select inputs. The logic equations for the outputs are as
follows:
Za = Ea•(I0a•S1•S0 + I1a•S1•S0 +
I2a•S1•S0 + I3a•S1•S0)
Zb = Eb•(I0b•S1•S0 + I1b•S1•S0 +
I2b•S1•S0 + I3b•S1•S0)
The F153 can be used to move data from a group of regis-
ters to a common output bus. The particular register from
which the data came would be determined by the state of
the Select inputs. A less obvious application is as a func-
tion generator. The F153 can generate two functions of
three variables. This is useful for implementing highly irreg-
ular random logic.
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
I0a–I3a
Side A Data Inputs
1.0/1.0
20
µA/−0.6 mA
I0b–I3b
Side B Data Inputs
1.0/1.0
20
µA/−0.6 mA
S0, S1
Common Select Inputs
1.0/1.0
20
µA/−0.6 mA
Ea
Side A Enable Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
Eb
Side B Enable Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
Za
Side A Output
50/33.3
−1 mA/20 mA
Zb
Side B Output
50/33.3
−1 mA/20 mA
Select Inputs
Inputs (a or b)
Output
S0
S1
E
I0
I1
I2
I3
Z
X
X
H
XXXX
L
L
L
L
L
XXX
L
L
L
L
H
XXX
H
H
L
LX
LX
X
L
HL
L
X
H
X
X
H
LH
L
X
X
L
X
L
LH
L
X
X
H
X
H
H
H
L
XXX
L
L
H
H
L
XXX
H
H


Số phần tương tự - 74F153SCX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
74F153SC NSC-74F153SC Datasheet
167Kb / 10P
   Dual 4-Input Multiplexer
logo
Fairchild Semiconductor
74F153SC FAIRCHILD-74F153SC Datasheet
74Kb / 6P
   Dual 4-Input Multiplexer
More results

Mô tả tương tự - 74F153SCX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
   Dual 4-Input Multiplexer
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
   Dual 4-input multiplexer
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
   Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
logo
National Semiconductor ...
54F153DM NSC-54F153DM Datasheet
167Kb / 10P
   Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
   Dual 4-Input Multiplexer
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
   DUAL 4-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74AC153 ONSEMI-MC74AC153_15 Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
logo
Motorola, Inc
SN54LS352 MOTOROLA-SN54LS352 Datasheet
160Kb / 5P
   DUAL 4-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com