công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD607 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD607
Giải thích chi tiết về linh kiện  Low Power Mixer 3 V Receiver IF Subsystem
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD607 bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD607_15 Datasheet HTML 1Page - Analog Devices AD607_15 Datasheet HTML 2Page - Analog Devices AD607_15 Datasheet HTML 3Page - Analog Devices AD607_15 Datasheet HTML 4Page - Analog Devices AD607_15 Datasheet HTML 5Page - Analog Devices AD607_15 Datasheet HTML 6Page - Analog Devices AD607_15 Datasheet HTML 7Page - Analog Devices AD607_15 Datasheet HTML 8Page - Analog Devices AD607_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
REV. C
–4–
AD607
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Reads
Function
1
FDIN
Frequency Detector Input
PLL Input for I/Q Demodulator Quadrature Oscillator,
±400 mV
Drive Required from External Oscillator. Must be biased at VP/2.
2
COM1
Common #1
Supply Common for RF Front End and Main Bias
3
PRUP
Power-Up Input
3 V/5 V CMOS compatible power-up control; logical high =
powered-up; max input level = VPS1 = VPS2.
4
LOIP
Local Oscillator Input
LO input, ac-coupled
±54 mV LO input is required (–16 dBm for
50
Ω input termination).
5
RFLO
RF “Low” Input
Usually Connected to AC Ground
6
RFHI
RF “High” Input
AC-Coupled,
±56 mV, Max RF Input for Linear Operation
7
GREF
Gain Reference Input
High Impedance Input, typically 1.5 V, sets gain scaling.
8
MXOP
Mixer Output
High Impedance, Single-Sided Current Output,
±1.3 V Max
Voltage Output (
±6 mA Max Current Output)
9
VMID
Midsupply Bias Voltage
Output of the Midsupply Bias Generator (VMID = VPOS/2)
10
IFHI
IF “High” Input
AC-Coupled IF Input,
±56 mV Max Input for Linear Operation
11
IFLO
IF “Low” Input
Reference Node for IF Input; Auto-Offset Null
12
GAIN
Gain Control Input
High Impedance Input, 0 V–2 V Using 3 V Supply, Max Gain at
V = 0
13
COM2
Common #2
Supply Common for IF Stages and Demodulator
14
IFOP
IF Output
Low Impedance, Single-Sided Voltage Output, 5 dBm
(
±560 mV) Max
15
DMIP
Demodulator Input
Signal input to I and Q demodulators has a
±150 mV max input
at IF > 3 MHz for linear operation;
±75 mV max input at IF < 3 MHz
for linear operation. Must be biased at VP/2.
16
VPS2
VPOS Supply #2
Supply to High Level IF, PLL, and Demodulators
17
QOUT
Quadrature Output
Low Impedance Q Baseband Output;
±1.23 V Full Scale in 20 kΩ
Min Load; AC-Coupled
18
IOUT
In-Phase Output
Low Impedance I Baseband Output;
±1.23 V Full Scale in 20 kΩ
Min Load; AC-Coupled
19
FLTR
PLL Loop Filter
Series RC PLL Loop Filter, Connected to Ground
20
VPS1
VPOS Supply #1
Supply to Mixer, Low Level IF, PLL, and Gain Control
PIN CONNECTION
20-Lead SSOP (RS-20)
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD607
FDIN
QOUT
IOUT
FLTR
VPS1
COM1
PRUP
LOIP
IFOP
DMIP
VPS2
RFLO
RFHI
GREF
MXOP
VMID
IFHI
IFLO
GAIN
COM2


Số phần tương tự - AD607_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD607ARS AD-AD607ARS Datasheet
510Kb / 24P
   Low Power Mixer/AGC/RSSI 3 V Receiver IF Subsystem
REV. 0
AD607ARS AD-AD607ARS Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
More results

Mô tả tương tự - AD607_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD61009 AD-AD61009 Datasheet
261Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD608ARZ AD-AD608ARZ Datasheet
326Kb / 16P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
AD608 AD-AD608 Datasheet
196Kb / 12P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. B
AD607 AD-AD607 Datasheet
510Kb / 24P
   Low Power Mixer/AGC/RSSI 3 V Receiver IF Subsystem
REV. 0
AD608 AD-AD608_15 Datasheet
326Kb / 16P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
AD6459 AD-AD6459 Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6458 AD-AD6458 Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com