công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD598 bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện AD598
Giải thích chi tiết về linh kiện  LVDT Signal Conditioner
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD598 bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button AD598_15 Datasheet HTML 5Page - Analog Devices AD598_15 Datasheet HTML 6Page - Analog Devices AD598_15 Datasheet HTML 7Page - Analog Devices AD598_15 Datasheet HTML 8Page - Analog Devices AD598_15 Datasheet HTML 9Page - Analog Devices AD598_15 Datasheet HTML 10Page - Analog Devices AD598_15 Datasheet HTML 11Page - Analog Devices AD598_15 Datasheet HTML 12Page - Analog Devices AD598_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD598
REV. A
–9–
Figure 15. Gain and Phase Characteristics vs. Frequency
(0 kHz–10 kHz)
1000
100
10
1
0.1
0.01
0.1
1
10
C2, C3, C4; C2 = C3 = C4 –
µF
2.5kHz, C
SHUNT = 0nF
2.5kHz, C
SHUNT = 1nF
2.5kHz, C
SHUNT =10nF
Figure 16. Output Voltage Ripple vs. Filter Capacitance
1000
100
10
1
0.1
0.001
0.01
0.1
110
C2, C3, C4; C2 = C3 = C4 –
µF
10kHz , C SHUNT = 0nF
10kHz , C SHUNT = 1nF
10kHz , C SHUNT = 10nF
Figure 17. Output Voltage Ripple vs. Filter Capacitance
Determining LVDT Sensitivity
LVDT sensitivity can be determined by measuring the LVDT
secondary voltages as a function of primary drive and core posi-
tion, and performing a simple computation.
Energize the LVDT at its recommended primary drive level,
VPRI (3 V rms for the E100). Set the core to midpoint where
VA = VB. Set the core displacement to its mechanical full-scale
position and measure secondary voltages VA and VB.
Sensitivity
=
VA(at Full Scale )– VB (at Full Scale )
VPRI × d
From Figure 18,
Sensitivity
=
1.71 – 0.99
3
× 100 mils =
2.4 mV/V/mil
d = –100 mils
d = 0
A
V
VB
1.71V rms
0.99V rms
100 mils
+
d =
VSEC WHEN VPRI = 3V rms
Figure 18. LVDT Secondary Voltage vs. Core Displacement
Thermal Shutdown and Loading Considerations
The AD598 is protected by a thermal overload circuit. If the die
temperature reaches 165
°C, the sine wave excitation amplitude
gradually reduces, thereby lowering the internal power dissipa-
tion and temperature.
Due to the ratiometric operation of the decoder circuit, only
small errors result from the reduction of the excitation ampli-
tude. Under these conditions the signal-processing section of
the AD598 continues to meet its output specifications.
The thermal load depends upon the voltage and current deliv-
ered to the load as well as the power supply potentials. An
LVDT Primary will present an inductive load to the sine wave
excitation. The phase angle between the excitation voltage and
current must also be considered, further complicating thermal
calculations.


Số phần tương tự - AD598_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD598A AD-AD598A Datasheet
553Kb / 16P
   LVDT Signal Conditioner
REV. A
AD598AD AD-AD598AD Datasheet
553Kb / 16P
   LVDT Signal Conditioner
REV. A
AD598J AD-AD598J Datasheet
553Kb / 16P
   LVDT Signal Conditioner
REV. A
AD598JR AD-AD598JR Datasheet
553Kb / 16P
   LVDT Signal Conditioner
REV. A
More results

Mô tả tương tự - AD598_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD598 AD-AD598 Datasheet
553Kb / 16P
   LVDT Signal Conditioner
REV. A
logo
NXP Semiconductors
NE5521 PHILIPS-NE5521 Datasheet
69Kb / 5P
   LVDT signal conditioner
August 31, 1994
logo
Analog Devices
AD698 AD-AD698 Datasheet
228Kb / 12P
   Universal LVDT Signal Conditioner
REV. B
AD698 AD-AD698_15 Datasheet
235Kb / 12P
   Universal LVDT Signal Conditioner
REV. B
AD698APZ AD-AD698APZ Datasheet
235Kb / 12P
   Universal LVDT Signal Conditioner
REV. B
logo
Vitesse Semiconductor C...
VSC7104 VITESSE-VSC7104 Datasheet
461Kb / 2P
   Quad Signal Conditioner, Octal Signal Conditioner
logo
TE Connectivity Ltd
LDM-1000 TEC-LDM-1000 Datasheet
140Kb / 3P
   LVDT/RVDT Signal Conditioning Module
logo
Festo Corporation.
544216 FESTO-544216 Datasheet
85Kb / 1P
   Signal conditioner
544218 FESTO-544218 Datasheet
87Kb / 1P
   Signal conditioner
544221 FESTO-544221 Datasheet
88Kb / 1P
   Signal conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com