công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD598 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD598
Giải thích chi tiết về linh kiện  LVDT Signal Conditioner
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD598 bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD598_15 Datasheet HTML 1Page - Analog Devices AD598_15 Datasheet HTML 2Page - Analog Devices AD598_15 Datasheet HTML 3Page - Analog Devices AD598_15 Datasheet HTML 4Page - Analog Devices AD598_15 Datasheet HTML 5Page - Analog Devices AD598_15 Datasheet HTML 6Page - Analog Devices AD598_15 Datasheet HTML 7Page - Analog Devices AD598_15 Datasheet HTML 8Page - Analog Devices AD598_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD598–Typical Characteristics (at +25 C and V
S =
15 V, unless otherwise noted)
THEORY OF OPERATION
A block diagram of the AD598 along with an LVDT (Linear
Variable Differential Transformer) connected to its input is
shown in Figure 5. The LVDT is an electromechanical trans-
ducer whose input is the mechanical displacement of a core and
whose output is a pair of ac voltages proportional to core posi-
tion. The transducer consists of a primary winding energized by
OSC
AMP
AMP
VOUT
LVDT
EXCITATION (CARRIER)
11
17
10
16
2
3
FILTER
A–B
A+B
VB
VA
AD598
Figure 5. AD598 Functional Block Diagram
an external sine wave reference source, two secondary windings
connected in series, and the moveable core to couple flux be-
tween the primary and secondary windings.
The AD598 energizes the LVDT primary, senses the LVDT
secondary output voltages and produces a dc output voltage
proportional to core position. The AD598 consists of a sine
wave oscillator and power amplifier to drive the primary, a de-
coder which determines the ratio of the difference between the
LVDT secondary voltages divided by their sum, a filter and an
output amplifier.
The oscillator comprises a multivibrator which produces a
triwave output. The triwave drives a sine shaper, which pro-
duces a low distortion sine wave whose frequency is determined
by a single capacitor. Output frequency can range from 20 Hz to
20 kHz and amplitude from 2 V rms to 24 V rms. Total har-
monic distortion is typically –50 dB.
The output from the LVDT secondaries consists of a pair of
sine waves whose amplitude difference, (VA–VB), is proportional
to core position. Previous LVDT conditioners synchronously
detect this amplitude difference and convert its absolute value to
–20
0
20
60
100
140
–60
–200
–240
–160
–120
–80
–40
0
40
TEMPERATURE –
°C
OFFSET PSRR 12–15V
OFFSET PSRR 15–18V
GAIN PSRR 12–15V
GAIN PSRR 15–18V
Figure 1. Gain and Offset PSRR vs. Temperature
–20
0
20
60
100
140
–60
–25
–30
–35
–20
–15
–10
–5
0
5
TEMPERATURE –
°C
OFFSET CMRR
± 3V
GAIN CMRR
± 3V
Figure 3. Gain and Offset CMRR vs. Temperature
–20
0
20
60
100
140
–60
–40
–60
–80
–20
0
20
40
80
120
TEMPERATURE –
°C
Figure 2. Typical Gain Drift vs. Temperature
–20
0
20
60
100
140
–60
–10
–20
0
10
20
TEMPERATURE –
°C
Figure 4. Typical Offset Drift vs. Temperature
REV. A
–4–


Số phần tương tự - AD598_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD598A AD-AD598A Datasheet
553Kb / 16P
   LVDT Signal Conditioner
REV. A
AD598AD AD-AD598AD Datasheet
553Kb / 16P
   LVDT Signal Conditioner
REV. A
AD598J AD-AD598J Datasheet
553Kb / 16P
   LVDT Signal Conditioner
REV. A
AD598JR AD-AD598JR Datasheet
553Kb / 16P
   LVDT Signal Conditioner
REV. A
More results

Mô tả tương tự - AD598_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD598 AD-AD598 Datasheet
553Kb / 16P
   LVDT Signal Conditioner
REV. A
logo
NXP Semiconductors
NE5521 PHILIPS-NE5521 Datasheet
69Kb / 5P
   LVDT signal conditioner
August 31, 1994
logo
Analog Devices
AD698 AD-AD698 Datasheet
228Kb / 12P
   Universal LVDT Signal Conditioner
REV. B
AD698 AD-AD698_15 Datasheet
235Kb / 12P
   Universal LVDT Signal Conditioner
REV. B
AD698APZ AD-AD698APZ Datasheet
235Kb / 12P
   Universal LVDT Signal Conditioner
REV. B
logo
Vitesse Semiconductor C...
VSC7104 VITESSE-VSC7104 Datasheet
461Kb / 2P
   Quad Signal Conditioner, Octal Signal Conditioner
logo
TE Connectivity Ltd
LDM-1000 TEC-LDM-1000 Datasheet
140Kb / 3P
   LVDT/RVDT Signal Conditioning Module
logo
Festo Corporation.
544216 FESTO-544216 Datasheet
85Kb / 1P
   Signal conditioner
544218 FESTO-544218 Datasheet
87Kb / 1P
   Signal conditioner
544221 FESTO-544221 Datasheet
88Kb / 1P
   Signal conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com