công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7429FCT520BTP bảng dữ liệu(PDF) 5 Page - Integrated Device Technology

tên linh kiện 7429FCT520BTP
Giải thích chi tiết về linh kiện  MULTILEVEL PIPELINE REGISTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

7429FCT520BTP bảng dữ liệu(HTML) 5 Page - Integrated Device Technology

  7429FCT520BTP Datasheet HTML 1Page - Integrated Device Technology 7429FCT520BTP Datasheet HTML 2Page - Integrated Device Technology 7429FCT520BTP Datasheet HTML 3Page - Integrated Device Technology 7429FCT520BTP Datasheet HTML 4Page - Integrated Device Technology 7429FCT520BTP Datasheet HTML 5Page - Integrated Device Technology 7429FCT520BTP Datasheet HTML 6Page - Integrated Device Technology 7429FCT520BTP Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IDT29FCT520AT/BT/CT/DT, 521AT/BT/CT/DT
MULTILEVEL PIPELINE REGISTERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.2
5
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
FCT520AT/521AT
FCT520BT/521BT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPHL
tPLH
Propagation Delay
CLK to Yn
CL = 50pF
RL = 500
2.0
14.0
2.0
16.0
2.0
7.5
2.0
8.0
ns
tPHL
tPLH
Propagation Delay
S0 or S1 to Yn
2.0
13.0
2.0
15.0
2.0
7.5
2.0
8.0
ns
tSU
Set-up Time, HIGH or LOW
Dn to CLK
5.0
6.0
2.5
2.8
ns
tH
Hold Time, HIGH or LOW
Dn to CLK
2.0
2.0
2.0
2.0
ns
tSU
Set-up Time, HIGH or LOW
I0 or I1 to CLK
5.0
6.0
4.0
4.5
ns
tH
Hold Time, HIGH or LOW
I0 or I1 to CLK
2.0
2.0
2.0
2.0
ns
tPHZ
tPLZ
Output Disable Time
1.5
12.0
1.5
13.0
1.5
7.0
1.5
7.5
ns
tPZH
tPZL
Output Enable Time
1.5
15.0
1.5
16.0
1.5
7.5
1.5
8.0
ns
tW
Clock Pulse Width
HIGH or LOW
7.0
8.0
5.5
6.0
ns
NOTES:
2619 tbl 08
1. See test circuit and waveforms.
2. Minimum units are guaranteed but not tested on Propagation Delays.
2619 tbl 07
FCT520CT/521CT
FCT520DT/521DT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPHL
tPLH
Propagation Delay
CLK to Yn
CL = 50pF
RL = 500
2.0
6.0
2.0
7.0
2.0
5.2
ns
tPHL
tPLH
Propagation Delay
S0 or S1 to Yn
2.0
6.0
2.0
7.0
2.0
4.8
ns
tSU
Set-up Time, HIGH or LOW
Dn to CLK
2.5
2.8
1.5
ns
tH
Hold Time, HIGH or LOW
Dn to CLK
2.0
2.0
1.0
ns
tSU
Set-up Time, HIGH or LOW
I0 or I1 to CLK
4.0
4.5
2.0
ns
tH
Hold Time, HIGH or LOW
I0 or I1 to CLK
2.0
2.0
1.0
ns
tPHZ
tPLZ
Output Disable Time
1.5
6.0
1.5
6.0
1.5
4.8
ns
tPZH
tPZL
Output Enable Time
1.5
6.0
1.5
7.0
1.5
4.0
ns
tW
Clock Pulse Width
HIGH or LOW(3)
5.5
6.0
3.0
ns


Số phần tương tự - 7429FCT520BTP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
7429FCT52ATD IDT-7429FCT52ATD Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
7429FCT52ATDB IDT-7429FCT52ATDB Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
7429FCT52ATE IDT-7429FCT52ATE Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
7429FCT52ATEB IDT-7429FCT52ATEB Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
7429FCT52ATL IDT-7429FCT52ATL Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
More results

Mô tả tương tự - 7429FCT520BTP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Micro Devices
AM29520A AMD-AM29520A Datasheet
583Kb / 12P
   Multilevel Pipeline Registers
Rev. B
logo
Intersil Corporation
HSP9520 INTERSIL-HSP9520 Datasheet
25Kb / 4P
   Multilevel Pipeline Registers
logo
Pericom Semiconductor C...
PI29FCT520T PERICOM-PI29FCT520T Datasheet
56Kb / 5P
   FAST CMOS MULTILEVEL PIPELINE REGISTERS
logo
Integrated Device Techn...
IDT29FCT520A IDT-IDT29FCT520A Datasheet
58Kb / 8P
   MULTILEVEL PIPELINE REGISTER
logo
LOGIC Devices Incorpora...
L29C520 LODEV-L29C520 Datasheet
188Kb / 8P
   4 x 8-bit Multilevel Pipeline Register
logo
Texas Instruments
SN74ALS29818 TI1-SN74ALS29818 Datasheet
189Kb / 13P
[Old version datasheet]   8-BIT DIAGNOSTICS/PIPELINE REGISTERS
CY29FCT520T TI1-CY29FCT520T_15 Datasheet
215Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
LOGIC Devices Incorpora...
LPR520 LODEV-LPR520 Datasheet
162Kb / 5P
   4 x 16-bit Multilevel Pipeline Register
logo
Texas Instruments
CY29FCT520T TI1-CY29FCT520T_17 Datasheet
210Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
Alliance Semiconductor ...
128M-DDR1-AS4C8M16D1 ALSC-128M-DDR1-AS4C8M16D1 Datasheet
4Mb / 66P
   Internal pipeline architecture
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com