công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD592 bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện AD592
Giải thích chi tiết về linh kiện  LOW COST PRECISION IC TEMPERATURE TRANSDUCER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD592 bảng dữ liệu(HTML) 2 Page - Analog Devices

  AD592_15 Datasheet HTML 1Page - Analog Devices AD592_15 Datasheet HTML 2Page - Analog Devices AD592_15 Datasheet HTML 3Page - Analog Devices AD592_15 Datasheet HTML 4Page - Analog Devices AD592_15 Datasheet HTML 5Page - Analog Devices AD592_15 Datasheet HTML 6Page - Analog Devices AD592_15 Datasheet HTML 7Page - Analog Devices AD592_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ORDERING GUIDE
Max Cal
Max Error
Max Nonlinearity
Package
Model
Error @ +25 C
–25 C to +105 C
–25 C to +105 C
Option
AD592CN
0.5
°C
1.0
°C
0.35
°C
TO-92
AD592BN
1.0
°C
2.0
°C
0.4
°C
TO-92
AD592AN
2.5
°C
3.5
°C
0.5
°C
TO-92
AD592–SPECIFICATIONS
AD592AN
AD592BN
AD592CN
Model
Min
Typ
Max
Min
Typ
Max
Min Typ
Max
Units
ACCURACY
Calibration Error @ +25
°C1
1.5
2.5
0.7
1.0
0.3
0.5
°C
TA = 0
°C to +70°C
Error over Temperature
1.8
3.0
0.8
1.5
0.4
0.8
°C
Nonlinearity
2
0.15
0.35
0.1
0.25
0.05
0.15
°C
TA = –25
°C to +105°C
Error over Temperature
3
2.0
3.5
0.9
2.0
0.5
1.0
°C
Nonlinearity
2
0.25
0.5
0.2
0.4
0.1
0.35
°C
OUTPUT CHARACTERISTICS
Nominal Current Output
@ +25
°C (298.2K)
298.2
298.2
298.2
µA
Temperature Coefficient
1
1
1
µA/°C
Repeatability
4
0.1
0.1
0.1
°C
Long Term Stability
5
0.1
0.1
0.1
°C/month
ABSOLUTE MAXIMUM RATINGS
Operating Temperature
–25
+105
–25
+105
–25
+105
°C
Package Temperature
6
–45
+125
–45
+125
–45
+125
°C
Forward Voltage (+ to –)
44
44
44
V
Reverse Voltage (– to +)
20
20
20
V
Lead Temperature
(Soldering 10 sec)
300
300
300
°C
POWER SUPPLY
Operating Voltage Range
4
30
4
30
4
30
V
Power Supply Rejection
+4 V < VS < +5 V
0.5
0.5
0.5
°C/V
+5 V < VS < +15 V
0.2
0.2
0.2
°C/V
+15 V < VS < +30 V
0.1
0.1
0.1
°C/V
NOTES
1An external calibration trim can be used to zero the error @ +25
°C.
2Defined as the maximum deviation from a mathematically best fit line.
3Parameter tested on all production units at +105
°C only. C grade at –25°C also.
4Maximum deviation between +25
°C readings after a temperature cycle between –45°C and +125°C. Errors of this type are noncumulative.
5Operation @ +125
°C, error over time is noncumulative.
6Although performance is not specified beyond the operating temperature range, temperature excursions within the package temperature range will not damage the device.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min
and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
(typical @ TA = +25 C, VS = +5 V, unless otherwise noted)
TEMPERATURE SCALE CONVERSION EQUATIONS
METALIZATION DIAGRAM
66MILS
42MILS
V+
V–
REV. A
–2–
°R = °F +459.7
K =
°C +273.15
C = 5
9
( F –32)
F = 9
5
C +32


Số phần tương tự - AD592_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD592AN AD-AD592AN Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592AN AD-AD592AN Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592BN AD-AD592BN Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592BN AD-AD592BN Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
More results

Mô tả tương tự - AD592_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD592 AD-AD592 Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592BNZ AD-AD592BNZ Datasheet
778Kb / 8P
   LOW COST, PRECISION IC TEMPERATURE TRANSDUCER
REV. A
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592CNZ AD-AD592CNZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
TMP17 AD-TMP17 Datasheet
317Kb / 8P
   Low Cost, Current Output Temperature Transducer
REV. 0
logo
Zentrum Mikroelektronik...
TSIC-306 ZMD-TSIC-306 Datasheet
460Kb / 2P
   High Precision, Rapid Response, Low Cost Temperature Sensor IC
logo
Analog Devices
AD1403N AD-AD1403N Datasheet
84Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
AD1403 AD-AD1403 Datasheet
80Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
logo
Zentrum Mikroelektronik...
TSIC-101 ZMD-TSIC-101 Datasheet
168Kb / 3P
   Fast Response and Low-cost Temperature Sensor IC Temperature Sensor IC
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com