công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD592 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD592
Giải thích chi tiết về linh kiện  LOW COST PRECISION IC TEMPERATURE TRANSDUCER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD592 bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD592_15 Datasheet HTML 1Page - Analog Devices AD592_15 Datasheet HTML 2Page - Analog Devices AD592_15 Datasheet HTML 3Page - Analog Devices AD592_15 Datasheet HTML 4Page - Analog Devices AD592_15 Datasheet HTML 5Page - Analog Devices AD592_15 Datasheet HTML 6Page - Analog Devices AD592_15 Datasheet HTML 7Page - Analog Devices AD592_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD592
REV. A
–4–
THEORY OF OPERATION
The AD592 uses a fundamental property of silicon transistors
to realize its temperature proportional output. If two identical
transistors are operated at a constant ratio of collector current
densities, r, then the difference in base-emitter voltages will be
(kT/q)(ln r). Since both k, Boltzman’s constant and q, the
charge of an electron are constant, the resulting voltage is
directly Proportional To Absolute Temperature (PTAT). In the
AD592 this difference voltage is converted to a PTAT current
by low temperature coefficient thin film resistors. This PTAT
current is then used to force the total output current to be pro-
portional to degrees Kelvin. The result is a current source with
an output equal to a scale factor times the temperature (K) of
the sensor. A typical V-I plot of the circuit at +25
°C and the
temperature extremes is shown in Figure 1.
SUPPLY VOLTAGE – Volts
378
248
06
1
2345
298
+105oC
+25oC
–25oC
UP TO
30V
Figure 1. V-I Characteristics
Factory trimming of the scale factor to 1
µA/K is accomplished
at the wafer level by adjusting the AD592’s temperature reading
so it corresponds to the actual temperature. During laser trim-
ming the IC is at a temperature within a few degrees of 25
°C
and is powered by a 5 V supply. The device is then packaged
and automatically temperature tested to specification.
FACTORS AFFECTING AD592 SYSTEM PRECISION
The accuracy limits given on the Specifications page for the
AD592 make it easy to apply in a variety of diverse applications.
To calculate a total error budget in a given system it is impor-
tant to correctly interpret the accuracy specifications, non-
linearity errors, the response of the circuit to supply voltage
variations and the effect of the surrounding thermal environ-
ment. As with other electronic designs external component se-
lection will have a major effect on accuracy.
CALIBRATION ERROR, ABSOLUTE ACCURACY AND
NONLINEARITY SPECIFICATIONS
Three primary limits of error are given for the AD592 such that
the correct grade for any given application can easily be chosen
for the overall level of accuracy required. They are the calibra-
tion accuracy at +25
°C, and the error over temperature from
0
°C to +70°C and –25°C to +105°C. These specifications cor-
respond to the actual error the user would see if the current out-
put of an AD592 were converted to a voltage with a precision
resistor. Note that the maximum error at room temperature,
over the commercial IC temperature range, or an extended
range including the boiling point of water, can be directly read
from the specifications table. All three error limits are a combi-
nation of initial error, scale factor variation and nonlinearity de-
viation from the ideal 1
µA/K output. Figure 2 graphically
depicts the guaranteed limits of accuracy for an AD592CN.
TEMPERATURE – oC
+1.0
+0.5
–25
+105
0
+25
+70
0
–0.5
–1.0
MAXIMUM ERROR
OVER TEMPERATURE
TYPICAL ERROR
CALIBRATION
ERROR LIMIT
MAXIMUM ERROR
OVER TEMPERATURE
Figure 2. Error Specifications (AD592CN)
The AD592 has a highly linear output in comparison to older
technology sensors (i.e., thermistors, RTDs and thermo-
couples), thus a nonlinearity error specification is separated
from the absolute accuracy given over temperature. As a maxi-
mum deviation from a best-fit straight line this specification rep-
resents the only error which cannot be trimmed out. Figure 3 is
a plot of typical AD592CN nonlinearity over the full rated tem-
perature range.
TYPICAL NONLINEARITY
+0.2
+0.1
–25
+105
0
+25
+70
0
–0.1
–0.2
TEMPERATURE – oC
Figure 3. Nonlinearity Error (AD592CN)
TRIMMING FOR HIGHER ACCURACY
Calibration error at 25
°C can be removed with a single tempera-
ture trim. Figure 4 shows how to adjust the AD592’s scale fac-
tor in the basic voltage output circuit.


Số phần tương tự - AD592_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD592AN AD-AD592AN Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592AN AD-AD592AN Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592BN AD-AD592BN Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592BN AD-AD592BN Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
More results

Mô tả tương tự - AD592_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD592 AD-AD592 Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592BNZ AD-AD592BNZ Datasheet
778Kb / 8P
   LOW COST, PRECISION IC TEMPERATURE TRANSDUCER
REV. A
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592CNZ AD-AD592CNZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
TMP17 AD-TMP17 Datasheet
317Kb / 8P
   Low Cost, Current Output Temperature Transducer
REV. 0
logo
Zentrum Mikroelektronik...
TSIC-306 ZMD-TSIC-306 Datasheet
460Kb / 2P
   High Precision, Rapid Response, Low Cost Temperature Sensor IC
logo
Analog Devices
AD1403N AD-AD1403N Datasheet
84Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
AD1403 AD-AD1403 Datasheet
80Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
logo
Zentrum Mikroelektronik...
TSIC-101 ZMD-TSIC-101 Datasheet
168Kb / 3P
   Fast Response and Low-cost Temperature Sensor IC Temperature Sensor IC
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com