công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD557 bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện AD557
Giải thích chi tiết về linh kiện  DACPORT LOW COST COMPLETE P COMPATIBLE 8 BIT DAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD557 bảng dữ liệu(HTML) 2 Page - Analog Devices

  AD557_15 Datasheet HTML 1Page - Analog Devices AD557_15 Datasheet HTML 2Page - Analog Devices AD557_15 Datasheet HTML 3Page - Analog Devices AD557_15 Datasheet HTML 4Page - Analog Devices AD557_15 Datasheet HTML 5Page - Analog Devices AD557_15 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AD557–SPECIFICATIONS
Model
Min
Typ
Max
Unit
RESOLUTION
8
Bits
RELATIVE ACCURACY
0
°C to 70°C
± 1/2
1
LSB
OUTPUT
Ranges
0 to 2.56
V
Current Source
5
mA
Sink
Internal Passive
Pull-Down to Ground
2
OUTPUT SETTLING TIME
3
0.8
1.5
µs
FULL-SCALE ACCURACY
4
@ 25
°C
± 1.5
± 2.5
LSB
TMIN to TMAX
± 2.5
± 4.0
LSB
ZERO ERROR
@ 25
°C
± 1
LSB
TMIN to TMAX
± 3
LSB
MONOTONICITY
5
TMIN to TMAX
Guaranteed But Not Tested
DIGITAL INPUTS
TMIN to TMAX
Input Current
100
µA
Data Inputs, Voltage
Bit On—Logic “1”
2.0
V
Bit On—Logic “0”
0
0.8
V
Control Inputs, Voltage
On—Logic “1”
2.0
V
On—Logic “0”
0
0.8
V
Input Capacitance
4
pF
TIMING
6
tW Strobe Pulsewidth
225
ns
TMIN to TMAX
300
ns
tDH Data Hold Time
10
ns
TMIN to TMAX
10
ns
tDS Data Setup Time
225
ns
TMIN to TMAX
300
ns
POWER SUPPLY
Operating Voltage Range (VCC)
2.56 Volt Range
4.5
5.5
V
Current (ICC)15
25
mA
Rejection Ratio
0.03
%/%
POWER DISSIPATION, VCC = 5 V
75
125
mW
OPERATING TEMPERATURE RANGE
0
70
°C
NOTES
1 Relative Accuracy is defined as the deviation of the code transition points from the
ideal transfer point on a straight line from the offset to the full scale of the device.
See “Measuring Offset Error” on the AD558 data sheet.
2Passive pull-down resistance is 2 k
Ω.
3Settling time is specified for a positive-going full-scale step to
±1/2 LSB. Negative-
going steps to zero are slower, but can be improved with an external pull-down.
4The full-scale output voltage is 2.55 V and is guaranteed with a 5 V supply.
5A monotonic converter has a maximum differential linearity error of
±1 LSB.
6See Figure 7.
Specifications shown in boldface are tested on all production units at electrical test.
Specifications subject to change without notice.
(@ TA = 25 C, VCC = 5 V unless otherwise noted)
PIN CONFIGURATIONS
DIP
VOUT SENSE B
CS
CE
10
9
13
12
11
16
15
14
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD557
GND
VOUT SENSE A
VOUT
BIT 7
BIT 6
BIT 5
+VCC
GND
BIT 4
BIT 3
BIT 2
(MSB) BIT 1
(LSB) BIT 8
PLCC
20 19
1
2
3
4
5
6
7
8
9
10 11 12 13
TOP VIEW
(Not to Scale)
PIN 1
IDENTIFIER
18
14
15
16
17
BIT 6
BIT 5
NC
BIT 4
BIT 3
VOUT SENSE B
GND
NC
GND
+VCC
AD557
NC = NO CONNECT
REV. B
–2–
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD557JN
0
°C to 70°C
Plastic DIP
N-16
AD557JP
0
°C to 70°C
Plastic Leaded Chip Carrier P-20A
ABSOLUTE MAXIMUM RATINGS
*
VCC to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to 18 V
Digital Inputs (Pins 1–10) . . . . . . . . . . . . . . . . . . . 0 V to 7.0 V
VOUT . . . . . . . . . . . . . . . . . . . . . . . Indefinite Short to Ground
Momentary Short to VCC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 450 mW
Storage Temperature Range
N/P (Plastic) Packages . . . . . . . . . . . . . . . . –25
°C to +100°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300
°C
Thermal Resistance
Junction to Ambient/Junction to Case
N/P (Plastic) Packages . . . . . . . . . . . . . . . . . . 140/55
°C/W
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.


Số phần tương tự - AD557_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5570 AD-AD5570 Datasheet
963Kb / 24P
   True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. 0
AD5570 AD-AD5570 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5570ARS AD-AD5570ARS Datasheet
963Kb / 24P
   True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. 0
AD5570ARS-REEL AD-AD5570ARS-REEL Datasheet
963Kb / 24P
   True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. 0
AD5570ARS-REEL7 AD-AD5570ARS-REEL7 Datasheet
963Kb / 24P
   True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. 0
More results

Mô tả tương tự - AD557_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD558 AD-AD558_15 Datasheet
839Kb / 8P
   DACPORT LOW COST COMPLETE P COMPATIBLE 8 BIT DAC
REV. A
AD558JNZ AD-AD558JNZ Datasheet
839Kb / 8P
   DACPORT LOW COST, COMPLETE P-COMPATIBLE 8-BIT DAC
REV. A
AD557JNZ AD-AD557JNZ Datasheet
560Kb / 6P
   DACPORT Low Cost, Complete 關P-Compatible 8-Bit DAC
REV. B
AD557 AD-AD557 Datasheet
238Kb / 4P
   DACPORT, Low-Cost Complete mP-Compatible 8-Bit DAC
REV. A
AD558 AD-AD558 Datasheet
334Kb / 8P
   DACPORT Low Cost, Complete uP-Compatible 8-Bit DAC
REV. A
AD558KNZ AD-AD558KNZ Datasheet
839Kb / 8P
   DACPORT Low Cost, Complete UP-Compatible 8-Bit DAC
REV. A
AD558JPZ AD-AD558JPZ Datasheet
839Kb / 8P
   DACPORT Low Cost, Complete 쨉P-Compatible 8-Bit DAC
REV. A
AD558TD AD-AD558TD Datasheet
839Kb / 8P
   DACPORT Low Cost Complete UP-Compatible 8-Bit DAC
REV. A
AD557 AD-AD557_01 Datasheet
108Kb / 6P
   a DACPORT Low Cost, Complete uP-Compatible 8-Bit DAC
REV. B
AD558 AD-AD558_17 Datasheet
1Mb / 10P
   DACPORT Low Cost Complete P0compatible 8-Bit DAC
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com