công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD526 bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD526
Giải thích chi tiết về linh kiện  Software Programmable Gain Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD526 bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD526_15 Datasheet HTML 6Page - Analog Devices AD526_15 Datasheet HTML 7Page - Analog Devices AD526_15 Datasheet HTML 8Page - Analog Devices AD526_15 Datasheet HTML 9Page - Analog Devices AD526_15 Datasheet HTML 10Page - Analog Devices AD526_15 Datasheet HTML 11Page - Analog Devices AD526_15 Datasheet HTML 12Page - Analog Devices AD526_15 Datasheet HTML 13Page - Analog Devices AD526_15 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AD526
REV. D
–10–
GROUNDING AND BYPASSING
Proper signal and grounding techniques must be applied in
board layout so that specified performance levels of precision
data acquisition components, such as the AD526, are not
degraded.
As is shown in Figure 37, logic and signal grounds should be
separate. By connecting the signal source ground locally to the
AD526 analog ground Pins 5 and 6, gain accuracy of the
AD526 is maintained. This ground connection should not be
corrupted by currents associated with other elements within the
system.
GAIN
NETWORK
LATCHES AND LOGIC
DIGITAL
GROUND
AMP
VOUT
FORCE
VOUT
SENSE
ANALOG
GROUND 1
ANALOG
GROUND 2
+VS
–VS
AD526
VIN
+15V
–15V
0.1 F
0.1 F
0.1 F
0.1 F
1 F
+5V
AD574
12-BIT
A/D
CONVERTER
Figure 37. Grounding and Bypassing
OUT
FORCE
OUT
SENSE
0.1 F
–VS
0.1 F
+VS
+5V
A2
A1
A0
VIN
CLK
16
15
14
13
12
11
10
9
12
34
56
78
+
AD526
16
84
21
GAIN NETWORK
A1
A0
CS CLK
A2
B
LOGIC AND LATCHES
OUT
FORCE
OUT
SENSE
VOUT
0.1 F
–VS
0.1 F
+VS
+5V
16
15
14
13
12
11
10
9
12
34
56
78
+
AD526
16
84
21
GAIN NETWORK
A1
A0
CS CLK
A2
B
LOGIC AND LATCHES
Figure 38. Cascaded Operation
Utilizing the force and sense outputs of the AD526, as shown in
Figure 38, avoids signal drops along etch runs to low impedance
loads.
Table II. Logic Table for Figure 38
VOUT/VIN
A2
A1
A0
10
0
0
20
0
1
40
1
0
80
1
1
16
1
0
0
32
1
0
1
64
1
1
0
128
1
1
1


Số phần tương tự - AD526_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Elite Semiconductor Mem...
AD52651A ESMT-AD52651A Datasheet
170Kb / 3P
   2.5W/CH Stereo Filter-less Class-D Audio Amplifier with Headphone Driver
logo
Analog Devices
AD526 AD-AD526_16 Datasheet
560Kb / 15P
   Software Programmable Gain Amplifier
AD526 AD-AD526_17 Datasheet
498Kb / 15P
   Software Programmable Gain Amplifier
More results

Mô tả tương tự - AD526_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD526JNZ AD-AD526JNZ Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
AD526JNZ AD-AD526JNZ Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
AD526 AD-AD526_16 Datasheet
560Kb / 15P
   Software Programmable Gain Amplifier
AD526 AD-AD526_17 Datasheet
498Kb / 15P
   Software Programmable Gain Amplifier
AD526 AD-AD526 Datasheet
464Kb / 14P
   Software Programmable Gain Amplifier
REV. D
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
   Programmable Gain Amplifier
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
   Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100_08 Datasheet
1Mb / 30P
   Programmable Gain Amplifier
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017_12 Datasheet
520Kb / 17P
   Programmable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com