công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD215 bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện AD215
Giải thích chi tiết về linh kiện  120 kHz Bandwidth, Low Distortion, Isolation Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD215 bảng dữ liệu(HTML) 2 Page - Analog Devices

  AD215_15 Datasheet HTML 1Page - Analog Devices AD215_15 Datasheet HTML 2Page - Analog Devices AD215_15 Datasheet HTML 3Page - Analog Devices AD215_15 Datasheet HTML 4Page - Analog Devices AD215_15 Datasheet HTML 5Page - Analog Devices AD215_15 Datasheet HTML 6Page - Analog Devices AD215_15 Datasheet HTML 7Page - Analog Devices AD215_15 Datasheet HTML 8Page - Analog Devices AD215_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. 0
–2–
AD215–SPECIFICATIONS (Typical @ +25 C, V
S =
15 V dc, 2 k
output load, unless otherwise noted.)
AD215AY/BY
Parameter
Conditions
Min
Typ
Max
Units
GAIN
Range
1
1
10
V/V
Error
G = 1 V/V, No Load on VISO
±0.5
±2%
vs. Temperature
0
°C to +85°C
+15
ppm/
°C
–40
°C to 0°C
+50
ppm/
°C
vs. Supply Voltage
±(14.5 V dc to 16.5 V dc)
+100
ppm/V
vs. Isolated Supply Load
2
+20
ppm/mA
Nonlinearity
3
AD215BY Grade
±10 V Output Swing, G = 1 V/V
±0.005
±0.015
%
±10 V Output Swing, G = 10 V/V
±0.01
%
AD215AY Grade
±10 V Output Swing, G = 1 V/V
±0.01
± 0.025
%
±10 V Output Swing, G = 10 V/V
±0.025
%
INPUT VOLTAGE RATINGS
Input Voltage Rating
G = 1 V/V
±10
V
Maximum Safe Differential Range
IN+ or IN–, to IN COM
±15
V
CMRR of Input Op Amp
100
dB
Isolation Voltage Rating
4
Input to Output, AC, 60 Hz
AD215BY Grade
100% Tested
4
1500
V rms
AD215AY Grade
100% Tested
4
750
V rms
IMRR (Isolation Mode Rejection Ratio)
RS ≤ 100 Ω (IN+ & IN–), G = 1 V/V, 60 Hz
120
dB
RS 100
Ω (IN+ & IN–), G = 1 V/V, 1 kHz
100
dB
RS
≤ 100 Ω (IN+ & IN–), G = 1 V/V, 10 kHz
80
dB
RS ≤ 1 kΩ (IN+ & IN–), G = 1 V/V, 60 Hz
105
dB
RS
≤ 1 kΩ (IN+ & IN–), G = 1 V/V, 1 kHz
85
dB
RS
≤ 1 kΩ (IN+ & IN–), G = 1 V/V, 10 kHz
65
dB
Leakage Current, Input to Output
240 V rms, 60 Hz
2
µA rms
INPUT IMPEDANCE
Differential
G = 1 V/V
16
M
Common Mode
2 4.5
G
Ω pF
INPUT OFFSET VOLTAGE
Initial
@ +25
°C
±0.4
±2.0
mV
vs. Temperature
0
°C to +85°C
±2
µV/°C
–40
°C to 0°C
±20
µV/°C
OUTPUT OFFSET VOLTAGE
Initial
@ +25
°C, Trimmable to Zero
0
–35
–80
mV
vs. Temperature
0
°C to +85°C
±30
µV/°C
–40
°C to 0°C
±80
µV/°C
vs. Supply Voltage
±350
µV/V
vs. Isolated Supply Load
2
–35
µV/mA
INPUT BIAS CURRENT
Initial
@ +25
°C
300
nA
vs. Temperature
–40
°C to +85°C
±400
nA
INPUT DIFFERENCE CURRENT
Initial
@ +25
°C
±3nA
vs. Temperature
–40
°C to +85°C
±40
nA
INPUT VOLTAGE NOISE
Input Voltage Noise
Frequency > 10 Hz
20
nV/
√Hz
DYNAMIC RESPONSE (2 k
Ω Load)
Full Signal Bandwidth (–3 dB)
G = 1 V/V, 20 V pk-pk Signal
100
120
kHz
Transport Delay
6
2.2
µs
Slew Rate
±10 V Output Swing
6
V/
µs
Rise Time
10% to 90%,
±10 V Output Swing
3
µs


Số phần tương tự - AD215_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD21571WCSWZ4XX AD-AD21571WCSWZ4XX Datasheet
3Mb / 142P
   SHARC Dual-Core DSP with ARM Cortex-A5
AD21571WCSWZ5XX AD-AD21571WCSWZ5XX Datasheet
3Mb / 142P
   SHARC Dual-Core DSP with ARM Cortex-A5
AD215 AD-AD215_16 Datasheet
266Kb / 13P
   120 kHz Bandwidth, Low Distortion, Isolation Amplifier
More results

Mô tả tương tự - AD215_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD215 AD-AD215_16 Datasheet
266Kb / 13P
   120 kHz Bandwidth, Low Distortion, Isolation Amplifier
AD215 AD-AD215 Datasheet
234Kb / 12P
   120 kHz Bandwidth, Low Distortion, Isolation Amplifier
REV. 0
logo
Allegro MicroSystems
ACS716 ALLEGRO-ACS716_16 Datasheet
913Kb / 22P
   120 kHz Bandwidth, High-Voltage Isolation
ACS710 ALLEGRO-ACS710_16 Datasheet
946Kb / 23P
   120 kHz Bandwidth, High-Voltage Isolation
logo
Analog Devices
AD203SN AD-AD203SN Datasheet
776Kb / 12P
   Rugged, Military Temperature Range, 10 kHz Bandwidth Isolation Amplifier
REV. A
AD203SN AD-AD203SN_16 Datasheet
1Mb / 14P
   Rugged, Military Temperature Range, 1 0 kHz Bandwidth Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACS710KLATR-12CB-T AVAGO-ACS710KLATR-12CB-T Datasheet
461Kb / 22P
   120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
logo
Allegro MicroSystems
ACS710 ALLEGRO-ACS710 Datasheet
459Kb / 22P
   120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
ACS716 ALLEGRO-ACS716 Datasheet
486Kb / 22P
   120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
logo
SEC Electronics Inc.
SC212KSIT SECELECTRONICS-SC212KSIT Datasheet
1Mb / 13P
   120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com