công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD210 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD210
Giải thích chi tiết về linh kiện  Precision, Wide Bandwidth 3-Port Isolation Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD210 bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD210_15 Datasheet HTML 1Page - Analog Devices AD210_15 Datasheet HTML 2Page - Analog Devices AD210_15 Datasheet HTML 3Page - Analog Devices AD210_15 Datasheet HTML 4Page - Analog Devices AD210_15 Datasheet HTML 5Page - Analog Devices AD210_15 Datasheet HTML 6Page - Analog Devices AD210_15 Datasheet HTML 7Page - Analog Devices AD210_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD210
REV. A
–4–
low side of the signal source. This will not work if the source has
another current path to input common or if current flows in the
signal source LO lead. To minimize CMR degradation, keep the
resistor in series with the input LO below a few hundred ohms.
Figure 5 also shows the preferred gain adjustment circuit. The
circuit shows RF of 50 k
Ω, and will work for gains of ten or
greater. The adjustment becomes less effective at lower gains
(its effect is halved at G = 2) so that the pot will have to be a
larger fraction of the total RF at low gain. At G = 1 (follower)
the gain cannot be adjusted downward without compromising
input impedance; it is better to adjust gain at the signal source
or after the output.
Figure 6 shows the input adjustment circuit for use when the
input amplifier is configured in the inverting mode. The offset
adjustment nulls the voltage at the summing node. This is pref-
erable to current injection because it is less affected by subse-
quent gain adjustment. Gain adjustment is made in the feedback
and will work for gains from 1 V/V to 100 V/V.
19
15
16
17
18
30
29
+VOSS
AD210
+VISS
–VISS
+15V
2
3
4
–VOSS
VOUT
VSIG
14
200
47.5k
5k
100k
GAIN
OFFSET
50k
RS
1
Figure 6. Adjustments for Inverting Input
Figure 7 shows how offset adjustments can be made at the out-
put, by offsetting the floating output port. In this circuit,
±15 V
would be supplied by a separate source. The AD210’s output
amplifier is fixed at unity, therefore, output gain must be made
in a subsequent stage.
19
15
16
17
18
30
29
+VOSS
AD210
+VISS
–VISS
+15V
2
3
4
–VOSS
VOUT
14
200
1
0.1µF
100k
OFFSET
50k
+15V
–15V
Figure 7. Output-Side Offset Adjustment
PCB Layout for Multichannel Applications:
The unique
pinout positioning minimizes board space constraints for multi-
channel applications. Figure 8 shows the recommended printed
circuit board layout for a noninverting input configuration with
gain.
RF
RG
RF
RG
RF
RG
POWER
CHANNEL INPUTS
1
2
3
0.1"
GRID
CHANNEL OUTPUTS
1
2
3
Figure 8. PCB Layout for Multichannel Applications with
Gain
Synchronization:
The AD210 is insensitive to the clock of an
adjacent unit, eliminating the need to synchronize the clocks.
However, in rare instances channel to channel pick-up may
occur if input signal wires are bundled together. If this happens,
shielded input cables are recommended.
PERFORMANCE CHARACTERISTICS
Common-Mode Rejection:
Figure 9 shows the common-
mode rejection of the AD210 versus frequency, gain and input
source resistance. For maximum common-mode rejection of
unwanted signals, keep the input source resistance low and care-
fully lay out the input, avoiding excessive stray capacitance at
the input terminals.
180
140
40
10
20
50 60 100
200
500
1k
2k
5k
10k
160
100
120
60
80
FREQUENCY – Hz
R
LO = 0Ω
R
LO = 500Ω
R
LO = 0Ω
R
LO = 10kΩ
R
LO = 10kΩ
G = 100
G = 1
Figure 9. Common-Mode Rejection vs. Frequency


Số phần tương tự - AD210_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD210 AD-AD210_16 Datasheet
382Kb / 9P
   Precision, Wide Bandwidth 3-Port Isolation Amplifier
More results

Mô tả tương tự - AD210_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AC1059 AD-AC1059 Datasheet
301Kb / 8P
   Precision, Wide Bandwidth 3-Port Isolation Amplifier
REV. A
AD210 AD-AD210 Datasheet
472Kb / 8P
   Precision, Wide Bandwidth 3-Port Isolation Amplifier
REV. A
AD210 AD-AD210_16 Datasheet
382Kb / 9P
   Precision, Wide Bandwidth 3-Port Isolation Amplifier
logo
Intronics Power, Inc.
289 INTRONICS-289 Datasheet
1Mb / 6P
   Precision, Wide Bandwidth, Synchronized Isolation Amplifier
logo
List of Unclassifed Man...
289J ETC1-289J Datasheet
49Kb / 1P
   Precision, Wide Bandwidth, Synchronized Isolation Amplifier
logo
Analog Devices
AD289 AD-AD289 Datasheet
1Mb / 6P
   Precision, Wide Bandwidth, Synchronized Isolation Amplifier
logo
Texas Instruments
TL5580 TI-TL5580_06 Datasheet
243Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
TL5580 TI-TL5580 Datasheet
252Kb / 12P
[Old version datasheet]   DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
INA592 TI1-INA592 Datasheet
442Kb / 20P
[Old version datasheet]   High-Precision, Wide-Bandwidth e-trim Difference Amplifier
logo
Analog Devices
277 AD-277_15 Datasheet
1Mb / 4P
   Precision Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com