công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDD8445_F085 bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FDD8445_F085
Giải thích chi tiết về linh kiện  N-Channel PowerTrench MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8445_F085 bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FDD8445_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDD8445_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDD8445_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDD8445_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDD8445_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDD8445_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDD8445_F085 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250μA, VGS = 0V
40
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 32V
VGS = 0V
-
-
1
μA
TJ=150°C
-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(th)
Gate to Source Threshold Voltage
VDS = VGS, ID = 250μA
2
2.8
4
V
RDS(ON)
Drain to Source On Resistance
ID = 50A, VGS = 10V
-
6.7
8.7
m
Ω
ID = 50A, VGS = 10V,
TJ = 175°C
-
12.5
16.3
CISS
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1MHz
-
3040
4050
pF
COSS
Output Capacitance
-
295
390
pF
CRSS
Reverse Transfer Capacitance
-
178
270
pF
RG
Gate Resistance
f = 1MHz
-
1.7
-
Ω
Qg(TOT)
Total Gate Charge at 10V
VGS = 0 to 10V
VDD=20V,
ID = 50A
-
45
59
nC
Qg(5)
Total Gate Charge at 5V
VGS = 0 to 5V
-
17
22
nC
Qg(TH)
Threshold Gate Charge
VGS = 0 to 2V
-
5.8
7.6
nC
Qgs
Gate to Source Gate Charge
-
12.5
-
nC
Qgs2
Gate Charge Threshold to Plateau
-
9.5
-
nC
Qgd
Gate to Drain “Miller” Charge
-
10.5
-
nC
Absolute Maximum Ratings T
c = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
40
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current Continuous (VGS=10v) (Note 1)
70
A
Continuous (VGS=10v,with RθJA = 52oC/W)
15.2
A
Pulsed
Figure 4
EAS
SinglePulseAvalancheEnergy (Note2)
144
mJ
PD
Power Dissipation
79
W
Derate above 25oC0.53
W/oC
TJ, TSTG
Operating and Storage Temperature
-55 to +175
oC
RθJC
Thermal Resistance, Junction to Case
1.9
oC/W
RθJA
Thermal Resistance, Junction to Ambient TO-252, lin2 copper pad area
52
oC/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
_F085
12mm
2500 units
FDD8445
FDD8445
TO-252AA
13”
FDD8445
_F085 Rev A (W)


Số phần tương tự - FDD8445_F085

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
FDD8445-F085 ONSEMI-FDD8445-F085 Datasheet
1Mb / 6P
   N-Channel PowerTrench짰 MOSFET
September-2017, Rev. 2
More results

Mô tả tương tự - FDD8445_F085

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com