công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDD1600N10ALZD bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện FDD1600N10ALZD
Giải thích chi tiết về linh kiện  BoostPak (N-Channel PowerTrench짰 MOSFET Diode)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD1600N10ALZD bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  FDD1600N10ALZD Datasheet HTML 1Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 2Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 3Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 4Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 5Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 6Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 7Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 8Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
November 2013
©2013 Fairchild Semiconductor Corporation
FDD1600N10ALZD Rev. C2
www.fairchildsemi.com
1
FDD1600N10ALZD
BoostPak (N-Channel PowerTrench® MOSFET + Diode)
100 V, 6.8 A, 160 m
Ω
Features
•RDS(on) = 124 mΩ (Typ.) @ VGS = 10 V, ID = 3.4 A
•RDS(on) = 175 mΩ (Typ.) @ VGS = 5.0 V, ID = 2.1 A
• Low Gate Charge (Typ. 2.78 nC)
• Low Crss (Typ. 2.04 pF)
• Fast Switching
• 100% Avalanche Tested
• Improved dv/dt Capability
• RoHS Compliant
Description
This N-Channel MOSFET is produced using Fairchild Semicon-
ductor’s PowerTrench® process that has been tailored to mini-
mize the on-state resistance while maintaining superior
switching performance.
The NP diode is hyperfast rectifier with low forward voltage drop
and excellent switching performance.
Applications
• LED Monitor Backlight
• LED TV Backlight
• LED Lighting
• Consumer Appliances,
DC-DC converter (Step up & Step down)
1
2
3
TO252-5L
4
5
1. Gate
2. Source
3. Drain / Anode
4. Cathode
5. Cathode
3
4,5
1
2
Maximum Ratings T
C = 25
oC unless otherwise noted.
Thermal Characteristics
Symbol
Parameter
FDD1600N10ALZD
Unit
VDSS
Drain to Source Voltage
100
V
VGSS
Gate to Source Voltage
±20
V
ID
Drain Current
- Continuous (TC = 25oC)
6.8
A
- Continuous (TC = 100oC)
4.3
IDM
Drain Current
- Pulsed
(Note 1)
13.6
A
EAS
Single Pulsed Avalanche Energy
(Note 2)
5.08
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
6.0
V/ns
PD
Power Dissipation
(TC = 25oC)
14.9
W
- Derate Above 25oC0.12
W/oC
IF
Diode Continuous Forward Current (TC = 124oC)
4
A
IFM
Diode Maximum Forward Current
40
A
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temperature for Soldering, 1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
FDD1600N10ALZD
Unit
RθJC
Thermal Resistance, Junction to Case for MOSFET, Max.
8.4
oC/W
RθJC
Thermal Resistance, Junction to Case for Diode, Max.
3.3
RθJA
Thermal Resistance, Junction to Ambient, Max.
87


Số phần tương tự - FDD1600N10ALZD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDD1600N10ALZ FAIRCHILD-FDD1600N10ALZ Datasheet
1Mb / 10P
   Consumer Appliances
logo
Guangdong Youtai Semico...
FDD1600N10ALZ UMW-FDD1600N10ALZ Datasheet
624Kb / 6P
   100 V N-ChannelMOSFET
More results

Mô tả tương tự - FDD1600N10ALZD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDD850N10LD FAIRCHILD-FDD850N10LD Datasheet
813Kb / 11P
   BoostPak (N-Channel PowerTrench짰 MOSFET Diode)
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com