công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OP181 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện OP181
Giải thích chi tiết về linh kiện  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

OP181 bảng dữ liệu(HTML) 3 Page - Analog Devices

  OP181_15 Datasheet HTML 1Page - Analog Devices OP181_15 Datasheet HTML 2Page - Analog Devices OP181_15 Datasheet HTML 3Page - Analog Devices OP181_15 Datasheet HTML 4Page - Analog Devices OP181_15 Datasheet HTML 5Page - Analog Devices OP181_15 Datasheet HTML 6Page - Analog Devices OP181_15 Datasheet HTML 7Page - Analog Devices OP181_15 Datasheet HTML 8Page - Analog Devices OP181_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
–3–
REV. 0
OP181/OP281/OP481
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
Note 1
0.1
1.5
mV
–40
°C ≤ T
A
≤ +85°C
2.5
mV
Input Bias Current
IB
–40
°C ≤ T
A
≤ +85°C3
10
nA
Input Offset Current
IOS
–40
°C ≤ T
A ≤ +85°C
0.1
7
nA
Input Voltage Range
0
4
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 4.0 V,
–40
°C ≤ T
A ≤ +85°C65
90
dB
Large Signal Voltage Gain
AVO
RL = 1 M
Ω , V
O = 0.5 V to 4.5 V
5
15
V/mV
–40
°C ≤ T
A
≤ +85°C
2
V/mV
Offset Voltage Drift
∆V
OS/∆T
–40
°C to +85°C10
µV/°C
Bias Current Drift
∆I
B/
∆T
20
pA/
°C
Offset Current Drift
∆I
OS/
∆T
2
pA/
°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 100 k
Ω to GND,
–40
°C ≤ T
A ≤ +85°C
4.925
4.96
V
Output Voltage Low
VOL
RL = 100 k
Ω to V+,
–40
°C ≤ T
A
≤ +85°C25
75
mV
Short Circuit Limit
ISC
±3.5
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 12 V,
–40
°C ≤ T
A
≤ +85°C76
95
dB
Supply Current/Amplifier
ISY
VO = 0 V
3.2
4
µA
–40
°C ≤ T
A
≤ +85°C5
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 100 k
Ω, C
L = 50 pF
27
V/ms
Saturation Recovery Time
120
µs
Gain Bandwidth Product
GBP
100
kHz
Phase Margin
φo
74
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
10
µV p-p
Voltage Noise Density
en
f = 1 kHz
75
nV/
√Hz
Current Noise Density
in
<1
pA/
√Hz
NOTES
1V
OS is tested under a no load condition.
Specifications subject to change without notice.
(@ VS = +5.0 V, VCM = 2.5 V, TA = +25 C unless otherwise noted
1)
OBSOLETE


Số phần tương tự - OP181_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
OP181GP AD-OP181GP Datasheet
448Kb / 16P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. 0
OP181GS AD-OP181GS Datasheet
448Kb / 16P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. 0
More results

Mô tả tương tự - OP181_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
OP281 AD-OP281_07 Datasheet
446Kb / 20P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. C
OP281 AD-OP281 Datasheet
963Kb / 16P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. B
OP181 AD-OP181 Datasheet
448Kb / 16P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. 0
OP281 AD-OP281_15 Datasheet
396Kb / 20P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
OP481 AD-OP481_15 Datasheet
396Kb / 20P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
   Output Rail-to-Rail Operational Amplifiers
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
   Output rail-to-rail operational amplifiers
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
[Old version datasheet]   Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com