công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADXL50 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADXL50
Giải thích chi tiết về linh kiện  Monolithic Accelerometer With Signal Conditioning
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADXL50 bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADXL50_15 Datasheet HTML 1Page - Analog Devices ADXL50_15 Datasheet HTML 2Page - Analog Devices ADXL50_15 Datasheet HTML 3Page - Analog Devices ADXL50_15 Datasheet HTML 4Page - Analog Devices ADXL50_15 Datasheet HTML 5Page - Analog Devices ADXL50_15 Datasheet HTML 6Page - Analog Devices ADXL50_15 Datasheet HTML 7Page - Analog Devices ADXL50_15 Datasheet HTML 8Page - Analog Devices ADXL50_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Monolithic Accelerometer
With Signal Conditioning
ADXL50*
FEATURES
Complete Acceleration Measurement System
on a Single Monolithic IC
Full-Scale Measurement Range:
50 g
Self-Test on Digital Command
+5 V Single Supply Operation
Sensitivity Precalibrated to 19 mV/g
Internal Buffer Amplifier for User Adjustable Sensitivity
and Zero-g Level
Frequency Response: DC to 10 kHz
Post Filtering with External Passive Components
High Shock Survival: >2000 g Unpowered
Other Versions Available: ADXL05 ( 5 g)
FUNCTIONAL BLOCK DIAGRAM
*Patents pending.
For convenience, the ADXL50 has an internal buffer amplifier
with a full 0.25 V to 4.75 V output range. This may be used to
set the zero-g level and change the output sensitivity by using
external resistors. External capacitors may be added to the resis-
tor network to provide 1 or 2 poles of filtering. No external
active components are required to interface directly to most
analog-to-digital converters (ADCs) or microcontrollers.
The ADXL50 uses a capacitive measurement method. The ana-
log output voltage is directly proportional to acceleration, and is
fully scaled, referenced and temperature compensated, resulting
in high accuracy and linearity over a wide temperature range.
Internal circuitry implements a forced-balance control loop that
improves accuracy by compensating for any mechanical sensor
variations.
The ADXL50 is powered from a standard +5 V supply and is
robust for use in harsh industrial and automotive environments
and will survive shocks of more than 2000 g unpowered.
The ADXL50 is available in a hermetic 10-pin TO-100 metal
can, specified over the 0
°C to +70°C commercial, and –40°C to
+85
°C industrial temperature ranges. Contact factory for avail-
ability of devices specified for operation over the –40
°C to
+105
°C automotive temperature range.
GENERAL DESCRIPTION
The ADXL50 is a complete acceleration measurement system on
a single monolithic IC. Three external capacitors and a +5 volt
power supply are all that is required to measure accelerations up
to
± 50 g. Device sensitivity is factory trimmed to 19 mV/g,
resulting in a full-scale output swing of
±0.95 volts for a ±50 g
applied acceleration. Its zero g output level is +1.8 volts.
A TTL compatible self-test function can electrostatically deflect
the sensor beam at any time to verify device functionality.
VREF
OUTPUT
VOUT
DEMODULATOR
REFERENCE
SENSOR
+1.8V
BUFFER
AMP
PREAMP
OSCILLATOR
ADXL50
C2
OSCILLATOR
DECOUPLING
CAPACITOR
SELF TEST
(ST)
C3
+5V
DEMODULATOR
CAPACITOR
C1
C1
COM
R1
VPR
VIN–
R3
R2
+3.4V
4
7
5
1
2
3
8
10
9
6
© Analog Devices, Inc., 1996
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
OBSOLETE


Số phần tương tự - ADXL50_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL50AH AD-ADXL50AH Datasheet
286Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL50JH AD-ADXL50JH Datasheet
286Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
More results

Mô tả tương tự - ADXL50_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL50 AD-ADXL50 Datasheet
286Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
   Single Chip Accelerometer with Signal Conditioning
REV. B
ADXL05 AD-ADXL05 Datasheet
281Kb / 20P
   -1 g to -5 g Single Chip Accelerometer with Signal Conditioning
REV. B
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
logo
MORNSUN Science& Techno...
T797HL MORNSUN-T797HL_15 Datasheet
1Mb / 6P
   Signal conditioning module
logo
Analog Devices
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
logo
Honeywell Solid State E...
DC005NDC4 HONEYWELL-DC005NDC4 Datasheet
129Kb / 4P
   Signal Conditioning: Amplified
logo
National Instruments Co...
PXI-1050 NI-PXI-1050 Datasheet
334Kb / 5P
   PXI Chassis with Integrated Signal Conditioning
logo
Analog Devices
AD7710AR-REEL7 AD-AD7710AR-REEL7 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com